Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TLC5940-EP Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TLC5940-EP
Descripción Electrónicos  16-CHANNEL LED DRIVER WITH DOT CORRECTION AND GRAYSCALE PWM CONTROL
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TLC5940-EP Datasheet(HTML) 11 Page - Texas Instruments

Back Button TLC5940-EP Datasheet HTML 7Page - Texas Instruments TLC5940-EP Datasheet HTML 8Page - Texas Instruments TLC5940-EP Datasheet HTML 9Page - Texas Instruments TLC5940-EP Datasheet HTML 10Page - Texas Instruments TLC5940-EP Datasheet HTML 11Page - Texas Instruments TLC5940-EP Datasheet HTML 12Page - Texas Instruments TLC5940-EP Datasheet HTML 13Page - Texas Instruments TLC5940-EP Datasheet HTML 14Page - Texas Instruments TLC5940-EP Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 33 page
background image
SOUT
OUTn
t ,t ,t
r0
f0
pd0
t ,t ,t
,t
,t
,t
,t
,t
r1
f1
pd1
pd2
pd3
pd4
pd5
d
V
O =4V
Testpoint
C =15pF
L
Testpoint
R =51W
L
C =15pF
L
V
=1V
O
OUTn
V
=1Vto3V
O
OUTn
IREF
R
470k
(IREG)
Testpoint
V(IREF)
VCC
XERR
tpd3
I
, I
, I
, I
, I
O(LC)
O(LC0)
O(LC1)
O(LC2)
O(LC3)
D
D
D
D
DIO(LC4)
=640W
TLC5940-EP
www.ti.com
SLVSA51D – MARCH 2010 – REVISED MAY 2010
PARAMETER MEASUREMENT INFORMATION (continued)
Figure 3. Parameter Measurement Circuits
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): TLC5940-EP


Número de pieza similar - TLC5940-EP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TLC5940 TI-TLC5940 Datasheet
1Mb / 29P
[Old version datasheet]   16 CHANNEL LED DRIVER WITH DOT CORRECTION AND GRAYSCALE PWM CONTROL
TLC59401 TI-TLC59401 Datasheet
930Kb / 29P
[Old version datasheet]   16-CHANNEL LED DRIVER WITH DOT CORRECTION AND GRAYSCALE PWM CONTROL
TLC59401PWP TI-TLC59401PWP Datasheet
930Kb / 29P
[Old version datasheet]   16-CHANNEL LED DRIVER WITH DOT CORRECTION AND GRAYSCALE PWM CONTROL
TLC59401PWPR TI-TLC59401PWPR Datasheet
930Kb / 29P
[Old version datasheet]   16-CHANNEL LED DRIVER WITH DOT CORRECTION AND GRAYSCALE PWM CONTROL
TLC59401RHB TI-TLC59401RHB Datasheet
930Kb / 29P
[Old version datasheet]   16-CHANNEL LED DRIVER WITH DOT CORRECTION AND GRAYSCALE PWM CONTROL
More results

Descripción similar - TLC5940-EP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TLC5941 TI-TLC5941 Datasheet
513Kb / 23P
[Old version datasheet]   16-CHANNEL LED DRIVER WITH DOT CORRECTION AND GRAYSCALE PWM CONTROL
TLC5941 TI1-TLC5941_16 Datasheet
1Mb / 34P
[Old version datasheet]   16-CHANNEL LED DRIVER WITH DOT CORRECTION AND GRAYSCALE PWM CONTROL
TLC5945 TI1-TLC5945_16 Datasheet
1Mb / 30P
[Old version datasheet]   16-CHANNEL LED DRIVER WITH DOT CORRECTION AND GRAYSCALE PWM CONTROL
TLC59401 TI-TLC59401 Datasheet
930Kb / 29P
[Old version datasheet]   16-CHANNEL LED DRIVER WITH DOT CORRECTION AND GRAYSCALE PWM CONTROL
TLC5941 TI1-TLC5941_17 Datasheet
1Mb / 34P
[Old version datasheet]   16-CHANNEL LED DRIVER WITH DOT CORRECTION AND GRAYSCALE PWM CONTROL
TLC5941-Q1 TI-TLC5941-Q1 Datasheet
827Kb / 27P
[Old version datasheet]   16-CHANNEL LED DRIVER WITH DOT CORRECTION AND GRAYSCALE PWM CONTROL
TLC5940 TI-TLC5940 Datasheet
1Mb / 29P
[Old version datasheet]   16 CHANNEL LED DRIVER WITH DOT CORRECTION AND GRAYSCALE PWM CONTROL
TLC5945 TI-TLC5945 Datasheet
999Kb / 29P
[Old version datasheet]   16-CHANNEL LED DRIVER WITH DOT CORRECTION AND GRAYSCALE PWM CONTROL
logo
ams AG
AS1121 AMSCO-AS1121 Datasheet
976Kb / 22P
   16-Channel LED Driver with Dot Correction and Greyscale PWM
AS1112 AMSCO-AS1112 Datasheet
116Kb / 2P
   16-Channel LED Driver with Dot Correction and Greyscale PWM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com