Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TLC2274QPWRQ1 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TLC2274QPWRQ1
Descripción Electrónicos  ADVANCED LinCMOS??RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TLC2274QPWRQ1 Datasheet(HTML) 3 Page - Texas Instruments

  TLC2274QPWRQ1 Datasheet HTML 1Page - Texas Instruments TLC2274QPWRQ1 Datasheet HTML 2Page - Texas Instruments TLC2274QPWRQ1 Datasheet HTML 3Page - Texas Instruments TLC2274QPWRQ1 Datasheet HTML 4Page - Texas Instruments TLC2274QPWRQ1 Datasheet HTML 5Page - Texas Instruments TLC2274QPWRQ1 Datasheet HTML 6Page - Texas Instruments TLC2274QPWRQ1 Datasheet HTML 7Page - Texas Instruments TLC2274QPWRQ1 Datasheet HTML 8Page - Texas Instruments TLC2274QPWRQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 39 page
background image
TLC2272-Q1 , TLC2272A-Q1
TLC2274-Q1, TLC2274A-Q1
www.ti.com
SGLS007E
– FEBRUARY 2003 – REVISED JANUARY 2012
Actual Device Component Count(1)
COMPONENT
TLC2272
TLC2274
Transistors
38
76
Resistors
26
52
Diodes
9
18
Capacitors
3
6
(1)
Includes both amplifiers and all ESD, bias, and trim circuitry
ABSOLUTE MAXIMUM RATINGS
(1)
over operating free-air temperature range (unless otherwise noted)
VALUE
UNIT
VDD+
Supply voltage(2)
8
V
VDD−
Supply voltage(2)
−8
V
VID
Differential input voltage(3)
±16
V
VI
Input voltage range(2)
Any input
VDD− − 0.3 to VDD+
V
II
Input current
Any input
±5
mA
IO
Output current
±50
mA
Total current into VDD+
±50
mA
Total current out of VDD−
±50
mA
Duration of short-circuit current at (or below) 25
°C(4)
unlimited
Continuous total dissipation
See Dissipation Ratings
TA
Operating free-air temperature range
-40
°C to 125°C
°C
Tstg
Storage temperature range
−65 to 150
°C
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
D or PW package
260
°C
(1)
Stresses beyond those listed under
“absolute maximum ratings” may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under
“recommended operating
conditions
” is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values, except differential voltages, are with respect to the midpoint between VDD+ and VDD −.
(3)
Differential voltages are at IN+ with respect to IN −. Excessive current will flow if input is brought below VDD− − 0.3 V.
(4)
The output may be shorted to either supply. Temperature and/or supply voltages must be limited to ensure that the maximum dissipation
rating is not exceeded.
DISSIPATION RATINGS
DERATING
TA ≤ 25°C
TA = 70°C
TA = 85°C
TA = 125°C
PACKAGE
FACTOR
POWER RATING
POWER RATING
POWER RATING
POWER RATING
ABOVE TA = 25°C
D-8
725 mW
5.8 mW/
°C
464 mW
337 mW
145 mW
D-14
950 mW
7.6 mW/
°C
608 mW
494 mW
190 mW
D-14
525 mW
4.2 mW/
°C
336 mW
273 mW
105 mW
D-14
700 mW
5.6 mW/
°C
448 mW
364 mW
-
RECOMMENDED OPERATING CONDITIONS
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VDD±
Supply voltage
±2.2
±8
V
VI
Input voltage
VDD−
VDD+ −1.5
V
VIC
Common-mode input voltage
VDD−
VDD+ −1.5
V
TA
Operating free-air temperature
−40
125
°C
Copyright
© 2003–2012, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): TLC2272-Q1 TLC2272A-Q1 TLC2274-Q1 TLC2274A-Q1


Número de pieza similar - TLC2274QPWRQ1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TLC2274QPWRQ1 TI-TLC2274QPWRQ1 Datasheet
635Kb / 35P
[Old version datasheet]   ADVANCED LINCMOS RAIL-TO -RAIL OPERATIONAL AMPLIFIERS
TLC2274QPWRQ1 TI1-TLC2274QPWRQ1 Datasheet
1Mb / 43P
[Old version datasheet]   Advanced LinCMOS Rail-To-Rail Operational Amplifiers
More results

Descripción similar - TLC2274QPWRQ1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TLC2272A-Q1 TI-TLC2272A-Q1 Datasheet
1Mb / 44P
[Old version datasheet]   ADVANCED LinCMOS??RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLV226X TI-TLV226X_07 Datasheet
1Mb / 58P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLV226X TI-TLV226X_08 Datasheet
1Mb / 57P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLV2262-Q1 TI1-TLV2262-Q1 Datasheet
694Kb / 39P
[Old version datasheet]   Advanced LinCMOS??RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLC2272 TI1-TLC2272 Datasheet
2Mb / 63P
[Old version datasheet]   Advanced LinCMOS Rail-to-Rail Operational Amplifiers
TLC226X TI-TLC226X Datasheet
932Kb / 59P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLC2274A TI-TLC2274A Datasheet
619Kb / 33P
[Old version datasheet]   ADVANCED LINCMOS RAIL TO RAIL OPERATIONAL AMPLIFIERS
TLC227X-EP TI1-TLC227X-EP Datasheet
1Mb / 40P
[Old version datasheet]   ADVANCED LINCMOS RAIL TO RAIL OPERATIONAL AMPLIFIERS
TLV2262A-Q1 TI1-TLV2262A-Q1_16 Datasheet
1Mb / 43P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLC227X TI-TLC227X_07 Datasheet
1Mb / 67P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLC2272A-EP TI1-TLC2272A-EP Datasheet
993Kb / 39P
[Old version datasheet]   Advanced LinCMOS??RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com