Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPIC84000TPWPRQ1 Datasheet(PDF) 6 Page - Texas Instruments

No. de pieza TPIC84000TPWPRQ1
Descripción Electrónicos  LOW-FREQUENCY ANTENNA DRIVER FOR PASSIVE START AND PASSIVE ENTRY
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPIC84000TPWPRQ1 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPIC84000TPWPRQ1 Datasheet HTML 2Page - Texas Instruments TPIC84000TPWPRQ1 Datasheet HTML 3Page - Texas Instruments TPIC84000TPWPRQ1 Datasheet HTML 4Page - Texas Instruments TPIC84000TPWPRQ1 Datasheet HTML 5Page - Texas Instruments TPIC84000TPWPRQ1 Datasheet HTML 6Page - Texas Instruments TPIC84000TPWPRQ1 Datasheet HTML 7Page - Texas Instruments TPIC84000TPWPRQ1 Datasheet HTML 8Page - Texas Instruments TPIC84000TPWPRQ1 Datasheet HTML 9Page - Texas Instruments TPIC84000TPWPRQ1 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
0
VS
0
VS/2
VS
Out 1
Out 2
Time
(µs)
Start
119
( V )
Data
0
1
1
0
1
0
239
358
478
597
717
4.2 kBaud (Manchester encoded "100")
VS/2
TPIC84134-Q1
SLDS176 – AUGUST 2010
www.ti.com
To function properly the following conditions must be satisfied:
The incoming clock (CLK_IN) has to be provided for at least 4 cycles of the internal clock after writing to
Configuration register via SPI
In the case of a wake up command (i.e. sleep bit = 0 in the Config Reg), CLK_IN has to be provided during
124 additional cycles of the internal clock for fault blanking after writing the Config Register. During that time:
Data1 buffer cannot be written to if sending mode bit in Config Reg is set to 1 (autosend mode).
SPI command "Start Transmission" cannot be programmed
In the case of CSR read and if a fault is cleared then, CLK_IN also has to be provided during a total of 128
clock cycles for the same reason of fault blanking.
CLK_IN electrical levels:
When the CLK_IN is OFF, the electrical level should be high (typically 5V)
The clock should be turned OFF after a low to high transition of CLK_IN
Sine Wave Generation
The sine wave generation block generates the 134.2 kHz sine wave from the internal clock. This sine wave is
used to generate the carrier frequency which is used for transmitting the signal as well as Destroy bits.
Note that the Destroy bits consist of bringing the selected channel to VS/2, transmitting a small number of bits
(1-4 programmable through SPI) at a reduced peak-to-peak voltage, then the channel is grounded again (HS off,
LS on). The purpose of the destroy bits is to actively stop any unwanted transmission signal that may be present
on the antenna due to coupling from the transmitting antenna.
For example, Figure 2 shows the first 6 Transmitted Bits (3 Manchester Bits) of a telegram together with three
destroy bits on the non-active outputs. The counter for start of destroy bits is set to 3, and it starts counting down
at the beginning of the transmission telegram denoted by "start" in the below diagram.
Figure 2. Transmitted Telegram Sample With Destroy Bits
6
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s): TPIC84134-Q1


Número de pieza similar - TPIC84000TPWPRQ1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPIC84000TPWPRQ1 TI1-TPIC84000TPWPRQ1 Datasheet
839Kb / 29P
[Old version datasheet]   LOW-FREQUENCY ANTENNA DRIVER FOR PASSIVE START AND PASSIVE ENTRY
TPIC84000TPWPRQ1 TI-TPIC84000TPWPRQ1 Datasheet
1,022Kb / 29P
[Old version datasheet]   LOW-FREQUENCY ANTENNA DRIVER FOR PASSIVE START AND PASSIVE ENTRY
More results

Descripción similar - TPIC84000TPWPRQ1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPIC84000-Q1 TI1-TPIC84000-Q1 Datasheet
839Kb / 29P
[Old version datasheet]   LOW-FREQUENCY ANTENNA DRIVER FOR PASSIVE START AND PASSIVE ENTRY
TPIC84125TPWPRQ1 TI-TPIC84125TPWPRQ1 Datasheet
1,022Kb / 29P
[Old version datasheet]   LOW-FREQUENCY ANTENNA DRIVER FOR PASSIVE START AND PASSIVE ENTRY
TRF4140-Q1 TI1-TRF4140-Q1 Datasheet
395Kb / 12P
[Old version datasheet]   Abstract Low-Frequency Transceiver for Immobilizer, Passive Start, Passive Entry, and Wireless Charging Systems
logo
Taoglas antenna solutio...
TG080113 TAOGLAS-TG080113 Datasheet
3Mb / 26P
   Monopole Passive Antenna Broadband frequency range for cellular and GNSS
TG.08.0113 TAOGLAS-TG.08.0113 Datasheet
3Mb / 26P
   Monopole Passive Antenna
TG.08.0113-2 TAOGLAS-TG.08.0113-2 Datasheet
8Mb / 62P
   Monopole Passive Antenna
logo
Maxtena Inc.
M1516HCT-GN MAXTENA-M1516HCT-GN Datasheet
827Kb / 4P
   GPS/GLONASS PASSIVE ANTENNA
REV A
MEA-1621-AM MAXTENA-MEA-1621-AM Datasheet
1Mb / 3P
   IRIDIUM CERTIFIED PASSIVE ANTENNA
REV A
MEA-1621 MAXTENA-MEA-1621 Datasheet
442Kb / 3P
   IRIDIUM CERTIFIED PASSIVE ANTENNA
REV A
logo
API Technologies Corp
X2 APITECH-X2 Datasheet
161Kb / 1P
   Passive Frequency Doublers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com