Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS2210APWP Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS2210APWP
Descripción Electrónicos  PC CARD??POWER-INTERFACE SWITCH WITH RESER FOR SERIAL PCMCIA CONTROLLER
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2210APWP Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS2210APWP Datasheet HTML 5Page - Texas Instruments TPS2210APWP Datasheet HTML 6Page - Texas Instruments TPS2210APWP Datasheet HTML 7Page - Texas Instruments TPS2210APWP Datasheet HTML 8Page - Texas Instruments TPS2210APWP Datasheet HTML 9Page - Texas Instruments TPS2210APWP Datasheet HTML 10Page - Texas Instruments TPS2210APWP Datasheet HTML 11Page - Texas Instruments TPS2210APWP Datasheet HTML 12Page - Texas Instruments TPS2210APWP Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 37 page
background image
TPS2204A
TPS2206A
TPS2210A
SLVS449A − DECEMBER 2002 − REVISED MAY 2003
www.ti.com
9
TABLE OF GRAPHS
FIGURE
Short-circuit response, short applied to powered-on 5-V xVCC-switch output
vs Time
3
Short-circuit response, short applied to powered-on 12-V xVPP-switch output
vs Time
4
OC response with ramped overcurrent-limit load on 5-V xVCC-switch output
vs Time
5
OC response with ramped overcurrent-limit load on 12-V xVPP-switch output
vs Time
6
Turnon propagation delay time, xVCC (CL = 150 µF)
vs Junction temperature
7
Turnoff propagation delay time, xVCC (CL = 150 µF)
vs Junction temperature
8
Turnon propagation delay time, xVPP (CL = 10 µF)
vs Junction temperature
9
Turnoff propagation delay time, xVPP (CL = 10 µF)
vs Junction temperature
10
Turnon propagation delay time, xVCC (TJ = 25°C)
vs Load capacitance
11
Turnoff propagation delay time, xVCC (TJ = 25°C)
vs Load capacitance
12
Turnon propagation delay time, xVPP (TJ = 25°C)
vs Load capacitance
13
Turnoff propagation delay time, xVPP (TJ = 25°C)
vs Load capacitance
14
Rise time, xVCC (CL = 150 µF)
vs Junction temperature
15
Fall time, xVCC (CL = 150 µF)
vs Junction temperature
16
Rise time, xVPP (CL = 10 µF)
vs Junction temperature
17
Fall time, xVPP (CL = 10 µF)
vs Junction temperature
18
Rise time, xVCC (TJ = 25°C)
vs Load capacitance
19
Fall time, xVCC (TJ = 25°C)
vs Load capacitance
20
Rise time, xVPP (TJ = 25°C)
vs Load capacitance
21
Fall time, xVPP (TJ = 25°C)
vs Load capacitance
22
Figure 3
SHORT-CIRCUIT RESPONSE,
SHORT APPLIED TO POWERED-ON 5-V
xVCC-SWITCH OUTPUT
vs
TIME
100
200
300
400
500
t − Time −
µs
0
VO(/OC)
5 V/div
IO(VCC)
5 A/div
VIN(5V)
2 V/div
Figure 4
SHORT-CIRCUIT RESPONSE,
SHORT APPLIED TO POWERED-ON 12-V
xVPP-SWITCH OUTPUT
vs
TIME
1
234
5
t − Time − ms
0
VO(/OC)
2 V/div
IO(xVPP)
2 A/div


Número de pieza similar - TPS2210APWP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS2210APWP TI1-TPS2210APWP Datasheet
973Kb / 34P
[Old version datasheet]   PC CARD POWER-INTERFACE SWITCH WITH RESET FOR SERIAL PCMCIA CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com