Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS2210APWP Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS2210APWP
Descripción Electrónicos  PC CARD??POWER-INTERFACE SWITCH WITH RESER FOR SERIAL PCMCIA CONTROLLER
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2210APWP Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS2210APWP Datasheet HTML 6Page - Texas Instruments TPS2210APWP Datasheet HTML 7Page - Texas Instruments TPS2210APWP Datasheet HTML 8Page - Texas Instruments TPS2210APWP Datasheet HTML 9Page - Texas Instruments TPS2210APWP Datasheet HTML 10Page - Texas Instruments TPS2210APWP Datasheet HTML 11Page - Texas Instruments TPS2210APWP Datasheet HTML 12Page - Texas Instruments TPS2210APWP Datasheet HTML 13Page - Texas Instruments TPS2210APWP Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 37 page
background image
TPS2204A
TPS2206A
TPS2210A
SLVS449A − DECEMBER 2002 − REVISED MAY 2003
www.ti.com
10
Figure 5
OC RESPONSE WITH RAMPED
OVERCURRENT-LIMIT LOAD ON 5-V
xVCC-SWITCH OUTPUT
vs
TIME
10
20
30
40
50
t − Time − ms
0
VO(/OC)
5 V/div
IO(xVCC)
1 A/div
Figure 6
OC RESPONSE WITH RAMPED
OVERCURRENT-LIMIT LOAD ON 12-V
xVPP-SWITCH OUTPUT
vs
TIME
24
6
8
10
t − Time − ms
0
VO(/OC)
5 V/div
IO(xVPP)
100 mA/div
Figure 7
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
−50
−20
10
40
70
100
xVCC = 5 V
IO = 0.75 A
CL = 150 µF
TURNON PROPAGATION DELAY TIME, xVCC
vs
JUNCTION TEMPERATURE
TJ − Junction Temperature − °C
Figure 8
2.25
2.3
2.35
2.4
2.45
2.5
2.55
2.6
−50
−20
10
40
70
100
xVCC = 5 V
IO = 0.75 A
CL = 150 µF
TURNOFF PROPAGATION DELAY TIME, xVCC
vs
JUNCTION TEMPERATURE
TJ − Junction Temperature − °C


Número de pieza similar - TPS2210APWP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS2210APWP TI1-TPS2210APWP Datasheet
973Kb / 34P
[Old version datasheet]   PC CARD POWER-INTERFACE SWITCH WITH RESET FOR SERIAL PCMCIA CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com