Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS22913BYZVT Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS22913BYZVT
Descripción Electrónicos  Ultra-Small, Low on Resistance Load Switch with Controlled Turn-on
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS22913BYZVT Datasheet(HTML) 3 Page - Texas Instruments

  TPS22913BYZVT Datasheet HTML 1Page - Texas Instruments TPS22913BYZVT Datasheet HTML 2Page - Texas Instruments TPS22913BYZVT Datasheet HTML 3Page - Texas Instruments TPS22913BYZVT Datasheet HTML 4Page - Texas Instruments TPS22913BYZVT Datasheet HTML 5Page - Texas Instruments TPS22913BYZVT Datasheet HTML 6Page - Texas Instruments TPS22913BYZVT Datasheet HTML 7Page - Texas Instruments TPS22913BYZVT Datasheet HTML 8Page - Texas Instruments TPS22913BYZVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
Control
Logic
ON
GND
UVLO
Reverse
Current
Protection
VIN
VOUT
TPS22913
www.ti.com
SLVSB20
– SEPTEMBER 2011
BLOCK DIAGRAM
Table 2. FUNCTION TABLE
ON
VIN to VOUT
VOUT to GND(1)
L
OFF
ON
H
ON
OFF
(1)
See Application section
‘Output Pull-Down’
ABSOLUTE MAXIMUM RATINGS
VALUE
UNIT
VIN
Input voltage range
–0.3 to 6
V
VOUT
Output voltage range
VIN + 0.3
V
VON
Input voltage range
–0.3 to 6
V
IMAX
Maximum continuous switch current
2
A
IPLS
Maximum pulsed switch current, pulse
<300 µS, 2% duty cycle
2.5
A
TA
Operating free-air temperature range
–40 to 85
°C
TJ
Maximum junction temperature
125
°C
TSTG
Storage temperature range
–65 to 150
°C
TLEAD
Maximum lead temperature (10-s soldering time)
300
°C
Human-Body Model (HBM) (VIN, VOUT, GND pins)
2000
ESD
Electrostatic discharge protection
V
Charged-Device Model (CDM) (VIN, VOUT, ON, GND pins)
1000
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s) :TPS22913


Número de pieza similar - TPS22913BYZVT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS22913BYZVT TI1-TPS22913BYZVT Datasheet
864Kb / 22P
[Old version datasheet]   Ultra-Small, Low on Resistance Load Switch with Controlled Turn-on
More results

Descripción similar - TPS22913BYZVT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS22910A TI1-TPS22910A Datasheet
729Kb / 20P
[Old version datasheet]   Ultra-Small, Low on Resistance Load Switch with Controlled Turn-on
TPS22913 TI1-TPS22913 Datasheet
864Kb / 22P
[Old version datasheet]   Ultra-Small, Low on Resistance Load Switch with Controlled Turn-on
TPS22930 TI1-TPS22930_16 Datasheet
975Kb / 23P
[Old version datasheet]   Ultra Small, Low On-Resistance Load Switch With Controlled Turn-on
TPS22929D TI1-TPS22929D Datasheet
746Kb / 21P
[Old version datasheet]   Ultra-Small, Low on Resistance Load Switch with Controlled Turn-on
TPS22912 TI1-TPS22912 Datasheet
744Kb / 20P
[Old version datasheet]   Ultra-Small, Low on Resistance Load Switch with Controlled Turn-on
logo
Global Mixed-mode Techn...
G5016 GMT-G5016 Datasheet
107Kb / 1P
   Dual Ultra-Low On-Resistance Load Switch with Controlled Turn-On
logo
Advanced Power Electron...
APE8998A A-POWER-APE8998A Datasheet
702Kb / 8P
   ULTRA LOW ON RESISTANCE 3A LOAD SWITCH WITH CONTROLLED TURN ON
APE8937 A-POWER-APE8937_16 Datasheet
1Mb / 14P
   ULTRA LOW ON RESISTANCE 6A LOAD SWITCH WITH CONTROLLED TURN ON
APE8998B A-POWER-APE8998B_16 Datasheet
575Kb / 8P
   ULTRA LOW ON RESISTANCE 4A LOAD SWITCH WITH CONTROLLED TURN ON
APE8991A A-POWER-APE8991A Datasheet
1Mb / 11P
   ULTRA- LOW ON RESISTANCE, 4A LOAD SWITCH WITH CONTROLLED TURN-ON
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com