Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS22913CYZVR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS22913CYZVR
Descripción Electrónicos  Ultra-Small, Low on Resistance Load Switch with Controlled Turn-on
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS22913CYZVR Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS22913CYZVR Datasheet HTML 2Page - Texas Instruments TPS22913CYZVR Datasheet HTML 3Page - Texas Instruments TPS22913CYZVR Datasheet HTML 4Page - Texas Instruments TPS22913CYZVR Datasheet HTML 5Page - Texas Instruments TPS22913CYZVR Datasheet HTML 6Page - Texas Instruments TPS22913CYZVR Datasheet HTML 7Page - Texas Instruments TPS22913CYZVR Datasheet HTML 8Page - Texas Instruments TPS22913CYZVR Datasheet HTML 9Page - Texas Instruments TPS22913CYZVR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
+
-
OFF
ON
TEST CIRCUIT
GND
GND
t
H/t
WAVEFORMS
ON
OFF
ON
GND
C
= 1 F
IN
m
VIN
VOUT
CL
RL
TPS22913
VON
VOUT
50%
50%
50%
50%
(A) Rise and fall times of the control signal is 100 ns.
VOUT
tON
tOFF
tr
10%
90% 90%
10%
tf
(A)
TPS22913
SLVSB20
– SEPTEMBER 2011
www.ti.com
SWITCHING CHARACTERISTICS
TPS22913
TPS22913
B
C
PARAMETER
TEST CONDITION
UNIT
TYP
TYP
VIN = 5 V, TA = 25ºC (unless otherwise noted)
tON
Turn-ON time
RL = 10 Ω, CL = 0.1 µF
76
770
tOFF
Turn-OFF time
RL = 10 Ω, CL = 0.1 µF
6.6
6.6
µs
tR
VOUT rise time
RL = 10 Ω, CL = 0.1 µF
82
838
tF
VOUT fall time
RL = 10 Ω, CL = 0.1 µF
3
3
VIN = 3.3 V, TA = 25ºC (unless otherwise noted)
tON
Turn-ON time
RL = 10 Ω, CL = 0.1 µF
102
1048
tOFF
Turn-OFF time
RL = 10 Ω, CL = 0.1 µF
8.5
8.6
µs
tR
VOUT rise time
RL = 10 Ω, CL = 0.1 µF
97
980
tF
VOUT fall time
RL = 10 Ω, CL = 0.1 µF
3
3
VIN = 1.5 V, TA = 25ºC (unless otherwise noted)
tON
Turn-ON time
RL = 10 Ω, CL = 0.1 µF
234
2344
tOFF
Turn-OFF time
RL = 10 Ω, CL = 0.1 µF
17
18
µs
tR
VOUT rise time
RL = 10 Ω, CL = 0.1 µF
244
1823
tF
VOUT fall time
RL = 10 Ω, CL = 0.1 µF
6.5
6.5
PARAMETRIC MEASUREMENT INFORMATION
A.
Rise and fall times of the control signal is 100 ns.
Figure 1. Test Circuit and tON/tOFF Waveforms
6
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated
Product Folder Link(s) :TPS22913


Número de pieza similar - TPS22913CYZVR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS22913CYZVR TI1-TPS22913CYZVR Datasheet
864Kb / 22P
[Old version datasheet]   Ultra-Small, Low on Resistance Load Switch with Controlled Turn-on
More results

Descripción similar - TPS22913CYZVR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS22910A TI1-TPS22910A Datasheet
729Kb / 20P
[Old version datasheet]   Ultra-Small, Low on Resistance Load Switch with Controlled Turn-on
TPS22913 TI1-TPS22913 Datasheet
864Kb / 22P
[Old version datasheet]   Ultra-Small, Low on Resistance Load Switch with Controlled Turn-on
TPS22930 TI1-TPS22930_16 Datasheet
975Kb / 23P
[Old version datasheet]   Ultra Small, Low On-Resistance Load Switch With Controlled Turn-on
TPS22929D TI1-TPS22929D Datasheet
746Kb / 21P
[Old version datasheet]   Ultra-Small, Low on Resistance Load Switch with Controlled Turn-on
TPS22912 TI1-TPS22912 Datasheet
744Kb / 20P
[Old version datasheet]   Ultra-Small, Low on Resistance Load Switch with Controlled Turn-on
logo
Global Mixed-mode Techn...
G5016 GMT-G5016 Datasheet
107Kb / 1P
   Dual Ultra-Low On-Resistance Load Switch with Controlled Turn-On
logo
Advanced Power Electron...
APE8998A A-POWER-APE8998A Datasheet
702Kb / 8P
   ULTRA LOW ON RESISTANCE 3A LOAD SWITCH WITH CONTROLLED TURN ON
APE8937 A-POWER-APE8937_16 Datasheet
1Mb / 14P
   ULTRA LOW ON RESISTANCE 6A LOAD SWITCH WITH CONTROLLED TURN ON
APE8998B A-POWER-APE8998B_16 Datasheet
575Kb / 8P
   ULTRA LOW ON RESISTANCE 4A LOAD SWITCH WITH CONTROLLED TURN ON
APE8991A A-POWER-APE8991A Datasheet
1Mb / 11P
   ULTRA- LOW ON RESISTANCE, 4A LOAD SWITCH WITH CONTROLLED TURN-ON
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com