Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS22980RGPR Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS22980RGPR
Descripción Electrónicos  3.3V TO 18V MUX with Overcurrent Limit
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS22980RGPR Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS22980RGPR Datasheet HTML 5Page - Texas Instruments TPS22980RGPR Datasheet HTML 6Page - Texas Instruments TPS22980RGPR Datasheet HTML 7Page - Texas Instruments TPS22980RGPR Datasheet HTML 8Page - Texas Instruments TPS22980RGPR Datasheet HTML 9Page - Texas Instruments TPS22980RGPR Datasheet HTML 10Page - Texas Instruments TPS22980RGPR Datasheet HTML 11Page - Texas Instruments TPS22980RGPR Datasheet HTML 12Page - Texas Instruments TPS22980RGPR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
3.3 V
18 V
HV_EN
HV_UVLO
HV_EN & HV_UVLO
S3P3
SHV
OUT
IDIS
0V
EN
3.3 V
Load
Current
Output
Voltage
t
OC Limit
tLIM delay
TPS22980
www.ti.com
SLVSB61B – DECEMBER 2011 – REVISED APRIL 2012
Figure 8 shows possible combinations of EN and HV_EN controlling OUT of the TPS22980.
Figure 8. Logic Waveforms Displaying the Transition Between VHV and V3P3
OVER-CURRENT LIMIT AND SHORT CIRCUIT PROTECTION
When the load at OUT attempts to draw more current than the limit set by the external RISET resistors for the
V3P3 switch and VHV switch (for both S0 and S3 modes), the device will operate in a constant current mode
while lowering the output voltage. Figure 9 shows the delay, tLIM, which occurs when an over-current fault is
detected until the output current is lowered to ILIMHV tolerances for VHV or ILIM3V3 tolerances for V3P3 as
shown in Figure 4.
Figure 9. Overcurrent Output Response
All short circuit conditions are treated as over-current conditions. In the event of a short circuit, the device will
limit the output current to the corresponding RSET value and continue to do so until thermal shutdown is
encountered or the short circuit condition is removed.
Copyright © 2011–2012, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s) :TPS22980


Número de pieza similar - TPS22980RGPR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS22981 TI-TPS22981 Datasheet
432Kb / 19P
[Old version datasheet]   3.3V to 18V Thunderbolt Power Mux
TPS22981 TI1-TPS22981 Datasheet
1Mb / 27P
[Old version datasheet]   Thunderbolt Power Mux
TPS22981RGPR TI-TPS22981RGPR Datasheet
432Kb / 19P
[Old version datasheet]   3.3V to 18V Thunderbolt Power Mux
TPS22981RGPR TI1-TPS22981RGPR Datasheet
1Mb / 27P
[Old version datasheet]   Thunderbolt Power Mux
TPS22981RGPT TI1-TPS22981RGPT Datasheet
1Mb / 27P
[Old version datasheet]   Thunderbolt Power Mux
More results

Descripción similar - TPS22980RGPR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS22981 TI-TPS22981 Datasheet
432Kb / 19P
[Old version datasheet]   3.3V to 18V Thunderbolt Power Mux
logo
International Rectifier
IRDM982 IRF-IRDM982_15 Datasheet
1Mb / 27P
   Dynamic overcurrent limit per temperature
logo
Micrel Semiconductor
SY87724L MICREL-SY87724L_08 Datasheet
507Kb / 14P
   3.3V AnyRate MUX/DEMUX Up to 2.7GHz
SY87724L MICREL-SY87724L_06 Datasheet
99Kb / 13P
   3.3V AnyRate MUX/DEMUX Up to 2.7GHz
SY87724L MICREL-SY87724L Datasheet
103Kb / 13P
   3.3V AnyRate MUX/DEMUX Up to 2.7GHz
SY87724LE MICREL-SY87724LE Datasheet
577Kb / 14P
   3.3V AnyRate짰 MUX/DEMUX Up to 2.7GHz
logo
Littelfuse
LS1205EXD33 LITTELFUSE-LS1205EXD33 Datasheet
1Mb / 10P
   18V, 5A eFuse with Programmable Current Limit and Output Voltage Clamp
GD. 09/20/22
logo
Monolithic Power System...
MP5010B MPS-MP5010B Datasheet
520Kb / 15P
   3V-18V, 1A-5A Programmable-Current- Limit Switch with Over-Voltage Clamp
logo
Pericom Semiconductor C...
PI3B16224 PERICOM-PI3B16224 Datasheet
67Kb / 3P
   3.3V, 12-Bit to 24-Bit DeMux/Mux NanoSwitch
logo
Monolithic Power System...
MP5010A MPS-MP5010A Datasheet
808Kb / 15P
   3V-18V, 1A-5A Programmable-Current- Limit Switch with Over-Voltage Clamp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com