Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TPS40200-Q1 Datasheet(PDF) 1 Page - Texas Instruments |
|
|
TPS40200-Q1 Datasheet(HTML) 1 Page - Texas Instruments |
1 / 41 page 50 60 70 80 90 100 0 0.5 1 1.5 2 2.5 3 LoadCurrent- A V =8V V =12V V =16V IN IN IN V =5V OUT 1 2 3 4 8 7 6 5 VDD ISNS GDRV GND RC SS COMP FB TPS40200 R SENSE V IN V OUT R1 R2 L1 C2 D1 C1 C3 C4 C5 C6 R4 R3 R5 Q1 TPS40200-Q1 www.ti.com SLUS739D – SEPTEMBER 2006 – REVISED JULY 2011 WIDE-INPUT-RANGE NONSYNCHRONOUS VOLTAGE-MODE CONTROLLER Check for Samples: TPS40200-Q1 1 FEATURES DESCRIPTION • Qualified for Automotive Applications The TPS40200 is a flexible nonsynchronous • Input Voltage Range 4.5 V to 52 V controller with a built-in 200-mA driver for P-channel • Output Voltage (700 mV to 90% VIN) FETs. The circuit operates with inputs up to 52 V, with a power-saving feature that turns off driver • 200-mA Internal P-FET Driver current once the external FET has been fully turned • Voltage Feed-Forward Compensation on. This feature extends the flexibility of the device, • Undervoltage Lockout (UVLO) allowing it to operate with an input voltage up to 52 V without dissipating excessive power. The circuit • Programmable Fixed-Frequency operates with voltage-mode feedback and has (35-kHz to 500-kHz) Operation feed-forward input-voltage compensation that • Programmable Short-Circuit Protection responds instantly to input voltage change. The • Hiccup Overcurrent Fault Recovery integral 700-mV reference is trimmed to 2%, providing the means to accurately control low • Programmable Closed Loop Soft Start voltages. The TPS40200 is available in an 8-pin • 700-mV 1% Reference Voltage SOIC and supports many of the features of more • External Synchronization complex controllers. Clock frequency, soft start, and • Small 8-Pin SOIC (D) Package overcurrent limit are each easily programmed by a single, external component. The part has undervoltage lockout (UVLO) and can be easily APPLICATIONS synchronized to other controllers or a system clock to • Automotive Controls satisfy sequencing and/or noise-reduction • Distributed Power Systems requirements. • DSL/Cable Modems Major sections in this data sheet include: • Scanners • Specifications • Telecom • General Information • Example Applications • Design References TYPICAL APPLICATION Figure 1. 12-V to 5-V Buck Converter Figure 2. Typical Efficiency of Application Circuit 1 With 94% Efficiency (Described in Application 1) 1 Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet. PRODUCTION DATA information is current as of publication date. Copyright © 2006–2011, Texas Instruments Incorporated Products conform to specifications per the terms of the Texas Instruments standard warranty. Production processing does not necessarily include testing of all parameters. |
Número de pieza similar - TPS40200-Q1 |
|
Descripción similar - TPS40200-Q1 |