Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
ISL32600E Datasheet(PDF) 2 Page - Intersil Corporation |
|
ISL32600E Datasheet(HTML) 2 Page - Intersil Corporation |
2 / 23 page ISL32600E, ISL32601E, ISL32602E, ISL32603E 2 FN7967.0 June 22, 2012 TABLE 1. SUMMARY OF FEATURES PART NUMBER SUPPLY RANGE (V) HALF/FULL DUPLEX DATA RATE (kbps) SLEW-RATE LIMITED? HOT PLUG? # DEVICES ON BUS RX/TX ENABLE? QUIESCENT ICC (µA) LOW POWER SHUTDOWN? PIN COUNT ISL32600E 2.7 to 3.6 FULL 128 - 256 YES YES 256 YES 60 @ 3V YES 10, 14 ISL32601E 2.7 to 3.6 HALF 128 - 256 YES YES 256 YES 60 @ 3V YES 8 ISL32602E 1.8 to 3.6 FULL 256 - 460 YES YES 256 YES 105 @ 1.8V YES 10, 14 ISL32603E 1.8 to 3.6 HALF 256 - 460 YES YES 256 YES 105 @ 1.8V YES 8 Pin Configurations ISL32601E, ISL32603E (8 LD MSOP, SOIC) TOP VIEW ISL32600E, ISL32602E (10 LD MSOP) TOP VIEW ISL32600E, ISL32602E (14 LD SOIC) TOP VIEW RO RE DE DI 1 2 3 4 8 7 6 5 VCC B/Z A/Y GND D R RO RE DE DI GND VCC A B Z Y 1 2 3 4 5 10 9 8 7 6 D R NC RO RE DE DI GND GND VCC NC A B Z Y NC 1 2 3 4 5 6 7 14 13 12 11 10 9 8 D R Ordering Information PART NUMBER (Notes 1, 2, 3) PART MARKING TEMP. RANGE (°C) PACKAGE (Pb-Free) PKG. DWG. # ISL32600EFBZ 32600EFBZ -40 to +125 14 Ld SOIC M14.15 ISL32600EFUZ 32600 -40 to +125 10 Ld MSOP M10.118 ISL32601EFBZ 32601 EFBZ -40 to +125 8 Ld SOIC M8.15 ISL32601EFUZ 32601 -40 to +125 8 Ld MSOP M8.118 ISL32602EFBZ 32602EFBZ -40 to +125 14 Ld SOIC M14.15 ISL32602EFUZ 32602 -40 to +125 10 Ld MSOP M10.118 ISL32603EFBZ 32603 EFBZ -40 to +125 8 Ld SOIC M8.15 ISL32603EFUZ 32603 -40 to +125 8 Ld MSOP M8.118 NOTES: 1. Add “-T” (full reel) or -T7A (250 piece reel) suffix for tape and reel. Please refer to TB347 for details on reel specifications. 2. These Intersil Pb-free plastic packaged products employ special Pb-free material sets, molding compounds/die attach materials, and 100% matte tin plate plus anneal (e3 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations). Intersil Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020. 3. For Moisture Sensitivity Level (MSL), please see device information page for ISL32600E, ISL32601E, ISL32602E, ISL32603E. For more information on MSL please see tech brief TB363. |
Número de pieza similar - ISL32600E |
|
Descripción similar - ISL32600E |