Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ISLA224P20 Datasheet(PDF) 10 Page - Intersil Corporation

No. de pieza ISLA224P20
Descripción Electrónicos  High Performance Dual 14-Bit, 125MSPS ADC
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INTERSIL [Intersil Corporation]
Página de inicio  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISLA224P20 Datasheet(HTML) 10 Page - Intersil Corporation

Back Button ISLA224P20 Datasheet HTML 6Page - Intersil Corporation ISLA224P20 Datasheet HTML 7Page - Intersil Corporation ISLA224P20 Datasheet HTML 8Page - Intersil Corporation ISLA224P20 Datasheet HTML 9Page - Intersil Corporation ISLA224P20 Datasheet HTML 10Page - Intersil Corporation ISLA224P20 Datasheet HTML 11Page - Intersil Corporation ISLA224P20 Datasheet HTML 12Page - Intersil Corporation ISLA224P20 Datasheet HTML 13Page - Intersil Corporation ISLA224P20 Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
ISLA224P12
10
FN7983.3
August 17, 2012
LVDS INPUTS (CLKDIVRSTP, CLKDIVRSTN)
Input Common Mode Range
VICM
825
1575
mV
Input Differential Swing (Peak-to-peak, Single-ended)
VID
250
450
mV
CLKDIVRSTP Input Pull-down Resistance
RIpd
100
k
Ω
CLKDIVRSTN Input Pull-up Resistance
RIpu
100
k
Ω
LVDS OUTPUTS
Differential Output Voltage (Note 10)
VT
3mA Mode
612
mVP-P
Output Offset Voltage
VOS
3mA Mode
1120
1150
1200
mV
Output Rise Time
tR
240
ps
Output Fall Time
tF
240
ps
CMOS OUTPUTS
Voltage Output High
VOH
IOH = -500µA
OVDD - 0.3 OVDD - 0.1
V
Voltage Output Low
VOL
IOL = 1mA
0.1
0.3
V
Output Rise Time
tR
1.8
ns
Output Fall Time
tF
1.4
ns
NOTES:
9. The Tri-Level Inputs internal switching thresholds are approximately. 0.43V and 1.34V. It is advised to float the inputs, tie to ground or AVDD depending
on desired function.
10. The voltage is expressed in peak-to-peak differential swing. The peak-to-peak singled-ended swing is 1/2 of the differential swing.
Digital Specifications Boldface limits apply over the operating temperature range, -40°C to +85°C. (Continued)
PARAMETER
SYMBOL
CONDITIONS
MIN
(Note 5)
TYP
MAX
(Note 5) UNITS
Timing Diagrams
FIGURE 3. LVDS
CLKN
CLKP
INP
INN
tA
CLKOUTN
CLKOUTP
tCPD
D[13:0]N
D[13:0]P
LATENCY = L CYCLES
tDC
tPD
A DATA
N-L
B DATA
N-L
A DATA
N-L+1
B DATA
N-L+1
B DATA
N-1
A DATA
N
B DATA
N


Número de pieza similar - ISLA224P20

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
ISLA224P20 INTERSIL-ISLA224P20 Datasheet
1Mb / 34P
   Dual 14-Bit, 250MSPS/200MSPS/130MSPS ADC
ISLA224P20 INTERSIL-ISLA224P20 Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
logo
Renesas Technology Corp
ISLA224P20 RENESAS-ISLA224P20 Datasheet
1Mb / 33P
   Dual 12-Bit, 250MSPS/200MSPS/130MSPS ADC
ISLA224P20 RENESAS-ISLA224P20 Datasheet
1Mb / 34P
   Dual 14-Bit, 250MSPS/200MSPS/130MSPS ADC
ISLA224P20 RENESAS-ISLA224P20 Datasheet
1Mb / 32P
   High Performance Dual 14-Bit, 125MSPS ADC
More results

Descripción similar - ISLA224P20

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Renesas Technology Corp
ISLA224P12 RENESAS-ISLA224P12 Datasheet
1Mb / 32P
   High Performance Dual 14-Bit, 125MSPS ADC
logo
Intersil Corporation
ISLA214P12 INTERSIL-ISLA214P12 Datasheet
963Kb / 34P
   High Performance 14-Bit, 125MSPS ADC
ISLA214P12IRZ INTERSIL-ISLA214P12IRZ Datasheet
963Kb / 34P
   High Performance 14-Bit, 125MSPS ADC
June 27, 2012
logo
Renesas Technology Corp
ISLA214P12 RENESAS-ISLA214P12 Datasheet
1Mb / 34P
   High Performance 14-Bit, 125MSPS ADC
logo
Linear Technology
LTC2285 LINER-LTC2285_15 Datasheet
585Kb / 24P
   Dual 14-Bit, 125Msps Low Power 3V ADC
LTC2285 LINER-LTC2285 Datasheet
583Kb / 24P
   Dual 14-Bit, 125Msps Low Power 3V ADC
logo
Intersil Corporation
KAD5514P INTERSIL-KAD5514P Datasheet
778Kb / 32P
   14-Bit, 250/210/170/125MSPS ADC
KAD5514P_0909 INTERSIL-KAD5514P_0909 Datasheet
805Kb / 34P
   14-Bit, 250/210/170/125MSPS ADC
logo
Renesas Technology Corp
KAD5514P RENESAS-KAD5514P Datasheet
1Mb / 34P
   14-Bit, 250/210/170/125MSPS ADC
logo
Intersil Corporation
KAD5514P-25Q72 INTERSIL-KAD5514P-25Q72 Datasheet
802Kb / 34P
   14-Bit, 250/210/170/125MSPS ADC
September 10, 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com