Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ISLA212P50 Datasheet(PDF) 10 Page - Intersil Corporation

No. de pieza ISLA212P50
Descripción Electrónicos  High Performance 14-Bit, 125MSPS ADC
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INTERSIL [Intersil Corporation]
Página de inicio  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISLA212P50 Datasheet(HTML) 10 Page - Intersil Corporation

Back Button ISLA212P50 Datasheet HTML 6Page - Intersil Corporation ISLA212P50 Datasheet HTML 7Page - Intersil Corporation ISLA212P50 Datasheet HTML 8Page - Intersil Corporation ISLA212P50 Datasheet HTML 9Page - Intersil Corporation ISLA212P50 Datasheet HTML 10Page - Intersil Corporation ISLA212P50 Datasheet HTML 11Page - Intersil Corporation ISLA212P50 Datasheet HTML 12Page - Intersil Corporation ISLA212P50 Datasheet HTML 13Page - Intersil Corporation ISLA212P50 Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 34 page
background image
ISLA214P12
10
FN7982.2
June 27, 2012
Spurious-Free Dynamic Range
Excluding H2, H3
SFDRX23
fIN = 30MHz
99
dBc
fIN = 105MHz
95
dBc
fIN = 190MHz
91
dBc
fIN = 363MHz
95
dBc
fIN = 461MHz
94
dBc
fIN = 605MHz
87
dBc
Intermodulation Distortion
IMD
fIN = 70MHz
-85
dBFS
fIN = 170MHz
-105
dBFS
Word Error Rate
WER
10-12
Full Power Bandwidth
FPBW
700
MHz
NOTES:
5. Compliance to datasheet limits is assured by one or more methods: production test, characterization and/or design.
6. Digital Supply Current is dependent upon the capacitive loading of the digital outputs. IOVDD specifications apply for 10pF load on each digital output
7. See “Clock Input” on page 20.
8. The DLL Range setting must be changed for low-speed operation.
9. Minimum specification guaranteed when calibrated at +85°C.
Electrical Specifications All specifications apply under the following conditions unless otherwise noted: AVDD = 1.8V, OVDD = 1.8V,
TA = -40°C to +85°C (Typical specifications at +25°C), AIN = -1dBFS, fSAMPLE = 125Msps. Boldface limits apply over the operating temperature
range, -40°C to +85°C. (Continued)
PARAMETER
SYMBOL
CONDITIONS
ISLA214P12
UNITS
MIN
(Note 5)
TYP
MAX
(Note 5)
Digital Specifications Boldface limits apply over the operating temperature range, -40°C to +85°C.
PARAMETER
SYMBOL
CONDITIONS
MIN
(Note 5)
TYP
MAX
(Note 5) UNITS
INPUTS (Note 10)
Input Current High (RESETN)
IIH
VIN = 1.8V
0
1
10
µA
Input Current Low (RESETN)
IIL
VIN = 0V
-25
-12
-8
µA
Input Current High (SDIO)
IIH
VIN = 1.8V
4
12
µA
Input Current Low (SDIO)
IIL
VIN = 0V
-600
-415
-300
µA
Input Current High (CSB)
IIH
VIN = 1.8V
40
58
75
Input Current Low (CSB)
IIL
VIN = 0V
5
10
Input Current High (CLKDIV)
IIH
16
25
34
µA
Input Current Low (CLKDIV)
IIL
-34
-25
-16
µA
Input Voltage High (SDIO, RESETN)
VIH
1.17
V
Input Voltage Low (SDIO, RESETN)
VIL
0.63
V
Input Capacitance
CDI
4pF
LVDS INPUTS (CLKDIVRSTP, CLKDIVRSTN)
Input Common Mode Range
VICM
825
1575
mV
Input Differential Swing (peak to peak, single-ended)
VID
250
450
mV
CLKDIVRSTP Input Pull-down Resistance
RIpd
100
k
Ω
CLKDIVRSTN Input Pull-up Resistance
RIpu
100
k
Ω


Número de pieza similar - ISLA212P50

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
ISLA212P50 INTERSIL-ISLA212P50 Datasheet
1Mb / 32P
   16-Bit, 250MSPS/200MSPS/130MSPS ADC
logo
Renesas Technology Corp
ISLA212P50 RENESAS-ISLA212P50 Datasheet
1Mb / 35P
   16-Bit, 250MSPS/200MSPS/130MSPS ADC
logo
Intersil Corporation
ISLA212P50 INTERSIL-ISLA212P50 Datasheet
1Mb / 37P
   14-Bit, 500MSPS ADC Programmable Built-in Test Patterns
ISLA212P50 INTERSIL-ISLA212P50 Datasheet
1Mb / 38P
   12-Bit, 500MSPS ADC Programmable Built-in Test Patterns
ISLA212P50 INTERSIL-ISLA212P50 Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
More results

Descripción similar - ISLA212P50

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
ISLA214P12IRZ INTERSIL-ISLA214P12IRZ Datasheet
963Kb / 34P
   High Performance 14-Bit, 125MSPS ADC
June 27, 2012
logo
Renesas Technology Corp
ISLA214P12 RENESAS-ISLA214P12 Datasheet
1Mb / 34P
   High Performance 14-Bit, 125MSPS ADC
ISLA224P12 RENESAS-ISLA224P12 Datasheet
1Mb / 32P
   High Performance Dual 14-Bit, 125MSPS ADC
logo
Intersil Corporation
ISLA224P12 INTERSIL-ISLA224P12 Datasheet
1Mb / 32P
   High Performance Dual 14-Bit, 125MSPS ADC
KAD5514P INTERSIL-KAD5514P Datasheet
778Kb / 32P
   14-Bit, 250/210/170/125MSPS ADC
KAD5514P_0909 INTERSIL-KAD5514P_0909 Datasheet
805Kb / 34P
   14-Bit, 250/210/170/125MSPS ADC
logo
Renesas Technology Corp
KAD5514P RENESAS-KAD5514P Datasheet
1Mb / 34P
   14-Bit, 250/210/170/125MSPS ADC
logo
Intersil Corporation
KAD5514P-25Q72 INTERSIL-KAD5514P-25Q72 Datasheet
802Kb / 34P
   14-Bit, 250/210/170/125MSPS ADC
September 10, 2009
KAD5512HP_0910 INTERSIL-KAD5512HP_0910 Datasheet
932Kb / 34P
   High Performance 12-Bit, 250/210/170/125MSPS ADC
KAD5512HP INTERSIL-KAD5512HP Datasheet
514Kb / 30P
   High Performance 12-Bit, 250/210/170/125MSPS ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com