Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CAN0005WP Datasheet(PDF) 2 Page - AVX Corporation

No. de pieza CAN0005WP
Descripción Electrónicos  Communication BUS Varistor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AVX [AVX Corporation]
Página de inicio  http://www.avx.com
Logo AVX - AVX Corporation

CAN0005WP Datasheet(HTML) 2 Page - AVX Corporation

  CAN0005WP Datasheet HTML 1Page - AVX Corporation CAN0005WP Datasheet HTML 2Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Communication BUS Varistor
SOLDER PAD DIMENSIONS
mm (inches)
0402 Discrete
0603 Discrete
0405 Array
0612 Array
Length
1.00 ±0.10 (0.040 ±0.004)
1.60 ±0.15 (0.063 ±0.006)
1.00 ±0.15 (0.039 ±0.006)
1.60 ±0.20 (0.063 ±0.008)
Width
0.50 ±0.10 (0.020 ±0.004)
0.80 ±0.15 (0.032 ±0.006)
1.37 ±0.15 (0.054 ±0.006)
3.20 ±0.20 (0.126 ±0.008)
Thickness
0.60 Max. (0.024 Max.)
0.90 Max. (0.035 Max.)
0.66 Max. (0.026 Max.)
1.22 Max. (0.048 Max.)
Term Band Width
0.25 ±0.15 (0.010 ±0.006)
0.35 ±0.15 (0.014 ±0.006)
0.36 ±0.10 (0.014 ±0.004)
0.41 ±0.10 (0.016 ±0.010)
A
B
C
D
E
C
A
B
A
B
0405 Array
0402/0603 Discrete
0612 Array
A
B
C
D
E
AB
C
D
E
0402 Discrete
0.61
0.51
1.70
––
(0.024)
(0.020)
(0.067)
0603 Discrete
0.89
0.76
2.54
––
(0.035)
(0.030)
(0.100)
0405 Array
0.46
0.74
0.12
0.38
0.64
(0.018)
(0.029)
(0047)
(0.015)
(0.025)
0612 Array
0.89
1.65
2.54
0.46
0.76
(0.035)
(0.065)
(0.100)
(0.018)
(0.030)
PHYSICAL DIMENSIONS
mm (inches)
64
APPLICATION
AVX CAN BUS and FlexRay varistors offer significant advantages
in general areas of a typical CAN or FlexRay network as shown
on the right. Some of the advantages over diodes include:
• space savings
• higher ESD capability @ 25kV contact
• higher in rush current (4A) 8 x 20μS
• FIT rate ≤0.1 failures (per billion hours)
FlexRayTM
CAN
Powertrain
Body Control
Module/CAN
Gateway
Instrument
Cluster
Smart
Junction Box
Dash Board
Node
HVAC
Door
Module
Wheel Node
Wheel Node
Wheel Node
Wheel Node
X-by-Wire Master
0402, 0603
0405
0612
Discrete
Array
Array


Número de pieza similar - CAN0005WP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AVX Corporation
CAN0005WP AVX-CAN0005WP Datasheet
461Kb / 4P
   Communication BUS Varistor
More results

Descripción similar - CAN0005WP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AVX Corporation
CAN0001DP AVX-CAN0001DP Datasheet
461Kb / 4P
   Communication BUS Varistor
logo
PHOENIX CONTACT
2702921 PHOENIX-2702921 Datasheet
802Kb / 12P
   Communication module - IB IL MP-BUS-PAC
logo
Ceramate Technical
GNR05D CERAMATE-GNR05D Datasheet
58Kb / 5P
   VARISTOR
logo
List of Unclassifed Man...
NFV20D201K ETC-NFV20D201K Datasheet
61Kb / 5P
   VARISTOR
logo
Shindengen Electric Mfg...
VR51B SHINDENGEN-VR51B Datasheet
125Kb / 1P
   Varistor
VR61F1 SHINDENGEN-VR61F1 Datasheet
282Kb / 6P
   Varistor
VRYA6 SHINDENGEN-VRYA6_10 Datasheet
399Kb / 2P
   Varistor
VR-61F1 SHINDENGEN-VR-61F1 Datasheet
375Kb / 2P
   Varistor
logo
Ceramate Technical
GNR07DK CERAMATE-GNR07DK Datasheet
61Kb / 5P
   VARISTOR
logo
Shindengen Electric Mfg...
VRYA6 SHINDENGEN-VRYA6 Datasheet
321Kb / 7P
   Varistor
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com