Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
CDCLVC1103PW Datasheet(PDF) 5 Page - Texas Instruments |
|
|
CDCLVC1103PW Datasheet(HTML) 5 Page - Texas Instruments |
5 / 23 page CDCLVC11xx www.ti.com SCAS895 – MAY 2010 DEVICE CHARACTERISTICS (continued) over recommended operating free-air temperature range (unless otherwise noted) PARAMETER CONDITION MIN TYP(1) MAX UNIT OUTPUT PARAMETERS FOR VDD = 2.5 V ± 0.2 V VDD = 2.3 V, IOH = –0.1 mA 2.2 VOH High-level output voltage V VDD = 2.3 V, IOH = –8 mA 1.7 VDD = 2.3 V, IOL = 0.1 mA 0.1 VOL Low-level output voltage V VDD = 2.3 V, IOL = 8 mA 0.5 tPLH, Propagation delay CLKIN to Yn 1.0 2.6 ns tPHL tsk(o) Output skew Equal load of each output 50 ps tr/tf Rise and fall time 20%–80% reference point 0.3 1.2 ns tDIS Output disable time 1G to Yn 10 ns tEN Output enable time 1G to Yn 10 ns Pulse skew ; tsk(p) To be measured with input duty cycle of 50% 220 ps tPLH(Yn) – tPHL(Yn) (5) tsk(pp) Part-to-part skew Under equal operating conditions for two parts 1.2 ns tjitter Additive jitter rms 12kHz…20 MHz, fOUT = 180 MHz 350 fs (5) tsk(p) depends on output rise- and fall-time (tr/tf). The output duty-cycle can be calculated: odc = (tw(OUT) ± tsk(p))/tperiod; tw(OUT) is pulse-width of output waveform and tperiod is 1/fOUT. Copyright © 2010, Texas Instruments Incorporated Submit Documentation Feedback 5 Product Folder Link(s): CDCLVC11xx |
Número de pieza similar - CDCLVC1103PW |
|
Descripción similar - CDCLVC1103PW |