Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CDCLVC1110 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
No. de pieza CDCLVC1110
Descripción Electrónicos  3.3 V and 2.5 V LVCMOS High-Performance Clock Buffer Family
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

CDCLVC1110 Datasheet(HTML) 7 Page - Texas Instruments

Back Button CDCLVC1110 Datasheet HTML 3Page - Texas Instruments CDCLVC1110 Datasheet HTML 4Page - Texas Instruments CDCLVC1110 Datasheet HTML 5Page - Texas Instruments CDCLVC1110 Datasheet HTML 6Page - Texas Instruments CDCLVC1110 Datasheet HTML 7Page - Texas Instruments CDCLVC1110 Datasheet HTML 8Page - Texas Instruments CDCLVC1110 Datasheet HTML 9Page - Texas Instruments CDCLVC1110 Datasheet HTML 10Page - Texas Instruments CDCLVC1110 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
tr
Yn
80 % V OH -V OL
CLKIN
tf
20 % V OH -V OL
VOH
V OL
tPLH
V DD / 2
Y n
V DD / 2
CLKIN
tPHL
Note : tsk (p) = | tPLH – t PHL |
CDCLVC11xx
www.ti.com
SCAS895 – MAY 2010
PARAMETERS MEASUREMENT INFORMATION (continued)
Figure 6. Pulse Skew tsk(p) and Propagation Delay
Figure 7. Rise/Fall Times tr/tf
tPLH/tPHL
TYPICAL CHARACTERISTICS
Power Consideration
The following power consideration refers to the device-consumed power consumption only. The device power
consumption is the sum of static power and dynamic power. The dynamic power usage consists of two
components:
1. Power used by the device as it switches states.
2. Power required to charge any output load.
The output load can be capacitive only or capacitive and resistive. The following formula and the power graphs in
Figure 8 and Figure 9 can be used to obtain the power consumption of the device:
Pdev = Pstat + n (Pdyn + PCload)
Pstat = VDD x IDD
Pdyn + PCload = see Figure 8 and Figure 9
where:
VDD = Supply voltage (3.3 V or 2.5 V)
IDD = Static device current (typ 6 mA for VDD = 3.3 V; typ 3 mA for VDD = 2.5 V)
n = Number of switching output pins
Example for Device Power Consumption for CDCLVC1104: 4 outputs are switching, f = 120 MHz, VDD = 3.3 V
and Cload = 2 pF per output:
Pdev = Pstat + n (Pdyn + PCload) = 19.8 mW + 40 mW = 59.8 mW
Pstat = VDD x IDD = 6 mA x 3.3 V = 19.8 mW
n (Pdyn + PCload) = 4 x 10 mW = 40 mW
NOTE
For dimensioning the power supply, the total power consumption needs to be considered.
The total power consumption is the sum of the device power consumption and the power
consumption of the load.
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): CDCLVC11xx


Número de pieza similar - CDCLVC1110

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
CDCLVC1110 TI-CDCLVC1110 Datasheet
223Kb / 9P
[Old version datasheet]   3.3 V and 2.5 V LVCMOS High-Performance Clock Buffer Family
CDCLVC1110 TI-CDCLVC1110 Datasheet
419Kb / 14P
[Old version datasheet]   3.3 V and 2.5 V LVCMOS High-Performance Clock Buffer Family
CDCLVC1110PW TI-CDCLVC1110PW Datasheet
419Kb / 14P
[Old version datasheet]   3.3 V and 2.5 V LVCMOS High-Performance Clock Buffer Family
CDCLVC1110PWR TI-CDCLVC1110PWR Datasheet
419Kb / 14P
[Old version datasheet]   3.3 V and 2.5 V LVCMOS High-Performance Clock Buffer Family
More results

Descripción similar - CDCLVC1110

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
CDCLVC11XX TI-CDCLVC11XX Datasheet
223Kb / 9P
[Old version datasheet]   3.3 V and 2.5 V LVCMOS High-Performance Clock Buffer Family
CDCLVC11XX TI-CDCLVC11XX_1 Datasheet
419Kb / 14P
[Old version datasheet]   3.3 V and 2.5 V LVCMOS High-Performance Clock Buffer Family
CDCLVC11XX TI1-CDCLVC11XX_14 Datasheet
906Kb / 23P
[Old version datasheet]   3.3 V and 2.5 V LVCMOS High-Performance Clock Buffer Family
LMK1C1106 TI-LMK1C1106 Datasheet
2Mb / 25P
[Old version datasheet]   LMK1C110x 1.8-V, 2.5-V, and 3.3-V LVCMOS Clock Buffer Family
LMK1C1102 TI1-LMK1C1102 Datasheet
1Mb / 21P
[Old version datasheet]   LMK1C110x 1.8-V, 2.5-V, and 3.3-V LVCMOS Clock Buffer Family
LMK1C1102 TI-LMK1C1102_V01 Datasheet
1Mb / 26P
[Old version datasheet]   LMK1C110x 1.8-V, 2.5-V, and 3.3-V LVCMOS Clock Buffer Family
LMK1C1102 TI-LMK1C1102 Datasheet
1Mb / 26P
[Old version datasheet]   LMK1C110x 1.8-V, 2.5-V, and 3.3-V LVCMOS Clock Buffer Family
REVISED FEBRUARY 2022
LMK1C1104 TI1-LMK1C1104 Datasheet
1Mb / 20P
[Old version datasheet]   LMK1C110x 1.8-V, 2.5-V, and 3.3-V LVCMOS Clock Buffer Family
logo
Renesas Technology Corp
MPC9456 RENESAS-MPC9456 Datasheet
451Kb / 14P
   2.5 V and 3.3 V LVCMOS Clock Fanout Buffer
2019
logo
Freescale Semiconductor...
MPC9446 FREESCALE-MPC9446 Datasheet
330Kb / 12P
   2.5 V and 3.3 V LVCMOS Clock Fanout Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com