Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BU9000xGWZE2 Datasheet(PDF) 6 Page - Rohm

No. de pieza BU9000xGWZE2
Descripción Electrónicos  Step-down Switching regulators with Built-in Power MOSFET
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ROHM [Rohm]
Página de inicio  http://www.rohm.com
Logo ROHM - Rohm

BU9000xGWZE2 Datasheet(HTML) 6 Page - Rohm

Back Button BU9000xGWZE2 Datasheet HTML 2Page - Rohm BU9000xGWZE2 Datasheet HTML 3Page - Rohm BU9000xGWZE2 Datasheet HTML 4Page - Rohm BU9000xGWZE2 Datasheet HTML 5Page - Rohm BU9000xGWZE2 Datasheet HTML 6Page - Rohm BU9000xGWZE2 Datasheet HTML 7Page - Rohm BU9000xGWZE2 Datasheet HTML 8Page - Rohm BU9000xGWZE2 Datasheet HTML 9Page - Rohm BU9000xGWZE2 Datasheet HTML 10Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
6/21
Datasheet
BU9000xGWZ series
TSZ02201-0F2F0AG00010-1-2
© 2012 ROHM Co., Ltd. All rights reserved.
04.Jul.2012 Rev.001
www.rohm.co
m
TSZ22111・
・15・
・001
Figure 9. Load transient response 150mA to 500mA
tr=tf=100ns, MODE : High
Figure 10. PFM mode Operation
Iout=40mA
Figure 12. Mode Change Response
MODE : High to Low
Figure 11. PWM mode Operation
Iout=100mA
Vout
50mV/div
ac coupled
IOUT
200mA/div
Vout
20mV/div
ac coupled
LX
5V/div
IL
500mA/div
IL
500mA/div
Vout
20mV/div
ac coupled
LX
5V/div
MODE
2V/div
Vout
20mV/div
ac coupled
IL
500mA/div
4us
400ns
80ns
4us


Número de pieza similar - BU9000xGWZE2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BU9000XGWZ ROHM-BU9000XGWZ Datasheet
1Mb / 32P
   Step-down Switching regulators with Built-in Power MOSFET
More results

Descripción similar - BU9000xGWZE2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BU90023NUX ROHM-BU90023NUX Datasheet
651Kb / 14P
   Step-down Switching regulators with Built-in Power MOSFET
BU9000XGWZ ROHM-BU9000XGWZ Datasheet
1Mb / 32P
   Step-down Switching regulators with Built-in Power MOSFET
BD9778F ROHM-BD9778F_10 Datasheet
676Kb / 17P
   Flexible Step-down Switching Regulators with Built-in Power MOSFET
BU90104GWZ ROHM-BU90104GWZ Datasheet
672Kb / 17P
   1.0A, Step-down Switching regulators with Built-in Power MOSFET
BD9007HFP-TR ROHM-BD9007HFP-TR Datasheet
855Kb / 21P
   Flexible Step-down Switching Regulators with Built-in Power MOSFET
BD9701FP ROHM-BD9701FP_09 Datasheet
516Kb / 17P
   Simple Step-down Switching Regulators with Built-in Power MOSFET
BD9673AEFJ ROHM-BD9673AEFJ Datasheet
2Mb / 23P
   Flexible Step-down Switching Regulators with Built-in Power MOSFET
BD9006F ROHM-BD9006F Datasheet
491Kb / 18P
   Flexible Step-down Switching Regulators with Built-in Power MOSFET
BD9873CP-V5 ROHM-BD9873CP-V5 Datasheet
576Kb / 13P
   Simple Step-down Switching Regulators with Built-in Power MOSFET
BD9325FJ ROHM-BD9325FJ Datasheet
464Kb / 15P
   Simple Step-down Switching Regulators with Built-in Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com