Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SN74AVC24T245 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
No. de pieza SN74AVC24T245
Descripción Electrónicos  24-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

SN74AVC24T245 Datasheet(HTML) 7 Page - Texas Instruments

Back Button SN74AVC24T245 Datasheet HTML 3Page - Texas Instruments SN74AVC24T245 Datasheet HTML 4Page - Texas Instruments SN74AVC24T245 Datasheet HTML 5Page - Texas Instruments SN74AVC24T245 Datasheet HTML 6Page - Texas Instruments SN74AVC24T245 Datasheet HTML 7Page - Texas Instruments SN74AVC24T245 Datasheet HTML 8Page - Texas Instruments SN74AVC24T245 Datasheet HTML 9Page - Texas Instruments SN74AVC24T245 Datasheet HTML 10Page - Texas Instruments SN74AVC24T245 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
www.ti.com
Switching Characteristics
Switching Characteristics
SN74AVC24T245
24-BIT DUAL-SUPPLY BUS TRANSCEIVER
WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SCES552C – FEBRUARY 2004 – REVISED AUGUST 2005
over recommended operating free-air temperature range, V
CCA = 1.2 V (see Figure 1)
VCCB = 1.2 V
VCCB = 1.5 V
VCCB = 1.8 V
VCCB = 2.5 V
VCCB = 3.3 V
FROM
TO
PARAMETER
UNIT
(INPUT)
(OUTPUT)
TYP
TYP
TYP
TYP
TYP
tPLH
4.1
3.3
3
2.8
3.2
A
B
ns
tPHL
4.1
3.3
3
2.8
3.2
tPLH
4.4
4
3.8
3.6
3.5
B
A
ns
tPHL
4.4
4
3.8
3.6
3.5
tPZH
6.4
6.4
6.4
6.4
6.4
OE
A
ns
tPZL
6.4
6.4
6.4
6.4
6.4
tPZH
6
4.6
4
3.4
3.2
OE
B
ns
tPZL
6
4.6
4
3.4
3.2
tPHZ
6.6
6.6
6.6
6.6
6.8
OE
A
ns
tPLZ
6.6
6.6
6.6
6.6
6.8
tPHZ
6
4.9
4.9
4.2
5.3
OE
B
ns
tPLZ
6
4.9
4.9
4.2
5.3
over recommended operating free-air temperature range, V
CCA = 1.5 V ± 0.1 V (see Figure 1)
VCCB = 1.5 V
VCCB = 1.8 V
VCCB = 2.5 V
VCCB = 3.3 V
VCCB = 1.2 V
FROM
TO
± 0.1 V
± 0.15 V
± 0.2 V
± 0.3 V
PARAMETER
UNIT
(INPUT)
(OUTPUT)
TYP
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
tPLH
3.6
0.5
6.2
0.5
5.2
0.5
4.1
0.5
3.7
A
B
ns
tPHL
3.6
0.5
6.2
0.5
5.2
0.5
4.1
0.5
3.7
tPLH
3.3
0.5
6.2
0.5
5.9
0.5
5.6
0.5
5.5
B
A
ns
tPHL
3.3
0.5
6.2
0.5
5.9
0.5
5.6
0.5
5.5
tPZH
4.3
1
10.1
1
10.1
1
10.1
1
10.1
OE
A
ns
tPZL
4.3
1
10.1
1
10.1
1
10.1
1
10.1
tPZH
5.6
1
10.1
0.5
8.1
0.5
5.9
0.5
5.2
OE
B
ns
tPZL
5.6
1
10.1
0.5
8.1
0.5
5.9
0.5
5.2
tPHZ
4.5
1.5
9.1
1.5
9.1
1.5
9.1
1.5
9.1
OE
A
ns
tPLZ
4.5
1.5
9.1
1.5
9.1
1.5
9.1
1.5
9.1
tPHZ
5.5
1.5
8.7
1.5
7.5
1
6.5
1
6.3
OE
B
ns
tPLZ
5.5
1.5
8.7
1.5
7.5
1
6.5
1
6.3
7


Número de pieza similar - SN74AVC24T245

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SN74AVC24T245 TI-SN74AVC24T245 Datasheet
286Kb / 14P
[Old version datasheet]   24-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC24T245 TI-SN74AVC24T245 Datasheet
287Kb / 14P
[Old version datasheet]   24-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC24T245 TI-SN74AVC24T245 Datasheet
1Mb / 29P
[Old version datasheet]   24-Bit Dual-Supply Bus Transceiver with Configurable Voltage Translation And 3-State Outputs
SN74AVC24T245GRG/ZRG TI-SN74AVC24T245GRG/ZRG Datasheet
1Mb / 29P
[Old version datasheet]   24-Bit Dual-Supply Bus Transceiver with Configurable Voltage Translation And 3-State Outputs
SN74AVC24T245GRGR TI-SN74AVC24T245GRGR Datasheet
286Kb / 14P
[Old version datasheet]   24-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
More results

Descripción similar - SN74AVC24T245

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SN74AVCH24T245 TI-SN74AVCH24T245 Datasheet
347Kb / 15P
[Old version datasheet]   24-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
AVCE6467T-2 TI1-AVCE6467T-2 Datasheet
366Kb / 15P
[Old version datasheet]   24-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC24T245 TI-SN74AVC24T245_06 Datasheet
287Kb / 14P
[Old version datasheet]   24-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC24T245 TI-SN74AVC24T245 Datasheet
286Kb / 14P
[Old version datasheet]   24-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC24T245 TI-SN74AVC24T245_V01 Datasheet
1Mb / 29P
[Old version datasheet]   24-Bit Dual-Supply Bus Transceiver with Configurable Voltage Translation And 3-State Outputs
SN74AVCH24T245 TI-SN74AVCH24T245_V01 Datasheet
1Mb / 27P
[Old version datasheet]   24-Bit Dual-Supply Bus Transceiver with Configurable Voltage Translation And 3-State Outputs
SN74AVC2T45 TI-SN74AVC2T45_08 Datasheet
522Kb / 23P
[Old version datasheet]   DUAL-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC2T45 TI-SN74AVC2T45_07 Datasheet
386Kb / 20P
[Old version datasheet]   DUAL-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVCH2T45 TI-SN74AVCH2T45_09 Datasheet
640Kb / 24P
[Old version datasheet]   DUAL-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74LVC2T45 TI-SN74LVC2T45_10 Datasheet
611Kb / 25P
[Old version datasheet]   DUAL-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com