Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SN74BCT8373DW Datasheet(PDF) 1 Page - Texas Instruments

No. de pieza SN74BCT8373DW
Descripción Electrónicos  SCAN TEST DEVICE WITH OCTAL D-TYPE LATCHES
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

SN74BCT8373DW Datasheet(HTML) 1 Page - Texas Instruments

  SN74BCT8373DW Datasheet HTML 1Page - Texas Instruments SN74BCT8373DW Datasheet HTML 2Page - Texas Instruments SN74BCT8373DW Datasheet HTML 3Page - Texas Instruments SN74BCT8373DW Datasheet HTML 4Page - Texas Instruments SN74BCT8373DW Datasheet HTML 5Page - Texas Instruments SN74BCT8373DW Datasheet HTML 6Page - Texas Instruments SN74BCT8373DW Datasheet HTML 7Page - Texas Instruments SN74BCT8373DW Datasheet HTML 8Page - Texas Instruments SN74BCT8373DW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
SN74BCT8373
SCAN TEST DEVICE
WITH OCTAL DTYPE LATCHES
SCBS471 − JUNE 1990 − REVISED JUNE 1994
Copyright
1994, Texas Instruments Incorporated
2−1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
Member of the Texas Instruments SCOPE 
Family of Testability Products
Octal Test-Integrated Circuit
Functionally Equivalent to SN74F373 and
SN74BCT373 in the Normal-Function Mode
Compatible With the IEEE Standard
1149.1-1990 (JTAG) Test Access Port and
Boundary-Scan Architecture
Test Operation Synchronous to Test
Access Port (TAP)
Implements Optional Test Reset Signal by
Recognizing a Double-High-Level Voltage
(10 V ) on TMS Pin
SCOPE  Instruction Set
− IEEE Standard 1149.1-1990 Required
Instructions, Optional INTEST, CLAMP
and HIGHZ
− Parallel-Signature Analysis at Inputs
− Pseudo-Random Pattern Generation
From Outputs
− Sample Inputs / Toggle Outputs
Package Options Include Plastic
Small-Outline (DW) Packages and
Standard Plastic 300-mil DIPs (NT)
description
The SN74BCT8373 scan test device with octal D-type latches is a member of the Texas Instruments SCOPE
testability integrated circuit family. This family of devices supports IEEE Standard 1149.1-1990 boundary scan
to facilitate testing of complex circuit-board assemblies. Scan access to the test circuitry is accomplished via
the 4-wire test access port (TAP) interface.
In the normal mode, this device is functionally equivalent to the SN74F373 and SN74BCT373 octal D-type
latches. The test circuitry can be activated by the TAP to take snapshot samples of the data appearing at the
device terminals or to perform a self test on the boundary-test cells. Activating the TAP in normal mode does
not affect the functional operation of the SCOPE
 octal latches.
In the test mode, the normal operation of the SCOPE
 octal latches is inhibited and the test circuitry is enabled
to observe and control the I/O boundary of the device. When enabled, the test circuitry can perform
boundary-scan test operations as described in IEEE Standard 1149.1-1990.
Four dedicated test terminals control the operation of the test circuitry: test data input (TDI), test data output
(TDO), test mode select (TMS), and test clock (TCK). Additionally, the test circuitry performs other testing
functions such as parallel-signature analysis (PSA) on data inputs and pseudo-random pattern generation
(PRPG) from data outputs. All testing and scan operations are synchronized to the TAP interface.
The SN74BCT8373 is characterized for operation from 0
°C to 70°C.
SCOPE is a trademark of Texas Instruments Incorporated.
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
LE
1Q
2Q
3Q
4Q
GND
5Q
6Q
7Q
8Q
TDO
TMS
OE
1D
2D
3D
4D
5D
VCC
6D
7D
8D
TDI
TCK
DW OR NT PACKAGE
(TOP VIEW)
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.


Número de pieza similar - SN74BCT8373DW

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SN74BCT8373A TI-SN74BCT8373A Datasheet
473Kb / 26P
[Old version datasheet]   SCAN TEST DEVICES WITH OCTAL D-TYPE LATCHES
SN74BCT8373ADW TI-SN74BCT8373ADW Datasheet
473Kb / 26P
[Old version datasheet]   SCAN TEST DEVICES WITH OCTAL D-TYPE LATCHES
SN74BCT8373ADWE4 TI-SN74BCT8373ADWE4 Datasheet
473Kb / 26P
[Old version datasheet]   SCAN TEST DEVICES WITH OCTAL D-TYPE LATCHES
SN74BCT8373ADWR TI-SN74BCT8373ADWR Datasheet
473Kb / 26P
[Old version datasheet]   SCAN TEST DEVICES WITH OCTAL D-TYPE LATCHES
SN74BCT8373ADWRE4 TI-SN74BCT8373ADWRE4 Datasheet
473Kb / 26P
[Old version datasheet]   SCAN TEST DEVICES WITH OCTAL D-TYPE LATCHES
More results

Descripción similar - SN74BCT8373DW

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SN54BCT8373A TI-SN54BCT8373A Datasheet
473Kb / 26P
[Old version datasheet]   SCAN TEST DEVICES WITH OCTAL D-TYPE LATCHES
SN54BCT8374A TI-SN54BCT8374A Datasheet
474Kb / 26P
[Old version datasheet]   SCAN TEST DEVICES WITH OCTAL D-TYPE EDGE-TRIGGERED FLIP-FLOPS
SN54BCT8374A TI-SN54BCT8374A_08 Datasheet
644Kb / 28P
[Old version datasheet]   SCAN TEST DEVICES WITH OCTAL D-TYPE EDGE-TRIGGERED FLIP-FLOPS
SN54BCT8244A TI-SN54BCT8244A Datasheet
472Kb / 26P
[Old version datasheet]   SCAN TEST DEVICES WITH OCTAL BUFFERS
SN54BCT8244A TI-SN54BCT8244A_07 Datasheet
612Kb / 28P
[Old version datasheet]   SCAN TEST DEVICES WITH OCTAL BUFFERS
SN54BCT8244A TI-SN54BCT8244A_08 Datasheet
642Kb / 28P
[Old version datasheet]   SCAN TEST DEVICES WITH OCTAL BUFFERS
logo
Unisonic Technologies
U74AHCT373 UTC-U74AHCT373_15 Datasheet
234Kb / 6P
   OCTAL TRANSPARENT D-TYPE LATCHES WITH
U74HCT373 UTC-U74HCT373_15 Datasheet
237Kb / 6P
   OCTAL TRANSPARENT D-TYPE LATCHES WITH
logo
Texas Instruments
SN54BCT8245A TI-SN54BCT8245A Datasheet
309Kb / 22P
[Old version datasheet]   SCAN TEST DEVICES WITH OCTAL BUS TRANSCEIVERS
SN54BCT8240A TI-SN54BCT8240A Datasheet
473Kb / 26P
[Old version datasheet]   SCAN TEST DEVICES WITH OCTAL INVERTING BUFFERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com