Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
KIC3213MF23 Datasheet(PDF) 2 Page - KEC(Korea Electronics) |
|
KIC3213MF23 Datasheet(HTML) 2 Page - KEC(Korea Electronics) |
2 / 9 page 2012. 7. 5 2/9 KIC3213MF12~33 Revision No :2 VIN GND VREF VEN VOUT PWTR RA RB ON/OFF Control Error Amp Fold - back Current Limit Block Reference Voltage Block Diagram SECLECTION GUIDE The output voltage, package type for the ICs can be selected at the user s request. The selection can be made with designating the part number as shown below; KIC3213MF XX ← Part Number a bc Code Contents a Item name KIC3213 : 150mA CMOS LDO b Designation of Package Type : MF : UDFN1010-4 c Setting Output Voltage (VOUT) : Stepwise setting with a step of 0.1V in the range of 1.2V to 3.3V is possible. |
Número de pieza similar - KIC3213MF23 |
|
Descripción similar - KIC3213MF23 |