Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

KIC3213MF33 Datasheet(PDF) 1 Page - KEC(Korea Electronics)

No. de pieza KIC3213MF33
Descripción Electrónicos  150mA CMOS High Performance LDO Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  KEC [KEC(Korea Electronics)]
Página de inicio  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KIC3213MF33 Datasheet(HTML) 1 Page - KEC(Korea Electronics)

  KIC3213MF33 Datasheet HTML 1Page - KEC(Korea Electronics) KIC3213MF33 Datasheet HTML 2Page - KEC(Korea Electronics) KIC3213MF33 Datasheet HTML 3Page - KEC(Korea Electronics) KIC3213MF33 Datasheet HTML 4Page - KEC(Korea Electronics) KIC3213MF33 Datasheet HTML 5Page - KEC(Korea Electronics) KIC3213MF33 Datasheet HTML 6Page - KEC(Korea Electronics) KIC3213MF33 Datasheet HTML 7Page - KEC(Korea Electronics) KIC3213MF33 Datasheet HTML 8Page - KEC(Korea Electronics) KIC3213MF33 Datasheet HTML 9Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
2012. 7. 5
1/9
SEMICONDUCTOR
TECHNICAL DATA
Revision No : 2
150mA CMOS High Performance LDO Regulator
The KIC3213series Low Dropout Linear Regulator is ideally suited
for portable applications. It offers 1% initial accuracy,
extremely-low dropout voltage(210mV at 150mA, 3.3V Output Type),
low ground current (typically 36uA) and ultra small package(UDFN1010-4).
Designed specifically for handheld and battery-powered devices,
the KIC3213series provides a TTL-logic-compatible ON/OFF control pin.
When disabled, power consumption drops nearly to zero.
The KIC3213series also works with low-ESR ceramic capacitors,
reducing the amount of board space necessary for power applications,
critical in handheld wireless devices.
The Line transient response and load transient response of the
KIC3213series are very excellent, thus ICs are very suitable for
the power supply for hand-held communication equipment.
Applications
・Cellular phones,Smart Phones, PDA
・Battery-powered equipment
・Laptop, notebook and palmtop computers
・Consumer/personal electronics
Features
・Input voltage range
2.0V to 5.5V
・High output accuracy
1.0% accuracy
・Low dropout
210mV@150mA (3.3V Output type)
・Stability with ceramic output capacitors
・Supply Current
Typ. 36uA
・Excellent Load regulation
Typ. 30mV
・Built-in Fold Back Protection Circuit
Typ. 40mA@Short mode
・Stability with ceramic output capacitors
CIN=COUT=0.47㎌
・TTL-Logic-compatible ON/OFF control
DIM
MILLIMETERS
UDFN1010-4
3 V
EN
2 GND
4 V
IN
1 VOUT
*Center tab is common to
(GND)
<Top View>
<Side View>
<Bottom View>
F
G
I
J
H
C
L
DD
E
L
C
A
B
A
1.00
B
1.00
C
0.50
D
0.20
E
0.43
F
0.29
G
0.24
H
0.64
I
0.50
J
0.195
K
0.086
L
0.125
3
1
2
2
4
1
2
3
4
KIC3213MF12~33
Analog CMOS Integrated Circuits


Número de pieza similar - KIC3213MF33

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
KEC(Korea Electronics)
KIC3213MF33 KEC-KIC3213MF33 Datasheet
457Kb / 9P
   SEMICONDUCTOR
More results

Descripción similar - KIC3213MF33

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Advanced Analogic Techn...
AAT3215 ANALOGICTECH-AAT3215_06 Datasheet
348Kb / 18P
   150mA CMOS High Performance LDO
logo
Advanced Analog Technol...
AAT3215 AAT-AAT3215 Datasheet
348Kb / 18P
   150mA CMOS High Performance LDO
logo
Advanced Analogic Techn...
AAT3215 ANALOGICTECH-AAT3215 Datasheet
283Kb / 16P
   150mA CMOS High Performance LDO
logo
KEC(Korea Electronics)
KIC3210T-025 KEC-KIC3210T-025 Datasheet
431Kb / 5P
   CMOS Linear Integrated Circuit 150mA CMOS High Performance LDO Regulator
logo
Catalyst Semiconductor
CAT6217 CATALYST-CAT6217 Datasheet
266Kb / 10P
   150mA CMOS LDO Regulator
logo
Seaward Electronics Inc...
SE5168 SEAWARD-SE5168 Datasheet
215Kb / 8P
   150mA CMOS LDO Regulator
logo
Catalyst Semiconductor
CAT6217 CATALYST-CAT6217_08 Datasheet
274Kb / 10P
   150mA CMOS LDO Regulator
logo
List of Unclassifed Man...
SE5166 ETC1-SE5166 Datasheet
153Kb / 7P
   150mA CMOS LDO Regulator(Preliminary)
logo
California Micro Device...
CM3112 CALMIRCO-CM3112 Datasheet
277Kb / 14P
   150mA/1.2V CMOS LDO Regulator
logo
List of Unclassifed Man...
CYT6166 ETC2-CYT6166 Datasheet
1Mb / 7P
   150mA CMOS LDO Regulator (Preliminary)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com