Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CXA1102P Datasheet(PDF) 11 Page - Sony Corporation

No. de pieza CXA1102P
Descripción Electrónicos  DOLBY B TYPE NOISE REDUCTION SYSTEM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SONY [Sony Corporation]
Página de inicio  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA1102P Datasheet(HTML) 11 Page - Sony Corporation

Back Button CXA1102P Datasheet HTML 7Page - Sony Corporation CXA1102P Datasheet HTML 8Page - Sony Corporation CXA1102P Datasheet HTML 9Page - Sony Corporation CXA1102P Datasheet HTML 10Page - Sony Corporation CXA1102P Datasheet HTML 11Page - Sony Corporation CXA1102P Datasheet HTML 12Page - Sony Corporation CXA1102P Datasheet HTML 13Page - Sony Corporation CXA1102P Datasheet HTML 14Page - Sony Corporation CXA1102P Datasheet HTML 15Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
– 11 –
CXA1100/CXA1101/CXA1102/CXA1163
When the ripple or noise component of VEE supply is not negligible small, the CR filter shown in Fig. a-1 will
be usefull.
The operation voltage range are
CXA1100
11.5 to 16V (±5.75 to ±8V)
CXA1101
8.5 to 16V (±4.25 to ±8V)
CXA1102
6.5 to 16V (±3.25 to ±8V)
CXA1163
5.0 to 16V (±2.5 to ±8V)
Fig. a-1.
The devices will satisfy the signal handling of 12dB specified by Dolby Laboratories on above voltage range.
2) Operation mode control
The CXA1100 series provide fully electronic switching circuits. The functions are controlled by DC voltages
of the two control pins of REC/PB (pin 12) and ON/OFF (pin 5). The switching truth tables are shown in Fig. a-2.
VH and VL are defined as
(a) Single ended supply operation
VCC
≥ VH ≥ 2.5V
0.5V
≥ VL ≥ 0V
(b) Split supply operation
VCC
≥ VH ≥ VEE + 2.5V
VEE + 0.5V
≥ VL ≥ VEE
Fig. a-2.
It is desirable to provide CR time constant circuits at the mode control pins with time constant from
100msec to 1sec, which will reduce switching clicks effectively.
3) Reference levels
Characteristics and specifications of the Dolby noise reduction processor are defined as the levels and
measured with reference to the Dolby level. This particular level in these devices is –10dBm (245mVrms),
and is measured at the recording output (REC OUT) in the NR off mode.
The reference levels of the recording input (REC IN), play back input (PB IN) and line output (LINE OUT)
are defined the levels which provide the Dolby level at the recording output in the NR off mode.
The CXA1100 series has a common silicon die, and has different internal connection. The series provides
four different line output levels for various applications. Other reference levels, recording input level,
playback input level and recording output level (= Dolby level) are identical in all devices.
The reference levels are as follows
Recording output level (= Dolby level)
–10dBm (245mVrms)
Recording input level
–30dBm (24.5mVrms)
Play back input level
–30dBm (24.5mVrms)
Line output level
CXA1100
0dBm (775mVrms)
CXA1101
–3dBm (548mVrms)
CXA1102
–6dBm (388mVrms)
CXA1163
–10dBm (245mVrms)
13
14
15
R1
43k
47
100 to 470µF
VEE
CXA1100
Series
REC/PB
Function
VH
PB (Decode)
VL
REC (Encode)
ON/OFF
Function
VH
NR off
VL
NR on


Número de pieza similar - CXA1102P

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
CXA1101 ETC2-CXA1101 Datasheet
2Mb / 31P
   SEMICONDUCTORS
logo
Sony Corporation
CXA1103 SONY-CXA1103 Datasheet
123Kb / 6P
   PHOTODIODE I-V CONVERSION AMPLIFIER
CXA1103AM SONY-CXA1103AM Datasheet
123Kb / 6P
   PHOTODIODE I-V CONVERSION AMPLIFIER
CXA1106 SONY-CXA1106 Datasheet
350Kb / 19P
   8-BIT 35 MSPS HIGH-SPEED D/A CONVERTER
CXA1106M SONY-CXA1106M Datasheet
350Kb / 19P
   8-BIT 35 MSPS HIGH-SPEED D/A CONVERTER
More results

Descripción similar - CXA1102P

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Hitachi Semiconductor
HA12134A HITACHI-HA12134A Datasheet
130Kb / 27P
   Dolby B-Type Noise Reduction System
12136AF HITACHI-12136AF Datasheet
101Kb / 27P
   Dolby B-Type Noise Reduction System
logo
Sony Corporation
CXA1550P SONY-CXA1550P Datasheet
232Kb / 16P
   Dolby B type Noise Reduction System
CXA1330S SONY-CXA1330S Datasheet
381Kb / 18P
   DOLBY B/C TYPE NOISE REDUCTION SYSTEM
CXA1560S SONY-CXA1560S Datasheet
347Kb / 18P
   Dolby B-C Type Noise Reduction System
CX20188 SONY-CX20188 Datasheet
1Mb / 22P
   DOLBY B-C TYPE NOISE REDUCTION SYSTEM
logo
New Japan Radio
NJM2085 NJRC-NJM2085 Datasheet
160Kb / 4P
   PREAMPLIFIER AND DOLBY B TYPE NOISE REDUCTION SYSTEM
logo
NTE Electronics
NTE2000 NTE-NTE2000 Datasheet
82Kb / 2P
   Integrated Circuit Dolby B Type Noise Reduction System
logo
Hitachi Semiconductor
HA12141NT HITACHI-HA12141NT Datasheet
392Kb / 63P
   Dolby B- and C-Type Noise Reduction System
logo
National Semiconductor ...
LM1141 NSC-LM1141 Datasheet
172Kb / 5P
   DOLBY B-C TYPE NOISE REDUCTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com