Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CXA1352AS Datasheet(PDF) 1 Page - Sony Corporation

No. de pieza CXA1352AS
Descripción Electrónicos  2-channel 5 Elements Graphic Equalizer IC
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SONY [Sony Corporation]
Página de inicio  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA1352AS Datasheet(HTML) 1 Page - Sony Corporation

  CXA1352AS Datasheet HTML 1Page - Sony Corporation CXA1352AS Datasheet HTML 2Page - Sony Corporation CXA1352AS Datasheet HTML 3Page - Sony Corporation CXA1352AS Datasheet HTML 4Page - Sony Corporation CXA1352AS Datasheet HTML 5Page - Sony Corporation CXA1352AS Datasheet HTML 6Page - Sony Corporation CXA1352AS Datasheet HTML 7Page - Sony Corporation CXA1352AS Datasheet HTML 8Page - Sony Corporation CXA1352AS Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
—1—
E91912B95-TE
Sony reserves the right to change products and specifications without prior notice. This information does not convey any license by
any implication or otherwise under any patents or other right. Application circuits shown, if any, are typical examples illustrating the
operation of the devices. Sony cannot assume responsibility for any problems arising out of the use of these circuits.
Absolute Maximum Ratings (Ta=25 °C)
• Supply voltage
VCC
12
V
• Storage temperature
Tstg
–65 to +150
°C
• Allowable power dissipation
PD
1200
mW
Operating Conditions
• Supply voltage
VCC
4.0 to 10.0
V
DVCC
3.5 to VCC
V
• Operating temperature
Topr
–20 to +75
°C
Description
The CXA1352AS is a bipolar IC for graphic
equalizer use. All controls are DC performed while
the addition of single-potentiometers easily
composes a 2-channel graphic equalizer.
Features
• Microcomputer control possible
• Built-in electronic volume
• Built-in pseudo loudness function
• Built-in balance function
• Each channel corresponds to 5 elements
• 2 channels of FIX OUT and LINE OUT pins
Applications
Graphic equalizer for cassette tape recorder with
radio, mobile stereo and portable stereo
Structure
Bipolar silicon monolithic IC
2-channel 5 Elements Graphic Equalizer IC
22 pin SDIP (Plastic)
Block Diagram and Pin Configuration
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
GRAPHIC EQUALIZER
GRAPHIC EQUALIZER
BIAS
VOLUME
VOLUME
CONTROL
14dB
14dB
29dB
29dB
CXA1352AS


Número de pieza similar - CXA1352AS

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
CXA1355L ETC2-CXA1355L Datasheet
2Mb / 31P
   SEMICONDUCTORS
More results

Descripción similar - CXA1352AS

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sony Corporation
CXA1792S SONY-CXA1792S Datasheet
281Kb / 15P
   2-CHANNEL, 5-ELEMENT GRAPHIC EQUALIZER IC
logo
Mitsubishi Electric Sem...
M5226P MITSUBISHI-M5226P Datasheet
439Kb / 8P
   5-ELEMENT GRAPHIC EQUALIZER IC
logo
Rohm
BA3812L ROHM-BA3812L Datasheet
90Kb / 6P
   5-channel graphic equalizer
logo
Sanken electric
STK6328A SANKEN-STK6328A Datasheet
135Kb / 1P
   2-CHANNEL GRAPHIC EQUALIZER
logo
Rohm
BA3822LS ROHM-BA3822LS Datasheet
96Kb / 5P
   5-channel stereo graphic equalizer
logo
Renesas Technology Corp
M5243BFP RENESAS-M5243BFP Datasheet
266Kb / 11P
   3-element 2-ch Graphic Equalizer IC
logo
Toshiba Semiconductor
TA2062F TOSHIBA-TA2062F Datasheet
290Kb / 7P
   5 BAND GRAPHIC EQUALIZER
TA7796P TOSHIBA-TA7796P Datasheet
338Kb / 8P
   5 BAND GRAPHIC EQUALIZER
logo
Sanyo Semicon Device
LA3600 SANYO-LA3600 Datasheet
169Kb / 6P
   5-Band Graphic Equalizer
STK301-090 SANYO-STK301-090 Datasheet
206Kb / 9P
   7-Band,2-Channel Electronic Graphic Equalizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com