Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TLC7225CDWR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TLC7225CDWR
Descripción Electrónicos  QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TLC7225CDWR Datasheet(HTML) 1 Page - Texas Instruments

  TLC7225CDWR Datasheet HTML 1Page - Texas Instruments TLC7225CDWR Datasheet HTML 2Page - Texas Instruments TLC7225CDWR Datasheet HTML 3Page - Texas Instruments TLC7225CDWR Datasheet HTML 4Page - Texas Instruments TLC7225CDWR Datasheet HTML 5Page - Texas Instruments TLC7225CDWR Datasheet HTML 6Page - Texas Instruments TLC7225CDWR Datasheet HTML 7Page - Texas Instruments TLC7225CDWR Datasheet HTML 8Page - Texas Instruments TLC7225CDWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
TLC7225C, TLC7225I
QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
SLAS109B – OCTOBER 1996 – REVISED FEBRUARY 2001
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Four 8-Bit D/A Converters With Individual
References
D Direct Bipolar Operation Without an
External Level-Shift Amplifier
D Microprocessor Compatible
D TTL/CMOS Compatible
D Single Supply Operation Possible
D Simultaneous Update Facility
D Binary Input Coding
applications
D Process Control
D Automatic Test Equipment
D Automatic Calibration of Large System
Parameters e.g., Gain/Offset
description
The TLC7225 consists of four 8-bit voltage-output digital-to-analog converters (DACs), with output buffer
amplifiers and interface logic with double register-buffering.
Separate on-chip latches are provided for each of the DACs. Data is transferred into one of these data latches
through a common 8-bit TTL/CMOS-compatible (5 V) input port. Control inputs A0 and A1 determine which DAC
is loaded when WR goes low. Only the data held in the DAC registers determines the analog outputs of the
converters. The double register buffering allows simultaneous update of all four outputs under control of LDAC.
All logic inputs are TTL- and CMOS-level compatible and the control logic is speed compatible with most 8-bit
microprocessors. Each DAC includes an output buffer amplifier capable of driving up to 5 mA of output current.
The TLC7225 performance is specified for input reference voltages from 2 V to VDD – 4 V with dual supplies.
The voltage-mode configuration of the DACs allow the TLC7225 to be operated from a single power-supply rail
at a reference of 10 V.
The TLC7225 is fabricated in a LinBiCMOS
 process that has been specifically developed to allow high-speed
digital logic circuits and precision analog circuits to be integrated on the same chip. The TLC7225 has a common
8-bit data bus with individual DAC latches. This provides a versatile control architecture for simple interface to
microprocessors. All latch-enable signals are level triggered.
Combining four DACs, four operational amplifiers, and interface logic into a small, 0.3-inch wide, 24-terminal
SOIC allows significant reduction in board space requirements and offers increased reliability in systems using
multiple converters. The pinout optimizes board layout with all of the analog inputs and outputs at one end of
the package and all of the digital inputs at the other.
The TLC7225C is characterized for operation from 0
°C to 70°C. The TLC7225I is characterized for operation
from – 25
°C to 85°C.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
OUTB
OUTA
VSS
REFB
REFA
AGND
DGND
LDAC
(MSB) DB7
DB6
DB5
DB4
OUTC
OUTD
VDD
REFC
REFD
A0
A1
WR
DB0 (LSB)
DB1
DB2
DB3
DW PACKAGE
(TOP VIEW)
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Copyright
 2001, Texas Instruments Incorporated
LinBiCMOS is a trademark of Texas Instruments.


Número de pieza similar - TLC7225CDWR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TLC7225CDWR TI-TLC7225CDWR Datasheet
289Kb / 21P
[Old version datasheet]   QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
TLC7225CDWRG4 TI-TLC7225CDWRG4 Datasheet
289Kb / 21P
[Old version datasheet]   QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
More results

Descripción similar - TLC7225CDWR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TLV5620CDR TI1-TLV5620CDR Datasheet
721Kb / 16P
[Old version datasheet]   QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
TLC7226 TI1-TLC7226 Datasheet
457Kb / 21P
[Old version datasheet]   QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
TLC5620C TI-TLC5620C Datasheet
218Kb / 10P
[Old version datasheet]   QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
TLC5620C TI-TLC5620C Datasheet
190Kb / 13P
[Old version datasheet]   QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
TLV5620C TI-TLV5620C Datasheet
196Kb / 14P
[Old version datasheet]   QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
TLC7226C TI1-TLC7226C Datasheet
227Kb / 18P
[Old version datasheet]   QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
TLC5620C TI1-TLC5620C_08 Datasheet
395Kb / 17P
[Old version datasheet]   QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
TLC7225C TI-TLC7225C Datasheet
289Kb / 21P
[Old version datasheet]   QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
TLV5620IDR TI-TLV5620IDR Datasheet
734Kb / 16P
[Old version datasheet]   QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
TLC7226C TI-TLC7226C_15 Datasheet
964Kb / 24P
[Old version datasheet]   QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com