Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CDCM9102 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
No. de pieza CDCM9102
Descripción Electrónicos  Low-Noise Two-Channel 100-MHz Clock Generator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

CDCM9102 Datasheet(HTML) 4 Page - Texas Instruments

  CDCM9102 Datasheet HTML 1Page - Texas Instruments CDCM9102 Datasheet HTML 2Page - Texas Instruments CDCM9102 Datasheet HTML 3Page - Texas Instruments CDCM9102 Datasheet HTML 4Page - Texas Instruments CDCM9102 Datasheet HTML 5Page - Texas Instruments CDCM9102 Datasheet HTML 6Page - Texas Instruments CDCM9102 Datasheet HTML 7Page - Texas Instruments CDCM9102 Datasheet HTML 8Page - Texas Instruments CDCM9102 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
CDCM9102
SCAS922
– FEBRUARY 2012
www.ti.com
DISSIPATION RATINGS
(1) (2)
PARAMETER
TEST CONDITIONS
VALUE, 4
× 4 Vias on Pad
UNIT
θJA
Junction-to-ambient thermal resistance
0 LFM
35
ºC/W
θJP
(3)
Junction-to-thermal pad (top) thermal resistance
4
ºC/W
(1)
The package thermal resistance is calculated in accordance with JESD 51 and JEDEC 2S2P (high-K board).
(2)
Connected to GND with sixteen thermal vias (0.3 mm in diameter)
(3)
θJP (junction-to-pad) is used for the QFN package, because the primary heat flow is from the junction to the GND pad of the QFN
package.
ELECTRICAL CHARACTERISTICS
RECOMMENDED OPERATING CONDITIONS
MIN
TYP
MAX
UNIT
POWER SUPPLIES
VDDX
DC power-supply voltage
3
3.3
3.6
V
TEMPERATURE
TA
Ambient temperature
–40
85
°C
DEVICE CURRENT CONSUMPTION
TA = –40°C to 85°C, VDDx = 3.3 V, OE = 1, values represent cumulative current/power on all VDDx pins.
EXTERNAL
CURRENT
DEVICE POWER
BLOCK
CONDITION
RESISTOR POWER
(mA)
(mW)
(mW)
Entire device, core
85
280
current
LVPECL
28
42.4
50
Output Buffers
LVDS
20
66
LVCMOS
V
× ƒout × (CL + 20 × 10
–12) × 103
V2
× ƒout × (CL + 20 × 10
–12) × 103
DIGITAL INPUT CHARACTERISTICS
– RESET, OE, OS1, OS0
TA = –40°C to 85°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
LVCMOS INPUTS
VIH
Input high voltage
0.6 VDD
V
VIL
Input low voltage
0.4 VDD
V
IIH
Input high current
VDD = 3.6 V, VIL = 0 V
200
µA
IIL
Input low current
VDD = 3 V, VIH = 3.6 V
–200
µA
CIN
Input capacitance
8
10
pF
RPU
Input pullup resistor
150
k
Ω
4
Submit Documentation Feedback
Copyright
© 2012, Texas Instruments Incorporated
Product Folder Link(s): CDCM9102


Número de pieza similar - CDCM9102

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
CDCM9102 TI-CDCM9102 Datasheet
767Kb / 22P
[Old version datasheet]   Low-Noise Two-Channel 100-MHz Clock Generator
CDCM9102RHBR TI-CDCM9102RHBR Datasheet
767Kb / 22P
[Old version datasheet]   Low-Noise Two-Channel 100-MHz Clock Generator
CDCM9102RHBT TI-CDCM9102RHBT Datasheet
767Kb / 22P
[Old version datasheet]   Low-Noise Two-Channel 100-MHz Clock Generator
More results

Descripción similar - CDCM9102

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
CDCM9102 TI-CDCM9102 Datasheet
767Kb / 22P
[Old version datasheet]   Low-Noise Two-Channel 100-MHz Clock Generator
logo
Cypress Semiconductor
CY2XL11ZXC CYPRESS-CY2XL11ZXC Datasheet
331Kb / 7P
   100 MHz LVDS Clock Generator
CY2XL11 CYPRESS-CY2XL11 Datasheet
330Kb / 7P
   100 MHz LVDS Clock Generator
logo
ON Semiconductor
NB3RL02 ONSEMI-NB3RL02 Datasheet
99Kb / 8P
   Low Phase-Noise Two-Channel Clock Fanout Buffer
September, 2015 ??Rev. 3
logo
Cypress Semiconductor
CY2XL11 CYPRESS-CY2XL11_11 Datasheet
287Kb / 9P
   100 MHz LVDS Clock Generator Output frequency: 100 MHz
logo
Asahi Kasei Microsystem...
AK8146C AKM-AK8146C Datasheet
295Kb / 6P
   Two Outputs Clock Generator
logo
Microchip Technology
DSC612PL2A-0130 MICROCHIP-DSC612PL2A-0130 Datasheet
1Mb / 5P
   Two-Output Low Power MEMS Clock Generator
November 21, 2018 Revision 1.0
DSC612PL2A-0132 MICROCHIP-DSC612PL2A-0132 Datasheet
1Mb / 5P
   Two-Output Low Power MEMS Clock Generator
November 21, 2018 Revision 1.0
DSC612RI3A-010G MICROCHIP-DSC612RI3A-010G Datasheet
1Mb / 5P
   Two-Output Low Power MEMS Clock Generator
November 29, 2018 Revision 1.0
DSC612NI3A-010T MICROCHIP-DSC612NI3A-010T Datasheet
1Mb / 5P
   Two-Output Low Power MEMS Clock Generator
November 29, 2018 Revision 1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com