Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BAT42WS Datasheet(PDF) 2 Page - Formosa MS

No. de pieza BAT42WS
Descripción Electrónicos  200mA Surface Mount Small Signal Schottky Diodes-30V
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FORMOSA [Formosa MS]
Página de inicio  http://www.formosams.com
Logo FORMOSA - Formosa MS

BAT42WS Datasheet(HTML) 2 Page - Formosa MS

  BAT42WS_10 Datasheet HTML 1Page - Formosa MS BAT42WS_10 Datasheet HTML 2Page - Formosa MS BAT42WS_10 Datasheet HTML 3Page - Formosa MS BAT42WS_10 Datasheet HTML 4Page - Formosa MS BAT42WS_10 Datasheet HTML 5Page - Formosa MS BAT42WS_10 Datasheet HTML 6Page - Formosa MS BAT42WS_10 Datasheet HTML 7Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Features
Low current rectification and high speed switching.
Extremely small surface mount type.
Up to 200mA current capability.
Silicon epitaxial planar chip, metal silicon junction.
Lead-free parts meet exceeds environmental
standards of MIL-STD-19500 /228
Suffix "-H" indicates Halogen-free part,ex.BAT42WS-H.
Package outline
Page 2
Formosa MS
http://www.formosams.com/
TEL:886-2-22696661
FAX:886-2-22696141
PARAMETER
Repetitive peak reverse voltage
Continuous reverse voltage
Average rectified current
Non-repetitive peak forward surge current
Power dissipation
Storage temperature
Operating temperature
@t < 1.0ms
CONDITIONS
Symbol
V
RRM
V
R
I
FAV
I
FSM
P
D
T
J
T
STG
MIN.
-55
-65
TYP.
200
MAX.
30
30
200
4.0
+125
+125
UNIT
V
V
mA
A
mW
oC
oC
o
Maximum ratings (AT T =25 C unless otherwise noted)
A
PARAMETER
Forward voltage
I = 10 mA
BAT42WS
F
Reverse current
O
V = 25 V , T = 100 C
R
J
V = 25 V
R
CONDITIONS
Symbol
V
F
I
R
MIN.
TYP.
MAX.
0.40
0.5
100
UNIT
µA
o
Electrical characteristics (AT T =25 C unless otherwise noted)
A
BAT42WS / BAT43WS
Dimensions in inches and (millimeters)
SOD-323F
0.039(1.00)
0.031(0.80)
0.071(1.80)
0.063(1.60)
0.106(2.70)
0.091(2.30)
Mechanical data
Case : Molded plastic,
Terminals : Solder plated, solderable per
MIL-STD-750, Method 2026
Polarity : Indicated by cathode band
Mounting Position : Any
Weight : Approximated 0.005 gram
Epoxy:UL94-V0 rated flame retardant
SOD-323F
Thermal resistance
500
oC/W
R
θJA
Junction to ambient (Note 1)
I = 200 mA
BAT42WS
F
BAT43WS
1.0
1.0
I = 50 mA
BAT42WS
F
I = 2.0 mA
BAT43WS
F
I = 15mA
BAT43WS
F
0.65
0.33
0.45
0.26
Total capacitance
Reverse recovery time
V = 1.0V, f = 1.0MHz
R
I = I = 10mA,
F
R
C
T
t
rr
10
5.0
ns
pF
V
Document ID
Issued Date
Revised Date
Revision
Page.
-
-
-
-
-
Small Signal Schottky Diode
200mA
Schottky Diodes-30V
Surface Mount Small Signal
Reverse Breakdown Voltage
I =100uA
R
V
(BR)R
30
V
Irr= 0. 1xIR , R = 100Ω
L
DS-22163H
2009/08/10
2010/03/10
B
7
Note:1. Parts Mounted on FR-4 PC Board with recommended pad layout.


Número de pieza similar - BAT42WS_10

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Diodes Incorporated
BAT42WS DIODES-BAT42WS_1 Datasheet
352Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30100 Rev. 11 - 2
logo
Micro Commercial Compon...
BAT42WS MCC-BAT42WS_14 Datasheet
347Kb / 3P
   Schottky Barrier Diode 200mW
logo
SeCoS Halbleitertechnol...
BAT42WS SECOS-BAT42WS_15 Datasheet
638Kb / 2P
   0.2 AMP Schottky Barrier Rectifiers
logo
Diodes Incorporated
BAT42WS DIODES-BAT42WS_15 Datasheet
88Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
Jiangsu Changjiang Elec...
BAT42WS JIANGSU-BAT42WS_15 Datasheet
679Kb / 4P
   SCHOTTKY BARRIER DIODE
More results

Descripción similar - BAT42WS_10

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Formosa MS
BAT54WS FORMOSA-BAT54WS_11 Datasheet
102Kb / 7P
   200mA Surface Mount Small Signal Schottky Diodes-30V
RB521S FORMOSA-RB521S_10 Datasheet
110Kb / 7P
   200mA Surface Mount Small Signal Schottky Diodes-30V
RB520S FORMOSA-RB520S Datasheet
118Kb / 7P
   200mA Surface Mount Small Signal Schottky Diodes-30V
FM723-NL FORMOSA-FM723-NL Datasheet
91Kb / 7P
   200mA Surface Mount Small Signal Schottky Diode-30V
logo
Chip Integration Techno...
BAT42WS CITC-BAT42WS Datasheet
90Kb / 3P
   200mA Surface Mount Small Signal Diodes
BAS40 CITC-BAS40 Datasheet
167Kb / 3P
   200mA Surface Mount Small Signal Diodes
RB520S CITC-RB520S Datasheet
100Kb / 3P
   200mA Surface Mount Small Signal Diodes
RB520S-40 CITC-RB520S-40 Datasheet
91Kb / 3P
   200mA Surface Mount Small Signal Diodes
BAT54 CITC-BAT54 Datasheet
158Kb / 3P
   200mA Surface Mount Small Signal Diodes
BAT54WS CITC-BAT54WS Datasheet
478Kb / 3P
   200mA Surface Mount Small Signal Diodes
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com