Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CXA1551P Datasheet(PDF) 11 Page - Sony Corporation

No. de pieza CXA1551P
Descripción Electrónicos  Dolby B type Noise Reduction System
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SONY [Sony Corporation]
Página de inicio  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA1551P Datasheet(HTML) 11 Page - Sony Corporation

Back Button CXA1551P Datasheet HTML 7Page - Sony Corporation CXA1551P Datasheet HTML 8Page - Sony Corporation CXA1551P Datasheet HTML 9Page - Sony Corporation CXA1551P Datasheet HTML 10Page - Sony Corporation CXA1551P Datasheet HTML 11Page - Sony Corporation CXA1551P Datasheet HTML 12Page - Sony Corporation CXA1551P Datasheet HTML 13Page - Sony Corporation CXA1551P Datasheet HTML 14Page - Sony Corporation CXA1551P Datasheet HTML 15Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
—11—
CXA1550P, CXA1551M/P, CXA1552M/P, CXA1553M/P
Example of Representative Characteristics
Quiescent current consumption vs. Supply voltage
6
5
4
Encode Mode
NR OFF
NR ON
NR
× 2
5
10
15
20
VCC – Supply Voltage (V)
Current consumption vs. Input level (CXA1552)
6
5
7
Encode Mode
VCC=9V
0dB=Dolby level
NR OFF
NR ON 1kHz
NR
× 2 1kHz
NR
× 2 10kHz
–12
–8
–4
0
4
8
12
Input level (dB)
NR ON encode characteristics
VCC=9V
0dB=Dolby level
200
500
1k
2k
5k
10k
20k
Frequency (Hz)
Double speed encode boost
Signal handling
Encode Mode
NR OFF
f=1kHz
THD=1%
A1553 A1552
A1551
A1550
4
6
8
10 12 14 16 18
20 22
VCC – Supply voltage (V)
Load characteristics (CXA1552)
8
6
4
2
0
10
–2
200
500
1k
2k
5k
10k
20k
RL – Load resistance (
Ω)
12
10
8
6
4
2
0
20
18
16
14
12
10
0
–50dB
–40dB
–30dB
–20dB
–10dB
0dB
VCC=9V
0dB=Dolby level
500
1k
2k
5k
10k
20k
50k
Frequency (Hz)
12
10
8
6
4
2
0
–50dB
–40dB
–30dB
–20dB
–10dB
0dB
Encode Mode
VCC=9V
THD=1%
0dB=0.775Vrms
LINE OUT
REC OUT
NR ON 10kHz


Número de pieza similar - CXA1551P

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cree, Inc
CXA1507 CREE-CXA1507 Datasheet
1Mb / 15P
   Cree짰 XLamp짰 CXA1507 LED
CXA1507 CREE-CXA1507 Datasheet
1Mb / 15P
   Cree짰 XLamp짰 CXA1507 LED
CXA1507-0000-000N00E40E8 CREE-CXA1507-0000-000N00E40E8 Datasheet
1Mb / 15P
   Cree짰 XLamp짰 CXA1507 LED
CXA1507-0000-000N00E40E8 CREE-CXA1507-0000-000N00E40E8 Datasheet
1Mb / 15P
   Cree짰 XLamp짰 CXA1507 LED
CXA1507-0000-000N00E40E8 CREE-CXA1507-0000-000N00E40E8 Datasheet
1Mb / 17P
   LED array expands Crees family of high flux, multi die arrays in a smaller
More results

Descripción similar - CXA1551P

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Hitachi Semiconductor
HA12134A HITACHI-HA12134A Datasheet
130Kb / 27P
   Dolby B-Type Noise Reduction System
12136AF HITACHI-12136AF Datasheet
101Kb / 27P
   Dolby B-Type Noise Reduction System
logo
Sony Corporation
CXA1100P SONY-CXA1100P Datasheet
473Kb / 15P
   DOLBY B TYPE NOISE REDUCTION SYSTEM
CXA1330S SONY-CXA1330S Datasheet
381Kb / 18P
   DOLBY B/C TYPE NOISE REDUCTION SYSTEM
CXA1560S SONY-CXA1560S Datasheet
347Kb / 18P
   Dolby B-C Type Noise Reduction System
CX20188 SONY-CX20188 Datasheet
1Mb / 22P
   DOLBY B-C TYPE NOISE REDUCTION SYSTEM
logo
New Japan Radio
NJM2085 NJRC-NJM2085 Datasheet
160Kb / 4P
   PREAMPLIFIER AND DOLBY B TYPE NOISE REDUCTION SYSTEM
logo
NTE Electronics
NTE2000 NTE-NTE2000 Datasheet
82Kb / 2P
   Integrated Circuit Dolby B Type Noise Reduction System
logo
Hitachi Semiconductor
HA12141NT HITACHI-HA12141NT Datasheet
392Kb / 63P
   Dolby B- and C-Type Noise Reduction System
logo
National Semiconductor ...
LM1141 NSC-LM1141 Datasheet
172Kb / 5P
   DOLBY B-C TYPE NOISE REDUCTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com