Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CXA1538 Datasheet(PDF) 9 Page - Sony Corporation

No. de pieza CXA1538
Descripción Electrónicos  FM STEREO/AM RADIO
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SONY [Sony Corporation]
Página de inicio  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA1538 Datasheet(HTML) 9 Page - Sony Corporation

Back Button CXA1538 Datasheet HTML 5Page - Sony Corporation CXA1538 Datasheet HTML 6Page - Sony Corporation CXA1538 Datasheet HTML 7Page - Sony Corporation CXA1538 Datasheet HTML 8Page - Sony Corporation CXA1538 Datasheet HTML 9Page - Sony Corporation CXA1538 Datasheet HTML 10Page - Sony Corporation CXA1538 Datasheet HTML 11Page - Sony Corporation CXA1538 Datasheet HTML 12Page - Sony Corporation CXA1538 Datasheet HTML 13Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
—9—
CXA1538M/N/S
Coil data
AM OSC
Core diameter ø 0.06 mm 2 UEW
Equivalent to L-5K7H5 R12-1684X, Mitsumi Electric Co., Ltd. or
7TRS-8441 TOKO Co., Ltd.
f (kHz)
796
L (µH)
1 to 3
270
QO
1 to 3
125
1 to 3
107
4 to 6
29
S
1
2
3
4
5
6
φ 5mm
φ 6mm3.5t
Number of widings (t)
AM Bar Antenna
f (kHz)
796
L (µH)
650
Primary
91 t
Secondary
20 t
PRIMARY
SECONDARY
FM RF
AM IFT
Core diameter ø 0.07 mm UEW
Equivalent to 21K7H5 R12-8558A, Mitsumi Electric Co., Ltd. or
7MC-7789N TOKO Co., Ltd.
CO (pF)
1 to 3
180
QO
1 to 3
90
1 to 2
111
2 to 3
35
4 to 6
7
S
1
2
3
4
5
6
φ 4mm
φ 0.6mm3.5t
Number of widings (t)
FM Discriminator
Core diameter ø 0.1 mm 2 UEW
Equivalent to 119ASC-12200Z, TOKO Co., Ltd.
CO (pF)
1 to 3
82
QO
1 to 3
95
1 to 3
111
1
2
3
4
5
6
Number of widings (t)
FM OSC
PFWE8
BPF
(88 to 108 MHz)
Soshin Electric Co., Ltd.
CF1
SFU-455B
Murata Mfg. Co., Ltd. or BFCFL-455
TOKO Co., Ltd.
CF2
SFE10.7MA5
Murata Mfg. Co., Ltd.
CF3
CDA10.7MG1
Murata Mfg. Co., Ltd.
VC
PVC2LXT16L
Mitsumi Electric Co., Ltd.
VC (Rear Mount)
HU22124N700
TOKO Co., Ltd.
PVC2LXT16B
Mitsumi Electric Co., Ltd.


Número de pieza similar - CXA1538

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sony Corporation
CXA1534Q SONY-CXA1534Q Datasheet
449Kb / 20P
   US AUDIO MULTIPLEXING DECODER IC
CXA1534S SONY-CXA1534S Datasheet
449Kb / 20P
   US AUDIO MULTIPLEXING DECODER IC
CXA1536Q SONY-CXA1536Q Datasheet
308Kb / 16P
   8 mm VCR AFM STEREO MATRIX
More results

Descripción similar - CXA1538

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
TEA5711 PHILIPS-TEA5711 Datasheet
520Kb / 28P
   AM/FM stereo radio circuit
September 1994
TEA5712 PHILIPS-TEA5712 Datasheet
400Kb / 28P
   AM/FM stereo DTS radio circuit
September 1994
logo
Rohm
BA1442A ROHM-BA1442A Datasheet
371Kb / 17P
   AM radio / FM IF stereo system IC
BA1448S ROHM-BA1448S Datasheet
183Kb / 9P
   AM radio / FM IF stereo system IC
BA1451F ROHM-BA1451F Datasheet
134Kb / 8P
   AM radio / FM IF stereo system IC
BA1450S ROHM-BA1450S Datasheet
181Kb / 10P
   AM radio / FM IF stereo system IC
logo
Sony Corporation
CXA1611M SONY-CXA1611M Datasheet
362Kb / 17P
   FM/AM RADIO
CXA1619M SONY-CXA1619M Datasheet
298Kb / 12P
   FM/AM Radio
logo
New Japan Radio
NJM2241 NJRC-NJM2241 Datasheet
473Kb / 14P
   AM/FM RADIO
logo
Sony Corporation
CXA1691AM SONY-CXA1691AM Datasheet
191Kb / 11P
   FM/AM Radio
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com