Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FMBT3904 Datasheet(PDF) 11 Page - Formosa MS

No. de pieza FMBT3904
Descripción Electrónicos  200mA Silicon NPN Epitaxial Planar Transistor
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FORMOSA [Formosa MS]
Página de inicio  http://www.formosams.com
Logo FORMOSA - Formosa MS

FMBT3904 Datasheet(HTML) 11 Page - Formosa MS

Back Button FMBT3904_11 Datasheet HTML 3Page - Formosa MS FMBT3904_11 Datasheet HTML 4Page - Formosa MS FMBT3904_11 Datasheet HTML 5Page - Formosa MS FMBT3904_11 Datasheet HTML 6Page - Formosa MS FMBT3904_11 Datasheet HTML 7Page - Formosa MS FMBT3904_11 Datasheet HTML 8Page - Formosa MS FMBT3904_11 Datasheet HTML 9Page - Formosa MS FMBT3904_11 Datasheet HTML 10Page - Formosa MS FMBT3904_11 Datasheet HTML 11Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
High reliability test capabilities
1.
2.
3.
4.
5.
6.
7.
8.
Steady State Operating Life
High Temperature Reverse Bias
Temperature Cycle
Autoclave
High Temperature Storage Life
Solderability
High Temperature High Humidity
Resistance to Soldering Heat
Reverse
Bias
P =225mW Test Duration:1000hrs
Tj 150
V
80
related volage 1000hrs
55
15min
to 150
15min Air to Air Transition Time 20sec Test Cycles 1000cycle
P 2atm Ta 121
RH 100
Test Duration 96hrs
150
Test Duration 1000hrs
245
5sec
Ta 85
85 RH
V
80
related volage 1000hrs
260
10sec
D
CE
CE
=,
=
%
,
-(
)
(
)
<
:
==
=
%
:
:
=,
%
,
=
%
,
℃℃
Ta
=
,
,
Item Test
Conditions
NPN Epitaxial Planar Transistor
Formosa MS
FMBT3904
Page 11
http://www.formosams.com/
TEL:886-2-22696661
FAX:886-2-22696141
Document ID
Issued Date
Revised Date
Revision
Page.
DS-231106
2008/02/10
2011/07/21
E
11


Número de pieza similar - FMBT3904_11

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Formosa MS
FMBT3904 FORMOSA-FMBT3904_17 Datasheet
461Kb / 11P
   SMD NPN Transistor
More results

Descripción similar - FMBT3904_11

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Formosa MS
FMBT3906 FORMOSA-FMBT3906_11 Datasheet
729Kb / 10P
   200mA Silicon PNP Epitaxial Planar Transistor
logo
Seme LAB
BFY84 SEME-LAB-BFY84 Datasheet
19Kb / 2P
   SILICON PLANAR EPITAXIAL NPN TRANSISTOR
logo
AUK corp
SUR541EF AUK-SUR541EF Datasheet
176Kb / 4P
   NPN Epitaxial Planar Silicon Transistor
logo
SeCoS Halbleitertechnol...
2SC4226 SECOS-2SC4226_11 Datasheet
258Kb / 3P
   NPN Silicon Epitaxial Planar Transistor
logo
KODENSHI_AUK CORP.
SUR526H KODENSHI-SUR526H Datasheet
275Kb / 5P
   Epitaxial planar NPN silicon transistor
SUR539J KODENSHI-SUR539J Datasheet
279Kb / 5P
   Epitaxial planar NPN silicon transistor
SUR543EF KODENSHI-SUR543EF Datasheet
276Kb / 5P
   Epitaxial planar NPN silicon transistor
logo
Sanken electric
2SC2921 SANKEN-2SC2921_07 Datasheet
33Kb / 1P
   Silicon NPN Epitaxial Planar Transistor
logo
Seme LAB
2N4239 SEME-LAB-2N4239 Datasheet
122Kb / 3P
   SILICON PLANAR EPITAXIAL NPN TRANSISTOR
2N3114CSM SEME-LAB-2N3114CSM_09 Datasheet
163Kb / 3P
   SILICON PLANAR EPITAXIAL NPN TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com