Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CXA1580Q Datasheet(PDF) 7 Page - Sony Corporation

No. de pieza CXA1580Q
Descripción Electrónicos  Dolby B Type Noise Reduction System with Playback Equalizer
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SONY [Sony Corporation]
Página de inicio  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA1580Q Datasheet(HTML) 7 Page - Sony Corporation

Back Button CXA1580Q Datasheet HTML 3Page - Sony Corporation CXA1580Q Datasheet HTML 4Page - Sony Corporation CXA1580Q Datasheet HTML 5Page - Sony Corporation CXA1580Q Datasheet HTML 6Page - Sony Corporation CXA1580Q Datasheet HTML 7Page - Sony Corporation CXA1580Q Datasheet HTML 8Page - Sony Corporation CXA1580Q Datasheet HTML 9Page - Sony Corporation CXA1580Q Datasheet HTML 10Page - Sony Corporation CXA1580Q Datasheet HTML 11Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
—7—
CXD1580Q
Electrical Characteristics
(Ta=25°C, Vcc=8.0V, RL: output load resistance, Rg: head equivalent impedance)
*120µs, FWD mode, NR OFF, MS OFF unless otherwise specified.
Icc
No signal
VTIN
LINEOUT= 0 dB 1kHz
VRIN
LINEOUT= 0 dB 1kHz
VCIN
LINEOUT= 0 dB 1kHz
BP1
TAPEIN 500Hz NR-ON Vlo=–25dB
BP2
TAPEIN 2kHz NR-ON Vlo=–25dB
BP3
TAPEIN 5kHz NR-ON Vlo=–25dB
BP4
TAPEIN 10kHz NR-ON Vlo=–40dB
BP5
TAPEIN 10kHz NR-ON Vlo=0dB
THD1
TAPEIN –20dBm 1kHz RL=2.7k
THD2
TAPEIN –20dBm 1kHz NRON RL=2.7k
THD3
RADIOIN –20dBm 1kHz RL=2.7k
THD4
CDIN –20dBm 1kHz RL=2.7k
SN1
No signal NR ON CCIR/ARM filter
VOMAX1 1kHz THD=1% RL=2.7k
CT1
TAPEIN –24dBm 1kHz
CT2
RADIOIN –24dBm 1kHz
CT3
TAPEIN –24dBm 1kHz
Vos1
No signal
PBREF
PBFIN 315Hz –70dBm VPBO=0dB
F120F
PBFIN 2.7kHz –58.5dBm for 315Hz
F70F
PBFIN 4.5kHz –53.8dBm for 315Hz
F120R
PBRIN 315Hz –70dBm for 315Hz
VOMAX2 PBFIN 1kHz THD=1% RL=2.7k
THD5
PBFIN 1kHz –52dBm RL=2.7k
SN2
No signal "A" weighting filter
Vos2
No signal Rg=2.2k
CT4
TAPEIN 1kHz –42dBm
CT5
VMS1
TAPEIN 5kHz AMS ON (G1 mode)
VMS2
TAPEIN 5kHz AMS ON (G2 mode)
IOH
TAPEIN 5kHz -10dBm, 5V applied to AMSOUT
VOL
TAPEIN 5kHz -30dBm, 1mA applied to AMSOUT
VIL
AUXSW, MODESW, INSW, MSSW,
VIH
TAPESW, NRSW, DRSW
9.0
12.4
16.0
mA
–32.0
–30.0
–28.0 dBm
1.4
2.9
4.4
dB
5.5
6.4
8.5
3.9
5.2
6.9
9.7
10.4
11.9
–1.1
0.4
1.9
0.02
0.2
%
77.0
82.8
dB
13.0
14.4
dB
–87
–65
dB
–86
–60
–67
–55
3.9
4.0
4.1
V
–27.0
–25.0
–23.0 dBm
–1.5
0.0
1.5
dB
–1.0
0.0
1.0
–10.0
3.0
dBm
0.07
0.5
%
55.0
58.0
dB
2.4
2.8
3.2
V
–78
–70
dB
–75
–65
–35
dBm
–55
0.0
1.0
µA
0.0
1.0
V
0.0
1.0
V
2.5
Vcc
V
Current consumption
TAPEIN input sensitivity
RADIOIN input sensitivity
CDIN input sensitivity
Decode boost 1
Decode boost 2
Decode boost 3
Decode boost 4
Decode boost 5
TAPEIN total harmonic distortion 1
TAPEIN total harmonic distortion 2
RADIOIN total harmonic distortion
CDIN total harmonic distortion
Decode S/N ratio
Signal handling
Cross talk TAPEIN
→CDIN
Cross talk RADIOIN
→CDIN
Cross talk TAPEIN 1ch
→2ch
LINEOUT offset voltage
120µs FWD frequency characteristics
120µs FWD frequency characteristics
70µs FWD frequency characteristics
120µs RVS frequency characteristics
Signal handling
Total harmonic distortion
S/N ratio
Output offset voltage
Cross talk between channels
Cross talk between RVS and FWD
Signal detection level 1
Signal detection level 2
MS output leak current
MS output saturation voltage
Logic voltage
Item
Symbol
Measurement conditions*
Min.
Typ.
Max. Unit
(input pin, input level, frequency etc.)
Dolby block (Dolby level -6dBm=0dB)
Playback equalizer amplifier block
Interval detection between tracks (MUSIC SENSOR) block


Número de pieza similar - CXA1580Q

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sony Corporation
CXA1585Q SONY-CXA1585Q Datasheet
400Kb / 21P
   RGB DECODER
More results

Descripción similar - CXA1580Q

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sony Corporation
CXA1980Q SONY-CXA1980Q Datasheet
233Kb / 17P
   Dolby B Type Noise Reduction System with Playback Equalizer
CXA1910Q SONY-CXA1910Q Datasheet
387Kb / 18P
   Dolby B Type Noise Reduction System with Playback Equalizer
CXA1897Q SONY-CXA1897Q Datasheet
396Kb / 22P
   Dolby B Type Noise Reduction System with Recording/Playback Equalizer
CXA2510AQ SONY-CXA2510AQ Datasheet
447Kb / 21P
   Dolby B Type Noise Reduction System with Playback Equalizer Amplifier
CXA2560Q SONY-CXA2560Q Datasheet
310Kb / 19P
   Dolby B Type Noise Reduction System with Playback Equalizer Amplifier
CXA1911Q SONY-CXA1911Q Datasheet
334Kb / 18P
   Dolby B/C Type Noise Reduction System with Playback Equalizer
CXA2511AQ SONY-CXA2511AQ Datasheet
565Kb / 21P
   Dolby B-C Type Noise Reduction System with Playback Equalizer Amplifier
CXA2561Q SONY-CXA2561Q Datasheet
324Kb / 20P
   Dolby B-C Type Noise Reduction System with Playback Equalizer Amplifier
CXA1878Q SONY-CXA1878Q Datasheet
1Mb / 36P
   Dolby B-C Type Noise Reduction System with Recording/Playback Equalizer Amplifier
CXA2502M SONY-CXA2502M Datasheet
209Kb / 11P
   Dolby B-C Type Noise Reduction System for Playback
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com