Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CXA1685M Datasheet(PDF) 2 Page - Sony Corporation

No. de pieza CXA1685M
Descripción Electrónicos  High-Speed Transimpedance Amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SONY [Sony Corporation]
Página de inicio  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA1685M Datasheet(HTML) 2 Page - Sony Corporation

  CXA1685M Datasheet HTML 1Page - Sony Corporation CXA1685M Datasheet HTML 2Page - Sony Corporation CXA1685M Datasheet HTML 3Page - Sony Corporation CXA1685M Datasheet HTML 4Page - Sony Corporation CXA1685M Datasheet HTML 5Page - Sony Corporation CXA1685M Datasheet HTML 6Page - Sony Corporation CXA1685M Datasheet HTML 7Page - Sony Corporation CXA1685M Datasheet HTML 8Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
– 2 –
CXA1685M
Block Diagram and Pin Assignment
• AC Electrical Characteristics
(VCC = VCCA = GND, VEES = VEEDA = –5.46 to –4.75V, Ta = 0 to +85°C)
Item
Symbol
Test Condition
Min.
Typ.
Max.
Unit.
Bandwidth
(–3dB)
Input Current Noise Spectral
Density (Mean value)
Q
Q
f–3dBQ
f–3dBQ
1
In
fN = 1kHZ to 156MHZ
113
109
177
157
1.7
MHZ
pA/
√ HZ
1 Assumes photodiode capacitance; C
PD
< 1.0pF, output load capacitance; Cout = 2.0pF,
output load resistor; Q: 620
Ω to VEE, Q: 1.3kΩ to VEE
4
5
7
8
1
2
3
6
ZT
VCCA
VCC
Q
IN
Q
C
VEEDA
VEES
Electrical Characteristics
• DC Electrical Characteristics
(VCC = VCCA = GND, VEES = VEEDA = –5.46 to –4.75V, Ta = 0 to +85°C)
Item
Symbol
Test Condition
Min.
Max.
Typ.
Unit
Supply current
Transimpedance
Max. Input Current before clipping
Max. Input Current
Bias votlage
IEE
ZTQ
ZTQ
IIN
IIN2
VIN
VQ
VQ
VC
CIN
input pin left open
Q
Q
IN
Q
Q
C
input pin left open
–15.3
6.6
6.2
+40
+1000
–10.0
11.2
10.8
VEE + 2.5
VEE + 1.7
VCC – 2.4
VEE + 1.7
1.3
14.8
14.3
Ta = 25°C
Input capacitance
mA
k
µA
V
pF


Número de pieza similar - CXA1685M

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sony Corporation
CXA1684M SONY-CXA1684M Datasheet
95Kb / 6P
   High-Speed Transimpedance Amplifier
More results

Descripción similar - CXA1685M

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sony Corporation
CXA1547Q SONY-CXA1547Q Datasheet
280Kb / 5P
   High-Speed Transimpedance Amplifier
CXA1684M SONY-CXA1684M Datasheet
95Kb / 6P
   High-Speed Transimpedance Amplifier
logo
Burr-Brown (TI)
OPA380 BURR-BROWN-OPA380 Datasheet
362Kb / 18P
   Precision, High-Speed Transimpedance Amplifier
logo
Texas Instruments
OPA380AID TI-OPA380AID Datasheet
695Kb / 22P
[Old version datasheet]   Precision, High-Speed Transimpedance Amplifier
logo
SIRENZA MICRODEVICES
SFT-0100 SIRENZA-SFT-0100 Datasheet
162Kb / 4P
   Transimpedance Amplifier
logo
ANADIGICS, Inc
ATA30013 ANADIGICS-ATA30013 Datasheet
133Kb / 4P
   TRANSIMPEDANCE AMPLIFIER
logo
Analog Devices
HMC6590 AD-HMC6590 Datasheet
563Kb / 7P
   Transimpedance Amplifier
logo
ELMOS Semiconductor AG
E909.07 ELMOS-E909.07 Datasheet
392Kb / 13P
   TRANSIMPEDANCE AMPLIFIER WITH HIGH SENSITIVITY
logo
Maxim Integrated Produc...
PHY1097 MAXIM-PHY1097 Datasheet
363Kb / 10P
   2.5Gbps High Sensitivity Transimpedance Amplifier
PHY1095 MAXIM-PHY1095 Datasheet
329Kb / 10P
   1.25Gbps High Sensitivity Transimpedance Amplifier
19-5689; Rev 1/11
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com