Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CXA1695 Datasheet(PDF) 4 Page - Sony Corporation

No. de pieza CXA1695
Descripción Electrónicos  All Band TV Tuner IC (VHF-CATV-UHF)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SONY [Sony Corporation]
Página de inicio  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA1695 Datasheet(HTML) 4 Page - Sony Corporation

  CXA1695 Datasheet HTML 1Page - Sony Corporation CXA1695 Datasheet HTML 2Page - Sony Corporation CXA1695 Datasheet HTML 3Page - Sony Corporation CXA1695 Datasheet HTML 4Page - Sony Corporation CXA1695 Datasheet HTML 5Page - Sony Corporation CXA1695 Datasheet HTML 6Page - Sony Corporation CXA1695 Datasheet HTML 7Page - Sony Corporation CXA1695 Datasheet HTML 8Page - Sony Corporation CXA1695 Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
—4—
CXA1695L
Electrical Characteristics
∗1) Measured value for untuned inputs. Unbalanced input for VHF; balanced input for UHF.
∗2) Noise figure is uncorrected for image.
∗3) Desired signal (fD) input level is –34 dBm. Undesired signal (fUD) is 100 kHz at 40 %AM. The
measurement value is undesired signal level, it measured with spectrum analyzer at S/I=46 dB.
45.0
58.0
mA
45.0
58.0
mA
17.5
20.5
23.5
dB
18.0
21.0
24.0
dB
23.0
26.0
29.0
dB
24.0
27.0
30.0
dB
9.5
12.5
dB
10.0
13.0
dB
6.0
10.0
dB
7.0
11.0
dB
95.0
99.0
dBµ
93.0
97.0
dBµ
86.0
90.0
dBµ
86.0
90.0
dBµ
+8.0
+12.0
dBm
±300
kHz
±400
kHz
±600
kHz
±700
kHz
±200
kHz
±300
kHz
±400
kHz
±400
kHz
Circuit current
Conversion gain
∗1
Noise figure
∗1∗2
1% cross
modulation
∗1∗3
Max. output
power
Switch ON drift
+B supply
voltage drift
IccV
IccU
CG1
CG2
CG3
CG4
NF1
NF2
NF3
NF4
CM1
CM2
CM3
CM4
Pomax
(sat)
∆fsw1
∆fsw2
∆fsw2
∆fsw4
∆fst1
∆fst2
∆fst3
∆fst4
VHF operation, no signal
UHF operation, no signal
VHF operation, fRF=55 MHz, input level –40 dBm
VHF operation, fRF=360 MHz, input level –40 dBm
UHF operation, fRF=360 MHz, input level –40 dBm
UHF operation, fRF=800 MHz, input level –40 dBm
VHF operation, fRF=55 MHz
VHF operation, fRF=360 MHz
UHF operation, fRF=360 MHz
UHF operation, fRF=800 MHz
VHF operation, fD=55 MHz
fUD=±12 MHz
VHF operation, fD=360 MHz
fUD=±12 MHz
UHF operation, fD=360 MHz
fUD=±12 MHz
UHF operation, fD=800 MHz
fUD=±12 MHz
50
Ωload
VHF operation, fosc=100 MHz
Frequency drift from 3 s to 3 min. after switch ON
VHF operation, fosc=405 MHz
Frequency drift from 3 s to 3 min. after switch ON
UHF operation, fosc=405 MHz
Frequency drift from 3 s to 3 min. after switch ON
UHF operation, fosc=845 MHz
Frequency drift from 3 s to 3 min. after switch ON
VHF operation, fosc=100 MHz
Frequency shift when VCC +9 V changes ±5 %
VHF operation, fosc=405 MHz
Frequency shift when VCC +9 V changes ±5 %
UHF operation, fosc=405 MHz
Frequency shift when VCC +9 V changes ±5 %
UHF operation, fosc=845 MHz
Frequency shift when Vcc +9 V changes ±5 %
Item
Symbol
Measurement conditions
Min.
Typ.
Max.
Unit
See Electrical Characteristics Test Circuit (Ta=25°C, VCC=9V)


Número de pieza similar - CXA1695

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
CXA1695L ETC2-CXA1695L Datasheet
2Mb / 31P
   SEMICONDUCTORS
More results

Descripción similar - CXA1695

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sony Corporation
CXA3025N SONY-CXA3025N Datasheet
233Kb / 12P
   All Band TV Tuner IC (VHF-CATV-UHF)
CXA3125N SONY-CXA3125N Datasheet
201Kb / 13P
   All Band TV Tuner IC (VHF-CATV-UHF)
CXA1664M SONY-CXA1664M Datasheet
226Kb / 10P
   ALL BAND TV TUNER IC (VHF-CATV-UHF)
CXA1594L SONY-CXA1594L Datasheet
225Kb / 10P
   ALL BAND TV TUNER IC (VHF-CATV-UHF)
CXA3095N SONY-CXA3095N Datasheet
167Kb / 11P
   All Band TV Tuner IC (VHF-CATV-UHF)
CXA3225N SONY-CXA3225N Datasheet
195Kb / 16P
   All Band TV Tuner IC (VHF-CATV-UHF)
CXA1665M SONY-CXA1665M Datasheet
230Kb / 10P
   All Band TV Tuner IC (VHF-CATV-UHF)
logo
ANADIGICS, Inc
ACD0900 ANADIGICS-ACD0900 Datasheet
132Kb / 12P
   VHF/UHF CATV/TV Tuner
ACD0900S3C ANADIGICS-ACD0900S3C Datasheet
252Kb / 4P
   VHF/UHF CATV/TV Tuner Downconverter
logo
Sony Corporation
CXA1165P SONY-CXA1165P Datasheet
381Kb / 12P
   CATV and VHF TV Tuner
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com