Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CXA1702AR Datasheet(PDF) 8 Page - Sony Corporation

No. de pieza CXA1702AR
Descripción Electrónicos  4-channel REC/PB Amplifier for 8 mm VCR
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SONY [Sony Corporation]
Página de inicio  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA1702AR Datasheet(HTML) 8 Page - Sony Corporation

Back Button CXA1702AR Datasheet HTML 4Page - Sony Corporation CXA1702AR Datasheet HTML 5Page - Sony Corporation CXA1702AR Datasheet HTML 6Page - Sony Corporation CXA1702AR Datasheet HTML 7Page - Sony Corporation CXA1702AR Datasheet HTML 8Page - Sony Corporation CXA1702AR Datasheet HTML 9Page - Sony Corporation CXA1702AR Datasheet HTML 10Page - Sony Corporation CXA1702AR Datasheet HTML 11Page - Sony Corporation CXA1702AR Datasheet HTML 12Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
—8—
CXA1702AR
39
GND1B
0V
40 PBDUMP1B
2.6V
Same as for Pin 30.
41 PBDUMP2A
2.6V
Same as for Pin 30.
42
GND2A
0V
43
PB2AIN
0.7V
200µVp-p
Same as for Pin 32.
input
44 REC2AOUT (19mA
(21mAp-p Same as for Pin 33.
output)
output)
45 REC2ACNT 1.8V to
Same as for Pin 34.
4.75V
input
46
VCC2CH
4.75V
47 REC2BCNT 1.8V to
Same as for Pin 34.
4.75V
input
48 REC2BOUT (19mA
(21mAp-p Same as for Pin 33.
output)
output)
49
PB2BIN
0.7V
200µVp-p
Same as for Pin 32.
input
50
GND2B
0V
51 PBDUMP2B
2.6V
Same as for Pin 30.
GND pin for 1Bch recording and
head amplifiers.
Dumping adjusting pin for 1Bch
head amplifier.
Dumping adjusting pin for 2Ach
head amplifier.
GND pin for 2Ach recording and
head amplifiers.
Playback signal 2Ach input pin.
Recording signal 2Ach output pin.
Open collector.
EVR adjusting pin for 2Ach
recording amplifier dumping.
Power supply pin for 2Ach and
2Bch
recording
and
head
amplifiers.
EVR adjusting pin for 2Bch
recording amplifier dumping.
Recording signal 2Bch output pin.
Open collector.
Playback signal 2Bch input pin.
GND pin for 2Bch recording and
head amplifiers.
Dumping adjusting pin for 2Bch
head amplifier.
Pin
Symbol
Pin voltage
Equivalent circuit
Description
No.
DC
AC


Número de pieza similar - CXA1702AR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sony Corporation
CXA1700 SONY-CXA1700 Datasheet
794Kb / 51P
   Luminance and Color Signal Processing for 8mm VCR
CXA1700AQ SONY-CXA1700AQ Datasheet
794Kb / 51P
   Luminance and Color Signal Processing for 8mm VCR
CXA1700AR SONY-CXA1700AR Datasheet
794Kb / 51P
   Luminance and Color Signal Processing for 8mm VCR
CXA1704R SONY-CXA1704R Datasheet
568Kb / 24P
   2-channel REC/PB Amplifier for 8mm VCR
CXA1709 SONY-CXA1709 Datasheet
154Kb / 9P
   PRE-DRIVER FOR ULTRA-HIGH RESOLUTION COMPUTER DISPLAY
More results

Descripción similar - CXA1702AR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sony Corporation
CXA1202Q-Z SONY-CXA1202Q-Z Datasheet
427Kb / 26P
   REC/PB Amplifier for VCR
CXA1704R SONY-CXA1704R Datasheet
568Kb / 24P
   2-channel REC/PB Amplifier for 8mm VCR
CXA2032Q SONY-CXA2032Q Datasheet
323Kb / 20P
   2-channel REC/PB Amplifier for 8 mm VTR
logo
Rohm
BA7746S ROHM-BA7746S Datasheet
142Kb / 12P
   VCR Hi-Fi audio signal REC / PB amplifier
logo
Sony Corporation
CX20034 SONY-CX20034 Datasheet
495Kb / 20P
   REC/PB AMPLIFIER
logo
Rohm
BA5104A ROHM-BA5104A Datasheet
187Kb / 3P
   Switchless REC/PB Amplifier
BH7272KV ROHM-BH7272KV Datasheet
185Kb / 14P
   Two-channel VCR PRE / REC amplifier for Digital VCRs
BA7745FS ROHM-BA7745FS Datasheet
96Kb / 8P
   VCR Hi-Fi audio signal REC / PB amplifier with flying-erase oscillator
logo
Toshiba Semiconductor
TA1250F TOSHIBA-TA1250F Datasheet
325Kb / 9P
   4-CHANNEL RECORDING AMPLIFIER & PRE-AMPLIFIER FOR VCR
logo
Rohm
BA7757BK ROHM-BA7757BK Datasheet
82Kb / 5P
   Switchless REC / PB amplifier for standard audio signal processing
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com