Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
SN74F51DR Datasheet(PDF) 2 Page - Texas Instruments |
|
SN74F51DR Datasheet(HTML) 2 Page - Texas Instruments |
2 / 5 page SN54F51, SN74F51 DUAL 2WIDE 2INPUT, 2WIDE 3INPUT ANDORINVERT GATES SDFS092 − JANUARY 1989 − REVISED OCTOBER 1993 2−2 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 POST OFFICE BOX 1443 • HOUSTON, TEXAS 77251−1443 logic symbol† logic diagram (positive logic) 1 1A 12 1B 13 1C 9 1D 10 1E 11 1F 2 2A 3 2B 1Y 8 2Y 6 ≥1 1Y 8 4 2C 5 2D ≥1 & & & & 1 1A 12 1B 13 1C 2 2A 3 2B 9 1D 10 1E 11 1F 2Y 6 4 2C 5 2D † This symbol is in accordance with ANSI/IEEE Std 91-1984 and IEC Publication 617-12. Pin numbers shown are for the D, J, and N packages. absolute maximum ratings over operating free-air temperature range (unless otherwise noted)‡ Supply voltage range, VCC −0.5 V to 7 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Input voltage range, VI (see Note 1) −1.2 V to 7 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Input current range −30 mA to 5 mA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Voltage range applied to any output in the high state −0.5 V to VCC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Current into any output in the low state 40 mA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Operating free-air temperature range: SN54F51 −55 °C to 125°C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . SN74F51 0 °C to 70°C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Storage temperature range −65 °C to 150°C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ‡ Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only and functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. NOTE 1: The input voltage ratings may be exceeded provided the input current ratings are observed. recommended operating conditions SN54F51 SN74F51 UNIT MIN NOM MAX MIN NOM MAX UNIT VCC Supply voltage 4.5 5 5.5 4.5 5 5.5 V VIH High-level input voltage 2 2 V VIL Low-level input voltage 0.8 0.8 V IIK Input clamp current −18 −18 mA IOH High-level output current −1 −1 mA IOL Low-level output current 20 20 mA TA Operating free-air temperature −55 125 0 70 °C |
Número de pieza similar - SN74F51DR |
|
Descripción similar - SN74F51DR |