Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SN74HC151-Q1 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
No. de pieza SN74HC151-Q1
Descripción Electrónicos  8-LINE TO 1-LINE DATA SELECTOR/MULTIPLEXER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

SN74HC151-Q1 Datasheet(HTML) 3 Page - Texas Instruments

  SN74HC151-Q1 Datasheet HTML 1Page - Texas Instruments SN74HC151-Q1 Datasheet HTML 2Page - Texas Instruments SN74HC151-Q1 Datasheet HTML 3Page - Texas Instruments SN74HC151-Q1 Datasheet HTML 4Page - Texas Instruments SN74HC151-Q1 Datasheet HTML 5Page - Texas Instruments SN74HC151-Q1 Datasheet HTML 6Page - Texas Instruments SN74HC151-Q1 Datasheet HTML 7Page - Texas Instruments SN74HC151-Q1 Datasheet HTML 8Page - Texas Instruments SN74HC151-Q1 Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Absolute Maximum Ratings
(1)
Recommended Operating Conditions
(1)
SN74HC151-Q1
www.ti.com............................................................................................................................................................. SCLS701B – JUNE 2006 – REVISED APRIL 2008
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VCC
Supply voltage range
–0.5
7
V
IIK
Input clamp current
VI < 0 or VI > VCC
(2)
±20
mA
IOK
Output clamp current
VO < 0 or VO > VCC
(2)
±20
mA
IO
Continuous output current
VO = 0 to VCC
±35
mA
Continuous current through VCC or GND
±70
mA
θ
JA
Package thermal impedance(3)
73
°C/W
Tstg
Storage temperature range
–65
150
°C
Human-body model
2
kV
ESD rating
Charged-device model
1
kV
Machine model
200
V
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
The input and output voltage ratings may be exceeded if the input and output current ratings are observed.
(3)
The package thermal impedance is calculated in accordance with JESD 51-7.
MIN
NOM
MAX
UNIT
VCC
Supply voltage
2
5
6
V
VCC = 2 V
1.5
VIH
High-level input voltage
VCC = 4.5 V
3.15
V
VCC = 6 V
4.2
VCC = 2 V
0.5
VIL
Low-level input voltage
VCC = 4.5 V
1.35
V
VCC = 6 V
1.8
VI
Input voltage
0
VCC
V
VO
Output voltage
0
VCC
V
VCC = 2 V
1000
Δt/Δv
Input transition rise/fall time
VCC = 4.5 V
500
ns
VCC = 6 V
400
TA
Operating free-air temperature
–40
125
°C
(1)
All unused inputs of the device must be held at VCC or GND to ensure proper device operation. Refer to the TI application report,
Implications of Slow or Floating CMOS Inputs, literature number SCBA004.
Copyright © 2006–2008, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): SN74HC151-Q1


Número de pieza similar - SN74HC151-Q1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SN74HC151-Q1 TI1-SN74HC151-Q1 Datasheet
1Mb / 20P
[Old version datasheet]   8-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS
More results

Descripción similar - SN74HC151-Q1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
CD74AC151 TI1-CD74AC151_14 Datasheet
836Kb / 14P
[Old version datasheet]   8-LINE TO 1-LINE DATA SELECTOR/MULTIPLEXER
logo
Renesas Technology Corp
HD74HC152 RENESAS-HD74HC152 Datasheet
174Kb / 6P
   1-of-8-line Data Selector/Multiplexer
logo
Hitachi Semiconductor
HD74HC151 HITACHI-HD74HC151 Datasheet
51Kb / 8P
   1 of-8-line Data Selector/Multiplexer
logo
Fairchild Semiconductor
DM74ALS151 FAIRCHILD-DM74ALS151 Datasheet
56Kb / 6P
   1 of 8 Line Data Selector/Multiplexer
DM74LS151 FAIRCHILD-DM74LS151 Datasheet
70Kb / 7P
   1-of-8 Line Data Selector/Multiplexer
logo
Renesas Technology Corp
HD74HC151 RENESAS-HD74HC151 Datasheet
96Kb / 7P
   1-of-8-line Data Selector/Multiplexer
logo
Hitachi Semiconductor
HD74HC152 HITACHI-HD74HC152 Datasheet
48Kb / 8P
   1-of-8-line Data Selector/Multiplexer
logo
National Semiconductor ...
DM74ALS151 NSC-DM74ALS151 Datasheet
100Kb / 6P
   1 of 8 Line Data Selector/Multiplexer
August 1995
logo
Texas Instruments
SN74LVC157A-EP TI1-SN74LVC157A-EP Datasheet
423Kb / 8P
[Old version datasheet]   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTOR/MULTIPLEXER
74AC11352 TI1-74AC11352 Datasheet
103Kb / 6P
[Old version datasheet]   DUAL 4-LINE TO 1-LINE DATA SELECTOR/MULTIPLEXER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com