Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SN74HCU7204PW Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
No. de pieza SN74HCU7204PW
Descripción Electrónicos  DUAL INVERTERS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

SN74HCU7204PW Datasheet(HTML) 4 Page - Texas Instruments

  SN74HCU7204PW Datasheet HTML 1Page - Texas Instruments SN74HCU7204PW Datasheet HTML 2Page - Texas Instruments SN74HCU7204PW Datasheet HTML 3Page - Texas Instruments SN74HCU7204PW Datasheet HTML 4Page - Texas Instruments SN74HCU7204PW Datasheet HTML 5Page - Texas Instruments SN74HCU7204PW Datasheet HTML 6Page - Texas Instruments SN74HCU7204PW Datasheet HTML 7Page - Texas Instruments SN74HCU7204PW Datasheet HTML 8Page - Texas Instruments SN74HCU7204PW Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
www.ti.com
PARAMETER MEASUREMENT INFORMATION
VOLTAGE WAVEFORM
INPUT RISE AND FALL TIMES
50%
50%
10%
10%
90%
90%
VCC
0 V
tr
tf
Input
VOLTAGE WAVEFORMS
PROPAGATION DELAY AND OUTPUT TRANSITION TIMES
50%
50%
50%
10%
10%
90%
90%
VCC
VOH
VOL
0 V
tr
tf
Input
In-Phase
Output
50%
tPLH
tPHL
50%
50%
10%
10%
90%
90%
VOH
VOL
tr
tf
tPHL
tPLH
Out-of-Phase
Output
Test
Point
From Output
Under Test
CL = 50 pF
(see Note A)
LOAD CIRCUIT
NOTES: A. CL includes probe and test-fixture capacitance.
B. Phase relationships between waveforms were chosen arbitrarily. All input pulses are supplied by generators having the following
characteristics: PRR
≤ 1 MHz, ZO = 50 Ω, tr = 6 ns, tf = 6 ns.
C. The outputs are measured one at a time, with one input transition per measurement.
D. tPLH and tPHL are the same as tpd.
SN74HCU7204
DUAL INVERTERS
SCLS700 – MAY 2006
Figure 1. Load Circuit and Voltage Waveforms
4
Submit Documentation Feedback


Número de pieza similar - SN74HCU7204PW

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SN74HCU04 TI-SN74HCU04 Datasheet
454Kb / 14P
[Old version datasheet]   HEX INVERTERS
SN74HCU04 TI-SN74HCU04 Datasheet
591Kb / 16P
[Old version datasheet]   HEX INVERTERS
SN74HCU04 TI-SN74HCU04 Datasheet
585Kb / 16P
[Old version datasheet]   HEX INVERTERS
SN74HCU04 TI-SN74HCU04 Datasheet
681Kb / 18P
[Old version datasheet]   HEX INVERTERS
SN74HCU04D TI-SN74HCU04D Datasheet
454Kb / 14P
[Old version datasheet]   HEX INVERTERS
More results

Descripción similar - SN74HCU7204PW

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Diodes Incorporated
74AUP2G04 DIODES-74AUP2G04 Datasheet
426Kb / 12P
   DUAL INVERTERS
74AUP2G14 DIODES-74AUP2G14 Datasheet
427Kb / 12P
   DUAL SCHMITT TRIGGER INVERTERS
74AUP2G06 DIODES-74AUP2G06 Datasheet
440Kb / 12P
   DUAL INVERTERS WITH OPEN DRAIN OUTPUTS
logo
Texas Instruments
SN54ACT04 TI-SN54ACT04_10 Datasheet
656Kb / 17P
[Old version datasheet]   HEX INVERTERS
SN74AHCT04_101 TI-SN74AHCT04_101 Datasheet
997Kb / 23P
[Old version datasheet]   HEX INVERTERS
logo
Toshiba Semiconductor
TC7W04F TOSHIBA-TC7W04F Datasheet
212Kb / 7P
   2 INVERTERS
logo
Texas Instruments
SN54ACT04 TI-SN54ACT04_09 Datasheet
657Kb / 17P
[Old version datasheet]   HEX INVERTERS
SN54LVU04A_101 TI-SN54LVU04A_101 Datasheet
674Kb / 18P
[Old version datasheet]   HEX INVERTERS
logo
Diodes Incorporated
74LV04A DIODES-74LV04A Datasheet
299Kb / 9P
   HEX INVERTERS
logo
Texas Instruments
SN54LVC04A TI1-SN54LVC04A_15 Datasheet
1Mb / 27P
[Old version datasheet]   HEX INVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com