Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SN74HCU7204PWT Datasheet(PDF) 3 Page - Texas Instruments

No. de pieza SN74HCU7204PWT
Descripción Electrónicos  DUAL INVERTERS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

SN74HCU7204PWT Datasheet(HTML) 3 Page - Texas Instruments

  SN74HCU7204PWT Datasheet HTML 1Page - Texas Instruments SN74HCU7204PWT Datasheet HTML 2Page - Texas Instruments SN74HCU7204PWT Datasheet HTML 3Page - Texas Instruments SN74HCU7204PWT Datasheet HTML 4Page - Texas Instruments SN74HCU7204PWT Datasheet HTML 5Page - Texas Instruments SN74HCU7204PWT Datasheet HTML 6Page - Texas Instruments SN74HCU7204PWT Datasheet HTML 7Page - Texas Instruments SN74HCU7204PWT Datasheet HTML 8Page - Texas Instruments SN74HCU7204PWT Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
www.ti.com
Electrical Characteristics
Switching Characteristics
Operating Characteristics
SN74HCU7204
DUAL INVERTERS
SCLS700 – MAY 2006
over recommended operating free-air temperature range (unless otherwise noted)
TA = 25°C
PARAMETER
TEST CONDITIONS
VCC
MIN
MAX
UNIT
MIN
TYP
MAX
2 V
1.8
1.8
IOH = –20 µA
4.5 V
4
4
VOH
VI = VCC or GND
6 V
5.5
5.5
V
IOH = –4 mA
4.5 V
3.86
3.76
IOH = –5.2 mA
6 V
5.36
5.26
2 V
0.2
0.2
IOL = 20 µA
4.5 V
0.5
0.5
VOL
VI = VCC or GND
6 V
0.5
0.5
V
IOL = 4 mA
4.5 V
0.32
0.37
IOL = 5.2 mA
6 V
0.32
0.37
II
VI = VCC or 0
6 V
±100
±1000
nA
ICC
VI = VCC or 0,
IO = 0
6 V
2
20
µA
Ci
2 V to 6 V
3
10
10
pF
over recommended operating free-air temperature range, C
L = 50 pF (unless otherwise noted) (see Figure 1)
TA = 25°C
FROM
TO
PARAMETER
VCC
MIN
MAX
UNIT
(INPUT)
(OUTPUT)
MIN
TYP
MAX
2 V
40
80
100
tpd
A
Y
4.5 V
8
16
20
ns
6 V
7
14
17
2 V
38
75
95
tr/tf
Y
4.5 V
8
15
19
ns
6 V
6
13
16
T
A = 25°C
PARAMETER
TEST CONDITIONS
TYP
UNIT
Cpd
Power dissipation capacitance per inverter
No load
20
pF
3
Submit Documentation Feedback


Número de pieza similar - SN74HCU7204PWT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SN74HCU04 TI-SN74HCU04 Datasheet
454Kb / 14P
[Old version datasheet]   HEX INVERTERS
SN74HCU04 TI-SN74HCU04 Datasheet
591Kb / 16P
[Old version datasheet]   HEX INVERTERS
SN74HCU04 TI-SN74HCU04 Datasheet
585Kb / 16P
[Old version datasheet]   HEX INVERTERS
SN74HCU04 TI-SN74HCU04 Datasheet
681Kb / 18P
[Old version datasheet]   HEX INVERTERS
SN74HCU04D TI-SN74HCU04D Datasheet
454Kb / 14P
[Old version datasheet]   HEX INVERTERS
More results

Descripción similar - SN74HCU7204PWT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Diodes Incorporated
74AUP2G04 DIODES-74AUP2G04 Datasheet
426Kb / 12P
   DUAL INVERTERS
74AUP2G14 DIODES-74AUP2G14 Datasheet
427Kb / 12P
   DUAL SCHMITT TRIGGER INVERTERS
74AUP2G06 DIODES-74AUP2G06 Datasheet
440Kb / 12P
   DUAL INVERTERS WITH OPEN DRAIN OUTPUTS
logo
Texas Instruments
SN54ACT04 TI-SN54ACT04_10 Datasheet
656Kb / 17P
[Old version datasheet]   HEX INVERTERS
SN74AHCT04_101 TI-SN74AHCT04_101 Datasheet
997Kb / 23P
[Old version datasheet]   HEX INVERTERS
logo
Toshiba Semiconductor
TC7W04F TOSHIBA-TC7W04F Datasheet
212Kb / 7P
   2 INVERTERS
logo
Texas Instruments
SN54ACT04 TI-SN54ACT04_09 Datasheet
657Kb / 17P
[Old version datasheet]   HEX INVERTERS
SN54LVU04A_101 TI-SN54LVU04A_101 Datasheet
674Kb / 18P
[Old version datasheet]   HEX INVERTERS
logo
Diodes Incorporated
74LV04A DIODES-74LV04A Datasheet
299Kb / 9P
   HEX INVERTERS
logo
Texas Instruments
SN54LVC04A TI1-SN54LVC04A_15 Datasheet
1Mb / 27P
[Old version datasheet]   HEX INVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com