Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TLC32071 Datasheet(PDF) 11 Page - Texas Instruments

No. de pieza TLC32071
Descripción Electrónicos  HIGH-SPEED 8-BIT A/D AND D/A CONVERTER WITH 8-CHANNEL MULTIPLEXER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TLC32071 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TLC32071 Datasheet HTML 7Page - Texas Instruments TLC32071 Datasheet HTML 8Page - Texas Instruments TLC32071 Datasheet HTML 9Page - Texas Instruments TLC32071 Datasheet HTML 10Page - Texas Instruments TLC32071 Datasheet HTML 11Page - Texas Instruments TLC32071 Datasheet HTML 12Page - Texas Instruments TLC32071 Datasheet HTML 13Page - Texas Instruments TLC32071 Datasheet HTML 14Page - Texas Instruments TLC32071 Datasheet HTML 15Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
SLAS051−D3973, DECEMBER 1991
TLC32071
HIGHSPEED 8BIT A/D AND D/A CONVERTER
WITH 8CHANNEL MULTIPLEXER
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
11
PARAMETER MEASUREMENT INFORMATION
D0−D7
WE
CSCNTRL
th(CS)
50%
50%
50%
50%
tsu(CS)
th(D)
tsu(D)
Figure 1. Write Operation
Analog-to-Digital Conversion
MUX Address and Gain Control
D0−D7
DEN
WE
CSAN
CSCNTRL
50%
50%
tw(DEN)
tconv
Figure 2. A/D Conversion Cycle
DEN
CSAN
tsu(CS)
tdls
ta
50%
50%
50%
50%
th(CS)
D0−D7
Figure 3. A/D Read Operation


Número de pieza similar - TLC32071

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TLC32040 TI-TLC32040 Datasheet
202Kb / 30P
[Old version datasheet]   ANALOG INTERFACE CIRCUIT
TLC32040C TI-TLC32040C Datasheet
453Kb / 33P
[Old version datasheet]   ANALOG INTERFACE CIRCUITS
TLC32040CFN TI-TLC32040CFN Datasheet
453Kb / 33P
[Old version datasheet]   ANALOG INTERFACE CIRCUITS
TLC32040CN TI-TLC32040CN Datasheet
453Kb / 33P
[Old version datasheet]   ANALOG INTERFACE CIRCUITS
TLC32040I TI-TLC32040I Datasheet
453Kb / 33P
[Old version datasheet]   ANALOG INTERFACE CIRCUITS
More results

Descripción similar - TLC32071

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
SPT1018 ETC1-SPT1018 Datasheet
160Kb / 11P
   8-BIT, HIGH SPEED D/A CONVERTER
SPT1019 ETC2-SPT1019 Datasheet
801Kb / 12P
   8-BIT, HIGH SPEED D/A CONVERTER
logo
API Technologies Corp
MN3014 APITECH-MN3014 Datasheet
620Kb / 2P
   High-speed 8-bit D/A Converter
logo
Integrated Circuit Syst...
MN3014 ICST-MN3014 Datasheet
616Kb / 2P
   High-speed 8-bit D/A Converter
logo
Cadeka Microcircuits LL...
SPT1019 CADEKA-SPT1019 Datasheet
4Mb / 12P
   8-BIT, HIGH SPEED D/A CONVERTER
logo
Micro Linear Corporatio...
ML2258 MICRO-LINEAR-ML2258 Datasheet
169Kb / 12P
   關P Compatible 8-Bit A/D Converter with 8-Channel Multiplexer
logo
NXP Semiconductors
PCA9691 NXP-PCA9691 Datasheet
604Kb / 31P
   8-bit A/D and D/A converter
Rev. 02-27 January 2010
PCF8591 PHILIPS-PCF8591_03 Datasheet
157Kb / 28P
   8-bit A/D and D/A converter
2003 Jan 27
PCF8591P PHILIPS-PCF8591P Datasheet
139Kb / 28P
   8-bit A/D and D/A converter
2003 Jan 27
PCF8591 PHILIPS-PCF8591 Datasheet
221Kb / 28P
   8-bit A/D and D/A converter
1998 Jul 02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com