Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
CXA1854AR Datasheet(PDF) 7 Page - Sony Corporation |
|
CXA1854AR Datasheet(HTML) 7 Page - Sony Corporation |
7 / 45 page – 7 – CXA1854AR 49 B-YIN 50 R-YIN Color difference demodulation circuit inputs during DPAL mode. Leave this pin open for NTSC. Color difference signal is input respectively when Y/color difference input. (Standard input is 0.15Vp-p.) At this time, the bias is 3.5V. 200 VCC1 GND1 2k 49 50 50µA 51 COUT 2.3V Color adjusted chroma signal is output. When taking the chroma signal, connect to GND with a load resistor (approximately 5k Ω). 51 VCC1 GND1 50µA 52 HUE/RST 3.2V Color phase adjustment pin during NTSC. Use for detective axis adjustment of the R-Y/B-Y axes during SPAL. Also doubles as the reset pin. The system is reset when this pin is connected to GND. VCC1 GND1 100k 6k 5p 50µA 12k 3.2V 52 53 COLOR 3.2V Color adjustment. VCC1 GND1 100k 5p 50µA 25k 3.2V 53 54 XVXO 3.5V Crystal oscillator connection. VCC1 GND1 2k 54 500 Pin No. Symbol Pin voltage Equivalent circuit Description |
Número de pieza similar - CXA1854AR |
|
Descripción similar - CXA1854AR |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |