Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CXA1875AP Datasheet(PDF) 5 Page - Sony Corporation

No. de pieza CXA1875AP
Descripción Electrónicos  8-bit D/A Converter Compatible with I2C Bus
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SONY [Sony Corporation]
Página de inicio  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA1875AP Datasheet(HTML) 5 Page - Sony Corporation

  CXA1875AP Datasheet HTML 1Page - Sony Corporation CXA1875AP Datasheet HTML 2Page - Sony Corporation CXA1875AP Datasheet HTML 3Page - Sony Corporation CXA1875AP Datasheet HTML 4Page - Sony Corporation CXA1875AP Datasheet HTML 5Page - Sony Corporation CXA1875AP Datasheet HTML 6Page - Sony Corporation CXA1875AP Datasheet HTML 7Page - Sony Corporation CXA1875AP Datasheet HTML 8Page - Sony Corporation CXA1875AP Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
—5—
CXA1875AP/AM
I2C Bus Control Signal
Electrical Characteristics Test Circuit
Test circuit 1
Test circuit 2
Test circuit 3
Test circuit 4
tBUF
SCL
SDA
P
S
tHD:STA
tLOW
tR
tHD:DAT
tF
tHIGH
tSU:DAT
Sr
tHD:STA
tSU:STA
P
tSU:STO
I2C BUS
A
0.022µ
+5V
10µ
5V
100p
100p
100p
100p
100p
V
3
4
5
6
7
8
2
1
16
15
14
13
12
9
10
11
I2C BUS
A
0.022µ
10µ
100p
3
4
5
6
7
8
2
1
100p
100p
100p
100p
V
+5V
16
15
14
13
12
9
10
11
±1mA
I2C BUS
0.022µ
10µ
+5V
V4
16
15
14
13
12
9
10
11
A
3
4
5
6
7
8
2
1
1.5 V (No. 7)
3.0 V (No. 8)
0.4 V (No. 9)
4.5 V (No. 10)
V4=
I2C BUS
0.022µ
10µ
+5V
1mA
3
4
5
6
7
8
2
1
15
14
13
12
9
10
11
16
V


Número de pieza similar - CXA1875AP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sony Corporation
CXA1870 SONY-CXA1870 Datasheet
573Kb / 40P
   Color TV Y/C/Jungle
CXA1870S SONY-CXA1870S Datasheet
573Kb / 40P
   Color TV Y/C/Jungle
CXA1871S SONY-CXA1871S Datasheet
639Kb / 46P
   NTSC/PAL Y/C/Jungle
CXA1878Q SONY-CXA1878Q Datasheet
1Mb / 36P
   Dolby B-C Type Noise Reduction System with Recording/Playback Equalizer Amplifier
More results

Descripción similar - CXA1875AP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sony Corporation
CXA1315M SONY-CXA1315M Datasheet
308Kb / 11P
   8-bit D/A Converter Supporting with I2C Bus
logo
Mitsubishi Electric Sem...
M62334P MITSUBISHI-M62334P Datasheet
33Kb / 6P
   8-BIT 4CH I2C BUS D-A CONVERTER WITH BUFFER AMPLIFIERS
M62332P MITSUBISHI-M62332P Datasheet
37Kb / 6P
   8-BIT 2CH I2C BUS D-A CONVERTER WITH BUFFER AMPLIFIERS
M62393P MITSUBISHI-M62393P Datasheet
85Kb / 5P
   8-BIT 8CH I2C-BUS D-A CONVERTER WITH BUFFER AMPLIFIERS
logo
Renesas Technology Corp
M62333PFP RENESAS-M62333PFP_15 Datasheet
127Kb / 10P
   8-bit 3ch I2C BUS D/A Converter with Buffer Amplifiers
M62332P RENESAS-M62332P_15 Datasheet
126Kb / 10P
   8-bit 2ch I2C BUS D/A Converter with Buffer Amplifiers
M62332P RENESAS-M62332P Datasheet
127Kb / 10P
   8-bit 2ch I2C BUS D/A Converter with Buffer Amplifiers
M62334P RENESAS-M62334P_08 Datasheet
143Kb / 10P
   8-bit 4ch I2C BUS D/A Converter with Buffer Amplifiers
M62333P RENESAS-M62333P Datasheet
128Kb / 10P
   8-bit 3ch I2C BUS D/A Converter with Buffer Amplifiers
M62398P RENESAS-M62398P Datasheet
2Mb / 8P
   8-BIT 12CH I2C BUS D-A CONVERTER WITH BUFFER AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com