Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CXA1898Q Datasheet(PDF) 4 Page - Sony Corporation

No. de pieza CXA1898Q
Descripción Electrónicos  Recording/Playback Equalizer Amplifier
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SONY [Sony Corporation]
Página de inicio  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA1898Q Datasheet(HTML) 4 Page - Sony Corporation

  CXA1898Q Datasheet HTML 1Page - Sony Corporation CXA1898Q Datasheet HTML 2Page - Sony Corporation CXA1898Q Datasheet HTML 3Page - Sony Corporation CXA1898Q Datasheet HTML 4Page - Sony Corporation CXA1898Q Datasheet HTML 5Page - Sony Corporation CXA1898Q Datasheet HTML 6Page - Sony Corporation CXA1898Q Datasheet HTML 7Page - Sony Corporation CXA1898Q Datasheet HTML 8Page - Sony Corporation CXA1898Q Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
– 4 –
CXA1898Q
10
A EQ
—I
A deck equalizer
switch.
Low: 120µs EQ
High: 70µs EQ
10
VCC
147
GND
GND
VCC
11
B EQ
2.5V
(when
open)
I
B deck equalizer switch.
Low: Normal Tape,
120µs EQ
High: CrO2 Tape, 70µs
EQ
Medium: Metal Tape,
70µs EQ
53k
12
RMUTE1 I
—I
Recording mute
ON/OFF switch.
Low: Mute OFF
High: Mute ON
∗ Fader function is
realized by the
external time
constant circuit.
Connects Pin 13
(RMUTE1).
13
14
R MUTE1
R MUTE2
15
SPEED
16
PB MUTE
5.0V
(when
reset)
(when
Pin 25
(DATA)
is set to
high)
O
Output for recording
mute ON/OFF switch
control signal.
Outputs D11 from Pin
25 (DATA).
Output for recording/
playback equalizer
speed switch control
signal. Outputs D9 from
Pin 25 (DATA).
Low: Normal Speed
High: High Speed
(1.7 times)
Output pin for playback
mute ON/OFF switch
control signal. Outputs
D7 from Pin 25 (DATA).
Connects a resistor to
VDD for Pins 13 to 16.
VCC
147 50k
VCC
GND
GND
5k
5k
11
× 2
12
VCC
147
GND
GND
VCC
20k
× 2
20k
2.7V
50µA
14
15
16
× 4
VDD
5k
GND
GND
VCC
× 4
5k
13
20k
Pin
No.
Symbol
DC
voltage
I/O
Equivalent circuit
Description
I/O
resistance


Número de pieza similar - CXA1898Q

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sony Corporation
CXA1897Q SONY-CXA1897Q Datasheet
396Kb / 22P
   Dolby B Type Noise Reduction System with Recording/Playback Equalizer
More results

Descripción similar - CXA1898Q

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sony Corporation
CXA1998BQ SONY-CXA1998BQ Datasheet
488Kb / 28P
   Recording/Playback Equalizer Amplifier
CXA1998AQ SONY-CXA1998AQ Datasheet
695Kb / 28P
   Recording/Playback Equalizer Amplifier
CXA1498S SONY-CXA1498S Datasheet
378Kb / 13P
   Recording/Playback Equalizer Amplifier for Stereo Tape Recorder
logo
Rohm
BA5102A ROHM-BA5102A Datasheet
99Kb / 2P
   Switchless Recording/Playback Amplifier
logo
Sony Corporation
CXA2002R SONY-CXA2002R Datasheet
421Kb / 25P
   2-channel Recording/Playback Amplifier
logo
Sanyo Semicon Device
LA7270 SANYO-LA7270 Datasheet
256Kb / 6P
   VHS VTR Playback Head Amplifier Recording Amplifier
logo
Sony Corporation
CXA1878Q SONY-CXA1878Q Datasheet
1Mb / 36P
   Dolby B-C Type Noise Reduction System with Recording/Playback Equalizer Amplifier
logo
Aplus Intergrated Circu...
APR6008 APLUS-APR6008 Datasheet
2Mb / 23P
   Voice Recording & Playback Device Voice Recording & Playback Device
logo
Sanyo Semicon Device
LA70020 SANYO-LA70020 Datasheet
173Kb / 13P
   Recording/Playback Amplifier for VHS VCRs
logo
Panasonic Semiconductor
AN3371SB PANASONIC-AN3371SB Datasheet
74Kb / 7P
   2-head recording/playback amplifier IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com