Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CXA1991N Datasheet(PDF) 1 Page - Sony Corporation

No. de pieza CXA1991N
Descripción Electrónicos  FM Pager/FM Multiplex Tuner
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SONY [Sony Corporation]
Página de inicio  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA1991N Datasheet(HTML) 1 Page - Sony Corporation

  CXA1991N Datasheet HTML 1Page - Sony Corporation CXA1991N Datasheet HTML 2Page - Sony Corporation CXA1991N Datasheet HTML 3Page - Sony Corporation CXA1991N Datasheet HTML 4Page - Sony Corporation CXA1991N Datasheet HTML 5Page - Sony Corporation CXA1991N Datasheet HTML 6Page - Sony Corporation CXA1991N Datasheet HTML 7Page - Sony Corporation CXA1991N Datasheet HTML 8Page - Sony Corporation CXA1991N Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
—1—
E95925B8Y
Sony reserves the right to change products and specifications without prior notice. This information does not convey any license by
any implication or otherwise under any patents or other right. Application circuits shown, if any, are typical examples illustrating the
operation of the devices. Sony cannot assume responsibility for any problems arising out of the use of these circuits.
Absolute Maximum Ratings (Ta=25 °C)
• Supply voltage
VCC
14
V
• Operating temperature
Topr
–20 to +75
°C
• Storage temperature
Tstg
–65 to +150
°C
• Allowable power dissipation
PD
400
mW
Operating Conditions
Supply voltage
VCC
1.8 to 4.5
V
Description
The CXA1991N is a tuner IC designed for use in
FM pagers and FM multiplex broadcasting. A
receiver system can be configured by using the
digital data output, in combination with a decoder. It
has a battery save function and ultra-low power
consumption.
Features
• Ultra-low power consumption
(ID = 1.2 mA for FM; ID = 0.8 mA for AM; VCC = 3 V)
• LED drive circuit for tuning
• Battery save function
• Few external parts
Applications
• Tuners for FM multiplex broadcasting
• FM pagers
FM Pager/FM Multiplex Tuner
20 pin SSOP (Plastic)
Block Diagram
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
12
11
AM FRONT END
FM FRONT END
13
REG
METER
BATTERY
SAVE CONT
FM IF DET
AM IF, IF DET
AGC
AGC BUFF
CXA1991N
For the availability of this product, please contact the sales office.


Número de pieza similar - CXA1991N

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sony Corporation
CXA1992 SONY-CXA1992 Datasheet
714Kb / 49P
   RF Signal Processing Servo Amplifier
CXA1992AR SONY-CXA1992AR Datasheet
714Kb / 49P
   RF Signal Processing Servo Amplifier
CXA1992BR SONY-CXA1992BR Datasheet
718Kb / 49P
   RF Signal Processing Servo Amplifier
CXA1992R SONY-CXA1992R Datasheet
890Kb / 49P
   RF Signal Processing Servo Amplifier
CXA1994 SONY-CXA1994 Datasheet
119Kb / 8P
   M-ary FSK Demodulating Comparator
More results

Descripción similar - CXA1991N

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
LV3401M SANYO-LV3401M Datasheet
166Kb / 4P
   FM Multiplex Filter
logo
List of Unclassifed Man...
RTC6218 ETC1-RTC6218 Datasheet
420Kb / 20P
   FM Tuner
logo
Unisonic Technologies
A6043 UTC-A6043 Datasheet
97Kb / 4P
   FM STEREO MULTIPLEX
A6043 UTC-A6043_10 Datasheet
152Kb / 4P
   FM STEREO MULTIPLEX
logo
Sanyo Semicon Device
LV3400M SANYO-LV3400M Datasheet
90Kb / 4P
   FM Multiplex Filter
logo
Unisonic Technologies
A6043 UTC-A6043_15 Datasheet
186Kb / 4P
   FM STEREO MULTIPLEX
logo
Daewoo Semiconductor
DBL1009 DAEWOO-DBL1009 Datasheet
226Kb / 4P
   PLL FM STEREO MULTIPLEX
DBL1035 DAEWOO-DBL1035 Datasheet
440Kb / 8P
   PLL FM STEREO MULTIPLEX
logo
Panasonic Semiconductor
AN7470 PANASONIC-AN7470 Datasheet
193Kb / 3P
   FM STEREO MULTIPLEX DEMODULATOR
AN7261FBQ PANASONIC-AN7261FBQ Datasheet
54Kb / 5P
   FM multiplex reception IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com