Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CXA2006 Datasheet(PDF) 7 Page - Sony Corporation

No. de pieza CXA2006
Descripción Electrónicos  Digital CCD Camera Head Amplifier
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SONY [Sony Corporation]
Página de inicio  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA2006 Datasheet(HTML) 7 Page - Sony Corporation

Back Button CXA2006 Datasheet HTML 3Page - Sony Corporation CXA2006 Datasheet HTML 4Page - Sony Corporation CXA2006 Datasheet HTML 5Page - Sony Corporation CXA2006 Datasheet HTML 6Page - Sony Corporation CXA2006 Datasheet HTML 7Page - Sony Corporation CXA2006 Datasheet HTML 8Page - Sony Corporation CXA2006 Datasheet HTML 9Page - Sony Corporation CXA2006 Datasheet HTML 10Page - Sony Corporation CXA2006 Datasheet HTML 11Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
– 7 –
CXA2006Q
24
CLPDM
Clamp pulse used to
clamp the dummy
pixel portion of the
input CCD signal.
VTH = 1.45V
29k
1.1k
85µA
127
1.45V
66k
1.1k
85µA
24
25
26
PIN
DIN
CCD signal input.
Black level:
approx. 2.7V
2k
2k
200
90µA
127
36k
14k
0.9µA
25
26
29
LIN/CH
Common input for
the composite video
signal (LIN) and
high-band chroma
signal (CH).
Clamp
potential
during LIN
mode:
approx. 2.4V
During CH
mode:
approx. 2.7V
26k
1k
200µA
127
100µA
2.7V
10k
2µA
2.1V
LIN mode
19k
100µA
CH mode
10k
29
Active: Low
Pin
No.
Symbol
Pin voltage
Equivalent circuit
Description


Número de pieza similar - CXA2006

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sony Corporation
CXA2000 SONY-CXA2000 Datasheet
694Kb / 48P
   Y/C/RGB/D for PAL/NTSC Color TVs
CXA2000Q SONY-CXA2000Q Datasheet
694Kb / 48P
   Y/C/RGB/D for PAL/NTSC Color TVs
CXA2002 SONY-CXA2002 Datasheet
421Kb / 25P
   2-channel Recording/Playback Amplifier
CXA2002R SONY-CXA2002R Datasheet
421Kb / 25P
   2-channel Recording/Playback Amplifier
More results

Descripción similar - CXA2006

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sony Corporation
CXA2056Q SONY-CXA2056Q Datasheet
361Kb / 24P
   Digital CCD Camera Head Amplifier
CXA3796N SONY-CXA3796N Datasheet
373Kb / 19P
   Digital CCD Camera Head Amplifier
CXA2096N SONY-CXA2096N Datasheet
290Kb / 16P
   Digital CCD Camera Head Amplifier
logo
Hamamatsu Corporation
C4880-91 HAMAMATSU-C4880-91 Datasheet
98Kb / 2P
   Digital CCD Camera
C4880-50 HAMAMATSU-C4880-50 Datasheet
119Kb / 2P
   Digital CCD Camera
C4880-20 HAMAMATSU-C4880-20 Datasheet
120Kb / 2P
   Digital CCD Camera
C4880-21 HAMAMATSU-C4880-21 Datasheet
119Kb / 2P
   Digital CCD Camera
logo
Sony Corporation
CXA1690Q SONY-CXA1690Q Datasheet
284Kb / 18P
   Head Amplifier for Digital CCD Cameras
logo
Hamamatsu Corporation
C7300-10 HAMAMATSU-C7300-10 Datasheet
74Kb / 2P
   High Performance Digital CCD Camera
C8000-10 HAMAMATSU-C8000-10 Datasheet
66Kb / 2P
   BT(Back-thinned)-CCD Digital Camera
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com