Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SN74ABT162827 Datasheet(PDF) 5 Page - Texas Instruments

No. de pieza SN74ABT162827
Descripción Electrónicos  20-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

SN74ABT162827 Datasheet(HTML) 5 Page - Texas Instruments

  SN74ABT162827 Datasheet HTML 1Page - Texas Instruments SN74ABT162827 Datasheet HTML 2Page - Texas Instruments SN74ABT162827 Datasheet HTML 3Page - Texas Instruments SN74ABT162827 Datasheet HTML 4Page - Texas Instruments SN74ABT162827 Datasheet HTML 5Page - Texas Instruments SN74ABT162827 Datasheet HTML 6Page - Texas Instruments SN74ABT162827 Datasheet HTML 7Page - Texas Instruments SN74ABT162827 Datasheet HTML 8Page - Texas Instruments SN74ABT162827 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
SN54ABT162827, SN74ABT162827
20BIT BUFFERS/DRIVERS
WITH 3STATE OUTPUTS
SCBS248B − JULY 1993 − REVISED DECEMBER 1994
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
switching characteristics over recommended ranges of supply voltage and operating free-air
temperature, CL = 50 pF (unless otherwise noted) (see Figure 1)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC = 5 V,
TA = 25°C
SN54ABT162827
SN74ABT162827
UNIT
PARAMETER
(INPUT)
(OUTPUT)
MIN
TYP†
MAX
MIN
MAX
MIN
MAX
UNIT
tPLH
A
Y
1
2.1
3.6
1
4.1
1
3.9
ns
tPHL
A
Y
1.1
2.8
4.2
1.1
5
1.1
4.7
ns
tPZH
OE
Y
1.5
3.4
6.3
1.5
7.2
1.5
6.9
ns
tPZL
OE
Y
1.6
3.5
7.3
1.6
6.6
1.6
6.3
ns
tPHZ
OE
Y
2.1
4.1
6.5
2.1
6.8
2.1
6.6
ns
tPLZ
OE
Y
1.5
3.5
5.9
1.5
7.3
1.5
6.3
ns
† All typical values are at VCC = 5 V.
PRODUCT PREVIEW information concerns products in the formative or
design phase of development. Characteristic data and other
specifications are design goals. Texas Instruments reserves the right to
change or discontinue these products without notice.


Número de pieza similar - SN74ABT162827

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SN74ABT162827A TI-SN74ABT162827A Datasheet
206Kb / 11P
[Old version datasheet]   20-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN74ABT162827ADGG TI-SN74ABT162827ADGG Datasheet
206Kb / 11P
[Old version datasheet]   20-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN74ABT162827ADGGR TI-SN74ABT162827ADGGR Datasheet
206Kb / 11P
[Old version datasheet]   20-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN74ABT162827ADGV TI-SN74ABT162827ADGV Datasheet
206Kb / 11P
[Old version datasheet]   20-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN74ABT162827ADGVR TI-SN74ABT162827ADGVR Datasheet
206Kb / 11P
[Old version datasheet]   20-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
More results

Descripción similar - SN74ABT162827

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
54ACT16827 TI-54ACT16827 Datasheet
150Kb / 1P
[Old version datasheet]   20-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54ABT162827A TI-SN54ABT162827A Datasheet
206Kb / 11P
[Old version datasheet]   20-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74ALVCH162827 HITACHI-HD74ALVCH162827 Datasheet
48Kb / 10P
   20-bit Buffers / Drivers with 3-state Outputs
HD74ALVCH16827 HITACHI-HD74ALVCH16827 Datasheet
47Kb / 9P
   20-bit Buffers / Drivers with 3-state Outputs
logo
Texas Instruments
SN54ABT16827 TI-SN54ABT16827_07 Datasheet
295Kb / 10P
[Old version datasheet]   20-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
logo
Renesas Technology Corp
HD74ALVCH162827 RENESAS-HD74ALVCH162827 Datasheet
2Mb / 10P
   20-bit Buffers / Drivers with 3-state Outputs
logo
Texas Instruments
SN54ABT16827 TI-SN54ABT16827 Datasheet
107Kb / 6P
[Old version datasheet]   20-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
logo
Renesas Technology Corp
HD74ALVCH16827 RENESAS-HD74ALVCH16827 Datasheet
230Kb / 9P
   20-bit Buffers / Drivers with 3-state Outputs
logo
Texas Instruments
54ACT16827 TI-54ACT16827_08 Datasheet
323Kb / 10P
[Old version datasheet]   20-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54BCT29827B TI-SN54BCT29827B Datasheet
251Kb / 9P
[Old version datasheet]   10-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com