Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SN74AC04-Q1 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
No. de pieza SN74AC04-Q1
Descripción Electrónicos  HEX INVERTER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

SN74AC04-Q1 Datasheet(HTML) 1 Page - Texas Instruments

  SN74AC04-Q1 Datasheet HTML 1Page - Texas Instruments SN74AC04-Q1 Datasheet HTML 2Page - Texas Instruments SN74AC04-Q1 Datasheet HTML 3Page - Texas Instruments SN74AC04-Q1 Datasheet HTML 4Page - Texas Instruments SN74AC04-Q1 Datasheet HTML 5Page - Texas Instruments SN74AC04-Q1 Datasheet HTML 6Page - Texas Instruments SN74AC04-Q1 Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
SN74AC04-Q1
HEX INVERTER
SCAS786B − NOVEMBER 2004 − REVISED JANUARY 2008
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Qualified for Automotive Applications
D 2-V to 6-V V
CC Operation
D Inputs Accept Voltages to 6 V
D Max t
pd of 7 ns at 5 V
description/ordering information
The SN74AC04 device contains six independent
inverters. The device performs the Boolean function
Y = A.
ORDERING INFORMATION
TA
PACKAGE
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
−40
°C to 125°C
TSSOP − PW
Reel of 2000
SN74AC04QPWRQ1
AC04Q
−40
°C to 85°C
TSSOP − PW
Reel of 2000
SN74AC04IPWRQ1
AC04I
For the most current package and ordering information, see the Package Option Addendum at the end of this
document, or see the TI web site at www.ti.com.
Package drawings, thermal data, and symbolization are available at www.ti.com/packaging.
FUNCTION TABLE
(each inverter)
INPUT
OUTPUT
INPUT
A
OUTPUT
Y
H
L
L
H
logic diagram, each inverter (positive logic)
Y
A
1
2
3
4
5
6
7
14
13
12
11
10
9
8
1A
1Y
2A
2Y
3A
3Y
GND
VCC
6A
6Y
5A
5Y
4A
4Y
PW PACKAGE
(TOP VIEW)
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Copyright
 2008, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.


Número de pieza similar - SN74AC04-Q1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SN74AC04-Q1 TI1-SN74AC04-Q1 Datasheet
269Kb / 8P
[Old version datasheet]   HEX INVERTER
More results

Descripción similar - SN74AC04-Q1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
74LVC04A PHILIPS-74LVC04A Datasheet
87Kb / 10P
   Hex inverter
1997 Jun 30
logo
Texas Instruments
74AC11004 TI-74AC11004 Datasheet
75Kb / 5P
[Old version datasheet]   HEX INVERTER
REVISED APRIL 1996
logo
Fairchild Semiconductor
74AC04 FAIRCHILD-74AC04 Datasheet
104Kb / 8P
   Hex Inverter
74VHCT04A FAIRCHILD-74VHCT04A Datasheet
128Kb / 8P
   Hex Inverter
MM74HC04 FAIRCHILD-MM74HC04 Datasheet
77Kb / 6P
   Hex Inverter
MM74HCU04 FAIRCHILD-MM74HCU04 Datasheet
81Kb / 6P
   Hex Inverter
logo
NXP Semiconductors
74HC04 PHILIPS-74HC04 Datasheet
33Kb / 5P
   Hex inverter
2003 Jul 23
logo
STMicroelectronics
HCC4069UB STMICROELECTRONICS-HCC4069UB Datasheet
283Kb / 12P
   HEX INVERTER
logo
Motorola, Inc
74LS04 MOTOROLA-74LS04 Datasheet
34Kb / 2P
   HEX INVERTER
logo
NXP Semiconductors
74ALS04B PHILIPS-74ALS04B Datasheet
100Kb / 8P
   Hex inverter
1991 Feb 08
logo
STMicroelectronics
74AC04 STMICROELECTRONICS-74AC04_01 Datasheet
176Kb / 8P
   HEX INVERTER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com