Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CXA2019AQ Datasheet(PDF) 5 Page - Sony Corporation

No. de pieza CXA2019AQ
Descripción Electrónicos  NTSC/PAL Chroma Decoder
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SONY [Sony Corporation]
Página de inicio  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA2019AQ Datasheet(HTML) 5 Page - Sony Corporation

  CXA2019AQ Datasheet HTML 1Page - Sony Corporation CXA2019AQ Datasheet HTML 2Page - Sony Corporation CXA2019AQ Datasheet HTML 3Page - Sony Corporation CXA2019AQ Datasheet HTML 4Page - Sony Corporation CXA2019AQ Datasheet HTML 5Page - Sony Corporation CXA2019AQ Datasheet HTML 6Page - Sony Corporation CXA2019AQ Datasheet HTML 7Page - Sony Corporation CXA2019AQ Datasheet HTML 8Page - Sony Corporation CXA2019AQ Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
– 5 –
CXA2019AQ
Reinput system clamp pulse input.
Input the main picture BGP (SCP).
Vth: 2.5V
Pin
No.
Symbol
Equivalent circuit
Description
9
ABLFILIN
ABLFIL voltage input.
Input the main picture Y/C/J ABLFIL
voltage.
10
CP IN
11
12
13
Y2 IN
U2 IN
V2 IN
Reinput system inputs.
Input via a capacitor.
14
V TIM
V timing pulse output.
Outputs a 0 to 5V positive polarity
pulse.
37k
Vcc
90k
Vcc
90k
9
Vcc
1.2k
Vcc
15k
10
11
13
1.2k
Vcc
70k
12
20k
Vcc
Vcc
1k
14
1k
15
4V
H TIM
H timing pulse output.
Outputs a 0 to 5V positive polarity
pulse.
20k
Vcc
Vcc
1k
1k
15
Pin
voltage


Número de pieza similar - CXA2019AQ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cree, Inc
CXA2011 CREE-CXA2011 Datasheet
920Kb / 12P
   Cree짰 XLamp짰 CXA2011 LED
CXA2011 CREE-CXA2011 Datasheet
1Mb / 12P
   Cree짰 XLamp짰 CXA2011 LED
CXA2011 CREE-CXA2011 Datasheet
1Mb / 14P
   Cree XLamp CXA2011 LED
CXA2011-0000-000P00F00E8 CREE-CXA2011-0000-000P00F00E8 Datasheet
1Mb / 14P
   Cree XLamp CXA2011 LED
CXA2011-0000-000P00F027F CREE-CXA2011-0000-000P00F027F Datasheet
1Mb / 14P
   Cree XLamp CXA2011 LED
More results

Descripción similar - CXA2019AQ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
M51271FP ETC1-M51271FP Datasheet
36Kb / 3P
   NTSC/PAL CHROMA DECODER
logo
NXP Semiconductors
TDA3566A PHILIPS-TDA3566A Datasheet
253Kb / 24P
   PAL/NTSC decoder
February 1994
logo
Sony Corporation
CXA1219 SONY-CXA1219 Datasheet
509Kb / 11P
   NTSC/PAL Decoder
logo
Mitsubishi Electric Sem...
M51391ASP MITSUBISHI-M51391ASP Datasheet
985Kb / 13P
   PAL/NTSC VIDEO CHROMA DEFLECTION
logo
Sony Corporation
CXA1218S SONY-CXA1218S Datasheet
704Kb / 15P
   NTSC/PAL Decoder
logo
Mitsubishi Electric Sem...
M52039SP MITSUBISHI-M52039SP Datasheet
1Mb / 22P
   PAL/NTSC VIDEO CHROMA DEFLECTION
M52025SP MITSUBISHI-M52025SP Datasheet
994Kb / 18P
   PAL/NTSC VIDEO CHROMA DEFLECTION
M51390ASP MITSUBISHI-M51390ASP Datasheet
1,010Kb / 14P
   PAL/NTSC VIDEO CHROMA DEFLECTION
M52016SP MITSUBISHI-M52016SP Datasheet
1Mb / 13P
   PAL/ NTSC VIDEO CHROMA DEFLECTION
logo
Intersil Corporation
HMP8116 INTERSIL-HMP8116 Datasheet
182Kb / 43P
   NTSC/PAL Video Decoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com