Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CS51221EDR16 Datasheet(PDF) 10 Page - ON Semiconductor

No. de pieza CS51221EDR16
Descripción Electrónicos  Enhanced Voltage Mode PWM Controller
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS51221EDR16 Datasheet(HTML) 10 Page - ON Semiconductor

Back Button CS51221EDR16 Datasheet HTML 6Page - ON Semiconductor CS51221EDR16 Datasheet HTML 7Page - ON Semiconductor CS51221EDR16 Datasheet HTML 8Page - ON Semiconductor CS51221EDR16 Datasheet HTML 9Page - ON Semiconductor CS51221EDR16 Datasheet HTML 10Page - ON Semiconductor CS51221EDR16 Datasheet HTML 11Page - ON Semiconductor CS51221EDR16 Datasheet HTML 12Page - ON Semiconductor CS51221EDR16 Datasheet HTML 13Page - ON Semiconductor CS51221EDR16 Datasheet HTML 14Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
CS51221
http://onsemi.com
10
Figure 8. The SYNC Pin Generates a Sync Pulse at
the Beginning of Each Switching Cycle.
CH2: GATE Pin, CH3: RTCT, CH4: SYNC Pin
Figure 9. Operation with External Sync.
CH2: SYNC Pin, CH3: GATE Pin, CH4: RTCT Pin
An external pulse signal can feed to the bidirectional
SYNC pin to synchronize the switch frequency. For reliable
operation, the sync frequency should be approximately 20%
higher than free running IC frequency. As show in Figure 9,
when the SYNC pin is triggered by an incoming signal, the
IC immediately discharges CT. The GATE signal is turned
on once the RTCT pin reaches the valley voltage. Because of
the steep falling edge, this valley voltage falls below the
regular 1.0 V threshold. However, the RTCT pin voltage is
then quickly raised by a clamp. When the RTCT pin reaches
the 0.95 V (typ) Valley Clamp Voltage, the clamp is
disconnected after a brief delay and CT is charged through
RT.
DESIGN GUIDELINES
Switch Frequency and Maximum Duty Cycle
Calculations
Oscillator timing capacitor, CT, is charged by VREF
through RT and discharged by an internal current source.
During the discharge time, the internal clock signal sets the
Gate output to the low state, thus providing a user selectable
maximum duty cycle clamp. Charge and discharge times are
determined by following general formulas;
tC + RTCT ln
(VREF * VVALLEY)
(VREF * VPEAK)
td + RTCT ln
(VREF * VPEAK * IdRT)
(VREF * VVALLEY * IdRT)
where:
tC = charging time;
td = discharging time;
VVALLEY = valley voltage of the oscillator;
VPEAK = peak voltage of the oscillator.
Substituting in typical values for the parameters in the
above formulas, VREF = 3.3 V, VVALLEY = 1.0 V, VPEAK =
2.0 V, Id = 1.0 mA:
tC + 0.57RTCT
td + RTCT ln
1.3
* 0.001RT
2.3
* 0.001RT
D max +
0.57
0.57
) In 1.3*0.001RT
2.3
*0.001RT
It is noticed from the equation that for the oscillator to
function properly, RT has to be greater than 2.3 k.
Select RC for Feed Forward Ramp
If the line voltage is much greater than the FF pin Peak
Voltage, the charge current can be treated as a constant and
is equal to VIN/R. Therefore, the volt−second value is
determined by:
VIN
TON + (VCOMP * VFF(d))
R
C
where:
VCOMP = COMP pin voltage;
VFF(d) = FF pin discharge voltage.
As shown in the equation, the volt−second clamp is set by
the VCOMP clamp voltage which is equal to 1.8 V. In
Forward or Flyback circuits, the volt−second clamp value is
designed to prevent transformers from saturation.
In a buck or forward converter, volt−second is equal to
VIN
TON +
VOUT
TS
n
n = transformer turns ratio, which is a constant determined
by the regulated output voltage, switching period and
transformer turns ration (use 1.0 for buck converter). It is
interesting to notice from the aforementioned two equations


Número de pieza similar - CS51221EDR16

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cherry Semiconductor Co...
CS51221EDR16 CHERRY-CS51221EDR16 Datasheet
164Kb / 12P
   Enhanced Voltage Mode PWM Controller
logo
ON Semiconductor
CS51221EDR16 ONSEMI-CS51221EDR16 Datasheet
173Kb / 14P
   Enhanced Voltage Mode PWM Controller
September, 2005 ??Rev. 8
CS51221EDR16 ONSEMI-CS51221EDR16 Datasheet
178Kb / 14P
   Enhanced Voltage Mode PWM Controller
September, 2005 ??Rev. 8
CS51221EDR16G ONSEMI-CS51221EDR16G Datasheet
173Kb / 14P
   Enhanced Voltage Mode PWM Controller
September, 2005 ??Rev. 8
CS51221EDR16G ONSEMI-CS51221EDR16G Datasheet
178Kb / 14P
   Enhanced Voltage Mode PWM Controller
September, 2005 ??Rev. 8
More results

Descripción similar - CS51221EDR16

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
CS51221 ONSEMI-CS51221 Datasheet
178Kb / 14P
   Enhanced Voltage Mode PWM Controller
September, 2005 ??Rev. 8
NCP1294 ONSEMI-NCP1294 Datasheet
229Kb / 13P
   Enhanced Voltage Mode PWM Controller
July, 2009 ??Rev. 0
CS51221 ONSEMI-CS51221 Datasheet
173Kb / 14P
   Enhanced Voltage Mode PWM Controller
September, 2005 ??Rev. 8
logo
Cherry Semiconductor Co...
CS51221 CHERRY-CS51221 Datasheet
164Kb / 12P
   Enhanced Voltage Mode PWM Controller
logo
ON Semiconductor
CS51021A ONSEMI-CS51021A Datasheet
130Kb / 11P
   Enhanced Current Mode PWM Controller
February, 2006 ??Rev. 8
logo
Cherry Semiconductor Co...
CS51021 CHERRY-CS51021 Datasheet
170Kb / 9P
   Enhanced Current Mode PWM Controller
logo
Semtech Corporation
SC1103 SEMTECH-SC1103 Datasheet
97Kb / 8P
   VOLTAGE MODE PWM CONTROLLER
logo
Shaoxing Devechip Micro...
SDC7500 SDC-SDC7500 Datasheet
308Kb / 10P
   Voltage Mode PWM Controller
logo
Taiwan Semiconductor Co...
TS494 TSC-TS494 Datasheet
138Kb / 7P
   Voltage Mode PWM Controller
logo
List of Unclassifed Man...
AP494 ETC-AP494 Datasheet
175Kb / 8P
   VOLTAGE MODE PWM CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com