Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CXA2610AN Datasheet(PDF) 1 Page - Sony Corporation

No. de pieza CXA2610AN
Descripción Electrónicos  Laser Driver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SONY [Sony Corporation]
Página de inicio  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA2610AN Datasheet(HTML) 1 Page - Sony Corporation

  CXA2610AN Datasheet HTML 1Page - Sony Corporation CXA2610AN Datasheet HTML 2Page - Sony Corporation CXA2610AN Datasheet HTML 3Page - Sony Corporation CXA2610AN Datasheet HTML 4Page - Sony Corporation CXA2610AN Datasheet HTML 5Page - Sony Corporation CXA2610AN Datasheet HTML 6Page - Sony Corporation CXA2610AN Datasheet HTML 7Page - Sony Corporation CXA2610AN Datasheet HTML 8Page - Sony Corporation CXA2610AN Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Laser Driver
Description
The CXA2610AN is a laser driver IC for optical
discs. This IC supports higher optical power output
speeds.
Features
• LD driver with excellent driving capability
• Write current of 250mA (max.) possible by setting
the IIN2 (Pin 2) and IIN3 (Pin 5) external resistors
• Rise time
≈ 3ns
• Fall time
≈ 4ns
• The oscillation frequency of the built-in oscillation
circuit can be set from 100 to 600MHz by
connecting the OSCFR (Pin 4) external resistor to
GND.
• The oscillator amplitude initial value of the built-in
oscillation circuit can be set by connecting the
OSCGA (Pin 12) external resistor to GND, and the
oscillator amplitude can be adjusted by the IINR
input current value.
• Oscillation ON/OFF can be set as desired.
• Single +5V power supply
• TTL/CMOS control for control system
Applications
• CD-R driver
• CD-RW driver
• DVD driver
• Writable optical driver
• Laser diode current switching
Structure
Bipolar silicon monolithic IC
Absolute Maximum Ratings
• Supply voltage
Vcc
5.5
V
• Operating temperature
Topr
–10 to +70
°C
• Storage temperature
Tstg
–65 to +150
°C
Operating Conditions
Supply voltage
4.5 to 5.5
V
– 1 –
PE00145-PS
Sony reserves the right to change products and specifications without prior notice. This information does not convey any license by
any implication or otherwise under any patents or other right. Application circuits shown, if any, are typical examples illustrating the
operation of the devices. Sony cannot assume responsibility for any problems arising out of the use of these circuits.
CXA2610AN
16 pin SSOP (Plastic)
Preliminary


Número de pieza similar - CXA2610AN

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sony Corporation
CXA2610N SONY-CXA2610N Datasheet
119Kb / 10P
   Laser Driver
More results

Descripción similar - CXA2610AN

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sony Corporation
CXA2610N SONY-CXA2610N Datasheet
119Kb / 10P
   Laser Driver
CXB1558Q-Y SONY-CXB1558Q-Y Datasheet
272Kb / 11P
   Laser Driver
CXB1548Q-Y SONY-CXB1548Q-Y Datasheet
288Kb / 12P
   Laser Driver
logo
Agere Systems
LG1625AXF AGERE-LG1625AXF Datasheet
363Kb / 12P
   LG1625AXF Laser Driver
logo
Intersil Corporation
EL6203 INTERSIL-EL6203 Datasheet
169Kb / 10P
   Laser Driver Oscillator
EL6202 INTERSIL-EL6202 Datasheet
116Kb / 8P
   Laser Driver Oscillator
logo
Mitsubishi Electric Sem...
M66512P MITSUBISHI-M66512P Datasheet
143Kb / 10P
   LASER-DIODE DRIVER
M66510P MITSUBISHI-M66510P Datasheet
224Kb / 10P
   LASER-DIODE DRIVER
logo
Intersil Corporation
EL6205 INTERSIL-EL6205 Datasheet
129Kb / 8P
   Laser Driver Oscillator
logo
IC-Haus GmbH
WJZMSOP8 ICHAUS-WJZMSOP8 Datasheet
577Kb / 12P
   LASER DIODE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com