Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CXA3031Q Datasheet(PDF) 5 Page - Sony Corporation

No. de pieza CXA3031Q
Descripción Electrónicos  Read/Write Amplifier (with Built-in Filters) for FDDs
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SONY [Sony Corporation]
Página de inicio  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA3031Q Datasheet(HTML) 5 Page - Sony Corporation

  CXA3031Q Datasheet HTML 1Page - Sony Corporation CXA3031Q Datasheet HTML 2Page - Sony Corporation CXA3031Q Datasheet HTML 3Page - Sony Corporation CXA3031Q Datasheet HTML 4Page - Sony Corporation CXA3031Q Datasheet HTML 5Page - Sony Corporation CXA3031Q Datasheet HTML 6Page - Sony Corporation CXA3031Q Datasheet HTML 7Page - Sony Corporation CXA3031Q Datasheet HTML 8Page - Sony Corporation CXA3031Q Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
– 5 –
CXA3031Q
Pin
No.
Symbol
Pin
voltage
Equivalent circuit
Description
21
HEAD 1B
22
HEAD 1A
23
HEAD 0B
24
HEAD 0A
25
WCLD
26
WCMD
27
WCHD
5V
when
XWG
= High
3.8V
when
XWG
= Low
28
IESET
29
D.GND
30
ERA0
31
ERA1
Magnetic head input/output connections.
Connect the recording/playback magnetic
head to these pins, and connect the center
tap to VCC. When the logical voltage for
Pin 7 (XS1) is Low, the HEAD1 system is
active; when the logical voltage is High, the
HEAD0 system is active.
1M write current setting resistor connection.
Connect the write current setting resistor
RWLD between this pin and VCC to set the
write current.
1.6M write current setting resistor connection.
Connect the write current setting resistor
RWMD between this pin and VCC to set the
write current.
2M write current setting resistor connection.
Connect the write current setting resistor
RWHD between this pin and VCC to set the
write current.
Erase current setting resistor connection.
Connect the erase current setting resistor RE
between this pin and VCC to set the erase
current.
Digital system GND connection.
Erase current connection for the HEAD0
system.
Erase current connection for the HEAD1
system.
A.GND
21
22
23
24
VCC
A.GND
1.2V
147
147
147
25
26
27
VCC
A.GND
1.2V
147
28
VCC
A.GND
30
31
5V
when
XEG
= High
3.8V
when
XEG
= Low


Número de pieza similar - CXA3031Q

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sony Corporation
CXA3038N SONY-CXA3038N Datasheet
226Kb / 16P
   IQ Detection IC for Digital Satellite Broadcast Tuner
logo
List of Unclassifed Man...
CXA3038N ETC2-CXA3038N Datasheet
46Kb / 2P
   A New Age of Unified High-Frequency Analog and Digital Circuits Digital Satellite Broadcast Tuner IC
More results

Descripción similar - CXA3031Q

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sony Corporation
CXA1720Q SONY-CXA1720Q Datasheet
336Kb / 26P
   Read/Write Amplifier (with Built-in Filters) for FDDs
CXA3010Q SONY-CXA3010Q Datasheet
310Kb / 26P
   Read/Write Amplifier (with Built-in Filters) for FDDs
CXA3071N SONY-CXA3071N Datasheet
280Kb / 24P
   Read/Write Amplifier (with Built-in Filters) for FDDs
CXA1362Q SONY-CXA1362Q Datasheet
558Kb / 25P
   READ/WRITE AMPLIFIER FOR FLOPPY DISK DRIVE WITH BUILT-IN FILTER
CXA1360Q SONY-CXA1360Q Datasheet
548Kb / 25P
   READ/WRITE AMPLIFIER FOR FLOPPY DISK DRIVE WITH BUILT-IN FILTER
logo
Rohm
BH6628AFS ROHM-BH6628AFS Datasheet
282Kb / 14P
   Read / Write amplifier for FDD
BH6627FS ROHM-BH6627FS Datasheet
272Kb / 14P
   Read /Write amplifier for FDD
BH6629BFS ROHM-BH6629BFS Datasheet
268Kb / 14P
   Read /Write amplifier for FDD
BH6625FS ROHM-BH6625FS Datasheet
276Kb / 14P
   Read / Write amplifier for FDD
BH6626FS ROHM-BH6626FS Datasheet
265Kb / 13P
   Read /Write amplifier for FDD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com