Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CXA3050M Datasheet(PDF) 10 Page - Sony Corporation

No. de pieza CXA3050M
Descripción Electrónicos  NICAM and SMATV RF MODULATOR/PLL
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SONY [Sony Corporation]
Página de inicio  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA3050M Datasheet(HTML) 10 Page - Sony Corporation

Back Button CXA3050M Datasheet HTML 6Page - Sony Corporation CXA3050M Datasheet HTML 7Page - Sony Corporation CXA3050M Datasheet HTML 8Page - Sony Corporation CXA3050M Datasheet HTML 9Page - Sony Corporation CXA3050M Datasheet HTML 10Page - Sony Corporation CXA3050M Datasheet HTML 11Page - Sony Corporation CXA3050M Datasheet HTML 12Page - Sony Corporation CXA3050M Datasheet HTML 13Page - Sony Corporation CXA3050M Datasheet HTML 14Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
– 10 –
CXA3050M
Parameter
Condition
Min.
Output impedance
Output return loss
RF Output level
RF Frequency respone
Picture/Sound ratio
VHF1 Frequency range
VHF2 Frequency range
UHF Frequency range 1
UHF Frequency range 2
RF Accuracy
Inter-carrier frequency range
Inter-carrier accuracy
RF Carrier phase noise
Sound carrier phase noise
Hum modulation
Chroma beat
C/N Ratio
RF Harmonics
Sub-carrier harmonics
NICAM Beat
Reference spurious frequency.
Spurious output level
700MHz 75
Ω termination
Using attached application
Using attached application
4.5, 5.5, 6.0, 6.5
4.5, 5.5, 6.0, 6.5
10kHz offset frequency
10kHz offset frequency
1/2 Video band offset
15.625kHz
75
79
–84.7
–84.7
–78
–63
–60
±2.5
±1
17
120
230
860
800
±50
6.5
±1
–80
–80
–60
–65
–60
–15
–60
–65
–55
–65
–7
10
50
170
470
670
4.5
0
dB
dBµV
dB
dBc
MHz
MHz
MHz
MHz
kHz
MHz
kHz
dBc/Hz
dBc/Hz
dB
dBc
dB
dBc
dBc
dBc
dBc
dBc
Typ.
Max.
Unit
RF Characteristics


Número de pieza similar - CXA3050M

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cree, Inc
CXA3050 CREE-CXA3050 Datasheet
1Mb / 17P
   LED array expands Crees family of high flux, multi die integrated arrays
CXA3050-0000-000N00V40E8 CREE-CXA3050-0000-000N00V40E8 Datasheet
1Mb / 17P
   LED array expands Crees family of high flux, multi die integrated arrays
CXA3050-0000-000N00V427F CREE-CXA3050-0000-000N00V427F Datasheet
1Mb / 17P
   LED array expands Crees family of high flux, multi die integrated arrays
CXA3050-0000-000N00V427H CREE-CXA3050-0000-000N00V427H Datasheet
1Mb / 17P
   LED array expands Crees family of high flux, multi die integrated arrays
CXA3050-0000-000N00W20E6 CREE-CXA3050-0000-000N00W20E6 Datasheet
1Mb / 17P
   LED array expands Crees family of high flux, multi die integrated arrays
More results

Descripción similar - CXA3050M

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sony Corporation
CXA1929M SONY-CXA1929M Datasheet
326Kb / 18P
   TV RF MODULATOR/PLL
logo
Texas Instruments
TRF3722 TI1-TRF3722 Datasheet
2Mb / 67P
[Old version datasheet]   Quadrature Modulator with Integrated PLL and VCO
logo
Infineon Technologies A...
TDA6060XS INFINEON-TDA6060XS Datasheet
831Kb / 28P
   Video-Modulator with PLL
logo
Texas Instruments
TRF3722 TI-TRF3722_15 Datasheet
2Mb / 67P
[Old version datasheet]   TRF3722 Quadrature Modulator with Integrated PLL and VCO
logo
List of Unclassifed Man...
CXA1122AM ETC1-CXA1122AM Datasheet
39Kb / 1P
   RF MODULATOR
CXA8044Q ETC1-CXA8044Q Datasheet
37Kb / 2P
   BALANCED MODULATOR AND RF ENVELOPE DETECTOR
logo
Texas Instruments
TRF372017 TI1-TRF372017_16 Datasheet
1Mb / 60P
[Old version datasheet]   Integrated IQ Modulator PLL/VCO
TRF372017 TI1-TRF372017 Datasheet
2Mb / 62P
[Old version datasheet]   Integrated IQ Modulator PLL/VCO
logo
Panasonic Semiconductor
AN3117S PANASONIC-AN3117S Datasheet
71Kb / 7P
   RF modulator IC for VCR and VDP
logo
Sony Corporation
CXA1122AP SONY-CXA1122AP Datasheet
736Kb / 7P
   VTR RF Modulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com