Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CXA3067M Datasheet(PDF) 6 Page - Sony Corporation

No. de pieza CXA3067M
Descripción Electrónicos  Wide Band FSK Receiver
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SONY [Sony Corporation]
Página de inicio  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA3067M Datasheet(HTML) 6 Page - Sony Corporation

Back Button CXA3067M Datasheet HTML 2Page - Sony Corporation CXA3067M Datasheet HTML 3Page - Sony Corporation CXA3067M Datasheet HTML 4Page - Sony Corporation CXA3067M Datasheet HTML 5Page - Sony Corporation CXA3067M Datasheet HTML 6Page - Sony Corporation CXA3067M Datasheet HTML 7Page - Sony Corporation CXA3067M Datasheet HTML 8Page - Sony Corporation CXA3067M Datasheet HTML 9Page - Sony Corporation CXA3067M Datasheet HTML 10Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
—6—
CXA3067M
Pin
Symbol
Typical
Equivalent circuit
Description
No.
voltage (V)
24
25
27
26
28
29
30
RFIN
RFEM
MIXIN
RFVCC
REFSW
FSET3
FSET2
1.9
1.1
5.0
5.0
0.7
(OPEN)
2.5
(OPEN)
2.5
(OPEN)
RFVCC
26
MIX
25
27
233
5k
24
RFGND
23
11
29
9
20k
20k
DVCC
DGND
28
DVCC
DGND
11
9
11
9
20k
20k
DVCC
DGND
30
RFamp input.
Gain adjustment.
Normally, by-pass capacitor is
connected at pin 25 to GND.
RFamp output and mixer input.
Power supply for RFamp, mixer,
oscillator circuit.
Reference frequency selection.
Decoupling capacitor is
connected at pin 28 to GND
when reference frequency is
7.15909 MHz or 14.31818 MHz
and pin 28 is connected to GND
directly when reference
frequency is 7.15625 MHz or
14.3125 MHz.
The pin of channel selection.
The condition of pin 29 has
3 states.
Connect to 5 V source for “Hi”
selection and connect to GND for
“Low” selection and leave open.
The pin of channel selection.
The condition of pin 30 has
3 states.
Connect to 5 V source for “Hi”
selection and connect to GND for
“Low” selection and leave open.


Número de pieza similar - CXA3067M

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sony Corporation
CXA3067AM SONY-CXA3067AM Datasheet
415Kb / 24P
   Wide Band FSK Receiver
More results

Descripción similar - CXA3067M

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sony Corporation
CXA3067AM SONY-CXA3067AM Datasheet
415Kb / 24P
   Wide Band FSK Receiver
logo
Analog Devices
ADF7902BRUZ AD-ADF7902BRUZ Datasheet
447Kb / 12P
   ISM Band FSK Receiver IC
REV. 0
logo
List of Unclassifed Man...
RFM01 ETC2-RFM01 Datasheet
537Kb / 31P
   Universal ISM Band FSK Receiver
logo
Princeton Technology Co...
PT4330 PTC-PT4330 Datasheet
180Kb / 6P
   Low Power ISM Band FM/FSK Receiver
logo
List of Unclassifed Man...
SSRX3930 ETC-SSRX3930 Datasheet
142Kb / 7P
   LOW POWER ISM BAND FM/FSK RECEIVER IC
RX3930 ETC-RX3930 Datasheet
126Kb / 8P
   Low Power ISM-band FM/FSK Receiver IC
logo
Sanyo Semicon Device
LA7775M SANYO-LA7775M Datasheet
74Kb / 5P
   Wideband FSK Receiver
logo
List of Unclassifed Man...
RRF1-XXX-Y ETC2-RRF1-XXX-Y Datasheet
25Kb / 2P
   FSK Superhet Receiver
logo
LANSDALE Semiconductor ...
ML3356 LANSDALE-ML3356_08 Datasheet
276Kb / 9P
   Wideband FSK Receiver
logo
Motorola, Inc
MC3356 MOTOROLA-MC3356_1 Datasheet
211Kb / 8P
   Wideband FSK Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com